Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDE225K50CB Datasheet(PDF) 2 Page - Sharma Electro Components,Inc

Part # TDE225K50CB
Description  Tantalum Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

TDE225K50CB Datasheet(HTML) 2 Page - Sharma Electro Components,Inc

  TDE225K50CB Datasheet HTML 1Page - Sharma Electro Components,Inc TDE225K50CB Datasheet HTML 2Page - Sharma Electro Components,Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Cap
Cap
Case
DF%
DCL
PartNumber
Value Code
Size
(max)
(max)
µ F
@25°C
µ A
TDA105K20CB
1
105
A
4
0.5
TDA155K20CB
1.5
155
A
4
0.5
TDA225K20CB
2.2
225
A
6
0.5
TDB335K20CB
3.3
335
B
6
0.5
TDC475K20CB
4.7
475
C
6
0.7
TDD685K20CB
6.8
685
D
6
1.0
TDE106K20CB
10
106
E
8
1.6
TDF156K20CB
15
156
F
8
2.4
TDH226K20CB
22
226
H
8
3.5
TDJ336K20CB
33
336
J
8
5.2
TDK476K20CB
47
476
K
8
7.5
TDN686K20CB
68
686
N
8
10.8
TDN107K20CB
100
107
N
10
16.0
Cap
Cap
Case
DF%
DCL
PartNumber
Value Code
Size
(max)
(max)
µ F
@25°C
µ A
TDA105K25CB
1
105
A
4
0.5
TDA155K25CB
1.5
155
A
4
0.5
TDA225K25CB
2.2
225
A
6
0.5
TDB335K25CB
3.3
335
B
6
0.6
TDC475K25CB
4.7
475
C
6
0.9
TDD685K25CB
6.8
685
D
6
1.3
TDE106K25CB
10
106
E
8
2.0
TDF156K25CB
15
156
F
8
3.0
TDH226K25CB
22
226
H
8
4.4
TDJ336K25CB
33
336
J
8
6.6
TDM476K25CB
47
476
M
8
9.4
TDN686K25CB
68
686
N
8
13.6
Cap
Cap
Case
DF%
DCL
PartNumber
Value Code
Size
(max)
(max)
µ F
@25°C
µ A
TDA104K35CB
0.1
104
A
4
0.5
TDA154K35CB
0.15
154
A
4
0.5
TDA224K35CB
0.22
224
A
4
0.5
TDA334K35CB
0.33
334
A
4
0.5
TDA474K35CB
0.47
474
A
4
0.5
TDA684K35CB
0.68
684
A
4
0.5
TDA105K35CB
1
105
A
4
0.5
TDA155K35CB
1.5
155
A
4
0.5
TDB225K35CB
2.2
225
B
6
0.6
TDC335K35CB
3.3
335
C
6
0.9
TDE475K35CB
4.7
475
E
6
1.3
TDF685K35CB
6.8
685
F
6
1.9
TDF106K35CB
10
106
F
8
2.8
Cap
Cap
Case
DF%
DCL
PartNumber
Value Code
Size
(max)
(max)
µ F
@25°C
µ A
TDA104K50CB
0.1
104
A
4
0.5
TDA154K50CB
0.15
154
A
4
0.5
TDA224K50CB
0.22
224
A
4
0.5
TDA334K50CB
0.33
334
A
4
0.5
TDA474K50CB
0.47
474
A
4
0.5
TDB684K50CB
0.68
684
B
4
0.5
TDC105K50CB
1
105
C
4
0.5
TDD155K50CB
1.5
155
D
4
0.6
TDE225K50CB
2.2
225
E
6
0.8
TDF335K50CB
3.3
335
F
6
1.3
TDG475K50CB
4.7
475
G
6
1.8
TDH685K50CB
6.8
685
H
6
2.7
TDJ106K50CB
10
106
J
8
4.0
TDK156K50CB
15
156
K
8
6.0
TDL226K50CB
22
226
L
8
8.8
Cap
Cap
Case
DF%
DCL
PartNumber
Value Code
Size
(max)
(max)
µ F
@25°C
µ A
TDA335K06CB
3.3
335
A
6
0.5
TDA475K06CB
4.7
475
A
6
0.5
TDA685K06CB
6.8
685
A
6
0.5
TDB106K06CB
10
106
B
8
0.5
TDC156K06CB
15
156
C
8
0.7
TDD226K06CB
22
226
D
8
1.1
TDE336K06CB
33
336
E
8
1.6
TDF476K06CB
47
476
F
8
2.3
TDG686K06CB
68
686
G
8
3.4
TDH107K06CB
100
107
H
10
5.0
TDK157K06CB
150
157
K
10
7.5
TDM227K06CB
220
227
M
10
11.0
TDP337K06CB
330
337
P
10
16.6
Cap
Cap
Case
DF%
DCL
PartNumber
Value Code
Size
(max)
(max)
µ F
@25°C
µ A
TDA225K10CB
2.2
225
A
6
0.5
TDA335K10CB
3.3
335
A
6
0.5
TDA475K10CB
4.7
475
A
6
0.5
TDB685K10CB
6.8
685
B
8
0.5
TDC106K10CB
10
106
C
8
0.8
TDD156K10CB
15
156
D
8
1.2
TDE226K10CB
22
226
E
8
1.7
TDF336K10CB
33
336
F
8
2.6
TDG476K10CB
47
476
G
8
3.7
TDH686K10CB
68
686
H
10
5.4
TDK107K10CB
100
107
K
10
8.0
TDN157K10CB
150
157
N
10
12.0
TDP227K10CB
220
227
P
10
17.6
Cap
Cap
Case
DF%
DCL
PartNumber
Value Code
Size
(max)
(max)
µ F
@25°C
µ A
TDA155K16CB
1.5
155
A
4
0.5
TDA225K16CB
2.2
225
A
6
0.5
TDA335K16CB
3.3
335
A
6
0.5
TDB475K16CB
4.7
475
B
6
0.6
TDC685K16CB
6.8
685
C
6
0.8
TDD106K16CB
10
106
D
8
1.2
TDE156K16CB
15
156
E
8
1.9
TDF226K16CB
22
226
F
8
2.8
TDF336K16CB
33
336
F
8
4.2
TDJ476K16CB
47
476
J
8
6.0
TDL686K16CB
68
686
L
10
8.7
TDN107K16CB
100
107
N
10
12.8
TDN157K16CB
150
157
N
10
19.2
TD SERIES SPECIFICATIONS
6.3 VDC RATED VOLTAGE
SURGE VOLTAGE 8 VDC at 85°C and
5 VDC at 125°C
25 VDC RATED VOLTAGE
SURGE VOLTAGE 32 VDC at 85°C and
20 VDC at 125°C
20 VDC RATED VOLTAGE
SURGE VOLTAGE 25 VDC at 85°C and
16 VDC at 125°C
35 VDC RATED VOLTAGE
SURGE VOLTAGE 44 VDC at 85°C and
28 VDC at 125°C
50 VDC RATED VOLTAGE
SURGE VOLTAGE 63 VDC at 85°C and
40 VDC at 125°C
16 VDC RATED VOLTAGE
SURGE VOLTAGE 20 VDC at 85°C and
13 VDC at 125°C
10 VDC RATED VOLTAGE
SURGE VOLTAGE 13 VDC at 85°C and
8 VDC at 125°C
Cap
Cap
Case
DF%
DCL
PartNumber
Value Code
Size
(max)
(max)
µ F
@25°C
µ A
TDH156K35CB
15
156
H
8
4.2
TDK226K35CB
22
226
K
8
6.1
TDM336K35CB
33
336
M
8
9.2
TDN476K35CB
47
476
N
8
10.0
35 VDC RATED VOLTAGE (Continued)
SURGE VOLTAGE 44 VDC at 85°C and
28 VDC at 125°C
Note: Part numbers indicated are for
10%
tolerance parts with straight uneven leads
and 2.5mm lead spacing. Please refer to
ordering information for details of other
tolerances and lead styles.
Sharma Tantalum Capacitors
RoHS Compliant
Tel:(949)642-SECI
SECI Engineers & Buyers' Guide
Fax:(949)642-7327


Similar Part No. - TDE225K50CB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDE0160 STMICROELECTRONICS-TDE0160 Datasheet
180Kb / 8P
   7.5 NS TRIPLE HIGH VOLTAGE VIDEO AMPLIFIER
TDE0160 STMICROELECTRONICS-TDE0160 Datasheet
590Kb / 18P
   Proximity Detectors
TDE0160DP STMICROELECTRONICS-TDE0160DP Datasheet
180Kb / 8P
   7.5 NS TRIPLE HIGH VOLTAGE VIDEO AMPLIFIER
TDE0160FP STMICROELECTRONICS-TDE0160FP Datasheet
180Kb / 8P
   7.5 NS TRIPLE HIGH VOLTAGE VIDEO AMPLIFIER
TDE0160 STMICROELECTRONICS-TDE0160_05 Datasheet
590Kb / 18P
   Proximity Detectors
More results

Similar Description - TDE225K50CB

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491B106K016ZT KEMET-T491B106K016ZT Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum Tantalum Surface Mount Capacitors ??Standard Tantalum
logo
Sharma Electro Componen...
SAL SHARMA-SAL Datasheet
449Kb / 2P
   Tantalum Capacitors
SAJ SHARMA-SAJ Datasheet
459Kb / 3P
   Tantalum Capacitors
SAF SHARMA-SAF Datasheet
446Kb / 2P
   Tantalum Capacitors
SAH SHARMA-SAH Datasheet
450Kb / 2P
   Tantalum Capacitors
logo
Vishay Siliconix
135D826X9125K6 VISHAY-135D826X9125K6 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
135D566X9125K2 VISHAY-135D566X9125K2 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
logo
Kemet Corporation
T491B106M016AT KEMET-T491B106M016AT Datasheet
1Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
T491D106K020AT KEMET-T491D106K020AT Datasheet
488Kb / 1P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
T491X157K020AT KEMET-T491X157K020AT_15 Datasheet
1Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com