Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAFF336M20R401 Datasheet(PDF) 1 Page - Sharma Electro Components,Inc

Part # SAFF336M20R401
Description  Tantalum Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

SAFF336M20R401 Datasheet(HTML) 1 Page - Sharma Electro Components,Inc

  SAFF336M20R401 Datasheet HTML 1Page - Sharma Electro Components,Inc SAFF336M20R401 Datasheet HTML 2Page - Sharma Electro Components,Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INTRODUCTION
SAF Series molded Tantalum Chip Capacitors with Built-in fuse, are developed to
provide safety to the PCB by opening the circuit in case of abnormal voltage or current.
FEATURES:
HIGH HEAT RESISTANCE MAKES IT SUITABLE FOR ALL TYPES OF SOLDERING
FUSE CHARACTERISTICS DESIGNED TO PREVENT FIRE OR SMOKE
B, C & D CASE SIZES DESIGNED TO OPEN IN<100 SEC AT 1.5A OR<5SEC AT
5A. D & F CASE SIZES OPEN IN <5 SEC AT 5A.
(REFERENCE GRAPH G1 FOR FUSING TIME PATTERN.)
LOW ESR OF <2 OHMS AT 1MHZ LOW INDUCTANCE OF 5nH AT 200 MHz.
COMPONENTS MEET IEC SPEC QC 300801/US0001 AND EIA J RC- 3813 & JIS C
5102. REEL PACKING STDS - EIA J
RC-1009B /EIA 481/IEC 286-3. EPOXY
MOLDED COMPONENTS WITH CONSISTENT DIMENSIONS AND
SURFACE
FINISH.
ENGINEERED FOR AUTOMATIC ONSERTION.
COMPATIBLE WITH ALL POPULAR HIGH SPEED ASSEMBLY MACHINES.
GRAPH G1
CASE DIMENSIONS IN MILLIMETERS (INCHES)
CASE
EIA/IEC
L
W
H
l
a
B
3528
3.5 ±0.2
2.8 ±0.2
1.9 ±0.2
0.8 ±0.3
2.2 ±0.1
(0.138 ±0.008)
(0.110 ±0.008)
(0.075 ±0.008)
(0.031 ±0.012)
(0.087 ±0.004)
C
6032
6.0 ±0.3
3.2 ±0.3
2.5 ±0.3
1.3 ±0.3
2.2 ±0.1
(0.236 ±0.012)
(0.126 ±0.012)
(0.098 ±0.012)
(0.051 ±0.012)
(0.087±0.004)
D
7343
7.3 ±0.3
4.3 ±0.3
2.8 ±0.3
1.3 ±0.3
2.4 ±0.1
(0.287 ±0.012)
(0.170 ±0.012)
(0.110 ±0.012)
(0.051 ±0.012)
(0.095 ±0.004)
F
7358
7.3 ±0.3
5.8 ±0.3
3.5 ±0.3
1.3 ±0.3
3.5 ±0.2
(0.287 ±0.012)
(0.228 ±0.012)
(0.138 ±0.012)
(0.052 ±0.012)
(0.138 ±0.008)
FUSING TIME
SAF SERIES
GENERAL SPECIFICATIONS
CAPACITANCE RANGE: 1.0µF to 68µF. VOLTAGE RANGE: 10VDC to 50VDC.
CAPACITANCE TOLERANCE: ±20%(M), ±10%(K), ( ±5%(J) - UPON REQUEST)
TEMPERATURE RANGE: -55 to +125°C with DERATING ABOVE 85°C
ENVIRONMENTAL CLASSIFICATION: 55/125/56(IEC68-2)
DISSIPATION FACTOR: 0.1µF to 1µF 4% Max 1.5 µF to 22 µF 5% MAX, 33µF 8%
Max. LEAKAGE CURRENT: NOT MORE THAN 0.01CV µA or 0.5 µA WHICHEVER
IS GREATER FAILURE RATE: 1% PER 1000 HRS.
SAH SERIES RATINGS AND CASE CODES
CAPACITANCE
RATED VOLTAGE DC at 85 °C
CODE
µF
4V
6.3V
10V
16V
20V
25V
35V
50V
104
0.1
A
A
154
0.15
A
B
224
0.22
A
B
334
0.33
A
B
474
0.47
A
B
C
684
0.68
A
B
C
105
1.0
A
B
C
155
1.5
A
B
C
D2, D
225
2.2
A
B
C
D2, D
335
3.3
A
B
C
475
4.7
B
C
D2, D
685
6.8
B
C
D2, D
106
10
B
C
D2, D
156
15
C
D2, D
226
22
C
D2, D
336
33
C
D2, D
476
47
D2, D
686
68
D2, D
WITH
BUILT-IN
FUSE
LIFE TEST DETAILS
CAPACITORS SHALL WITHSTAND RATED DC VOLTAGE APPLIED
AT 85°C FOR 2000 HRS. OR DERATED DC VOLTAGE APPLIED AT
125°C FOR 1000 HRS.
AFTER THE TEST:
1. CAPACITANCE CHANGE SHALL NOT EXCEED ±10% OF
INITIAL VALUE.
2. DISSIPATION FACTOR SHALL BE WITHIN THE NORMAL
SPECIFIED LIMITS.
3. DC LEAKAGE CURRENT SHALL BE WITHIN 125% OF
NORMAL LIMIT.
4. NO REMARKABLE CHANGE IN APPEARANCE. MARKINGS
TO REMAIN LEGIBLE.
Sharma Tantalum Capacitors
RoHS Compliant
Tel:(949)642-SECI
SECI Engineers & Buyers' Guide
Fax:(949)642-7327


Similar Part No. - SAFF336M20R401

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SAFFB1G17AA0F0A MURATA1-SAFFB1G17AA0F0A Datasheet
427Kb / 8P
   SAW Single Filter for GPS / Unbalanced / 5pin /1109
SAFFB1G17AB0F0A MURATA1-SAFFB1G17AB0F0A Datasheet
493Kb / 8P
   SAW Single Filter for GPS / Unbalanced / 5pin /1109
SAFFB1G18AA0F0A MURATA1-SAFFB1G18AA0F0A Datasheet
775Kb / 8P
   SAW Single Filter for GPS_GALILEO / Unbalanced / 5pin /1109
SAFFB1G20AA0F0A MURATA1-SAFFB1G20AA0F0A Datasheet
447Kb / 8P
   SAW Single Filter for GPS_GLONASS_GALILEO / Unbalanced / 5pin /1109
SAFFB1G43KA0F0A MURATA1-SAFFB1G43KA0F0A Datasheet
221Kb / 8P
   SAW FILTER FOR Band11
May. 18, 2017
More results

Similar Description - SAFF336M20R401

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491B106K016ZT KEMET-T491B106K016ZT Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum Tantalum Surface Mount Capacitors ??Standard Tantalum
logo
Sharma Electro Componen...
SAL SHARMA-SAL Datasheet
449Kb / 2P
   Tantalum Capacitors
SAJ SHARMA-SAJ Datasheet
459Kb / 3P
   Tantalum Capacitors
TDA335K06CB SHARMA-TDA335K06CB Datasheet
446Kb / 2P
   Tantalum Capacitors
SAH SHARMA-SAH Datasheet
450Kb / 2P
   Tantalum Capacitors
logo
Vishay Siliconix
135D826X9125K6 VISHAY-135D826X9125K6 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
135D566X9125K2 VISHAY-135D566X9125K2 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
logo
Kemet Corporation
T491B106M016AT KEMET-T491B106M016AT Datasheet
1Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
T491D106K020AT KEMET-T491D106K020AT Datasheet
488Kb / 1P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
T491X157K020AT KEMET-T491X157K020AT_15 Datasheet
1Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com