Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SX30U-15S Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SX30U-15S
Description  30 Watt, 120 VAC Input Fully Enclosed Switchiing Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SX30U-15S Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SX30U-15S Datasheet HTML 1Page - List of Unclassifed Manufacturers SX30U-15S Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
47
MODEL
SX30U-05S
SX30U-12S
SX30U-15S
SX30U-24S
OUTPUT VOLTAGE
5 VDC
12 VDC
15 VDC
24 VDC
OUTPUT CURRENT
6.0 A
2.6 A
2.1 A
1.4 A
EFFICIENCY (TYP)
72%
76%
77%
79%
LINE REGULATION
20 mV
30 mV
30 mV
30 mV
LOAD REGULATION
40 mV
60 mV
60 mV
60 mV
RIPPLE NOISE
150 mVp-p
150 mVp-p
150 mVp-p
150 mVp-p
Series
Series
NOTE:
All specifications typical and nominal / full load and 25˚C unless otherwise noted.
Mounting screw lenght should not exceed 0.24 inches or 6 mm.
Avoid sustained operation in overload or dead short conditions.
Specifications subject to changes without notice.
• No. 6-32 mounting holes standard
• Dimensions in mm
• Terminal block or “pin”
type connector available
SX30U


Similar Part No. - SX30U-15S

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
SX30U-15S VOLGEN-SX30U-15S Datasheet
380Kb / 2P
   30 Watttt,, 120 VAC IInputt Fulllly Encllosed Swiittchiing Powerr Supplly
More results

Similar Description - SX30U-15S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SX15U ETC1-SX15U Datasheet
361Kb / 2P
   15 Watt,120 VAC Input Fully Enclosed Switchiing Power Supply
SX50U ETC1-SX50U Datasheet
371Kb / 2P
   50 Watt, 120 VAC Inputt Fully Enclosed Switchiing Power Supply
SX100U ETC1-SX100U Datasheet
548Kb / 3P
   100 & 150 Watt, 120 VAC Input Fully Enclosed Switching Power Supply
SPN30-05S ETC2-SPN30-05S Datasheet
315Kb / 2P
   30 WATT, Universal Input Fully Enclosed Switching Power Supply
logo
Volgen Kaga Electronics...
SPN30 VOLGEN-SPN30 Datasheet
315Kb / 2P
   30 WATT, Universal Input Fully Enclosed Switching Power Supply
logo
List of Unclassifed Man...
SPN100 ETC1-SPN100 Datasheet
203Kb / 2P
   100 WATT, Universal Input Fully Enclosed Switching Power Supply
SPN15 ETC1-SPN15 Datasheet
320Kb / 2P
   15 WATT, Universal Input Fully Enclosed Switching Power Supply
SPN50 ETC1-SPN50 Datasheet
311Kb / 2P
   50 WATT, Universal Input Fully Enclosed Switching Power Supply
SP15U ETC1-SP15U Datasheet
195Kb / 2P
   15-WATT, Universal Input Fully Enclosed Switching Power Supply
logo
Volgen Kaga Electronics...
SPN15 VOLGEN-SPN15 Datasheet
320Kb / 2P
   15 WATT, Universal Input Fully Enclosed Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com