Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAQ2909FB Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MAQ2909FB
Description  RADIATION HARD MICROPROGRAM SEQUENCER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MAQ2909FB Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MAQ2909FB Datasheet HTML 1Page - List of Unclassifed Manufacturers MAQ2909FB Datasheet HTML 2Page - List of Unclassifed Manufacturers MAQ2909FB Datasheet HTML 3Page - List of Unclassifed Manufacturers MAQ2909FB Datasheet HTML 4Page - List of Unclassifed Manufacturers MAQ2909FB Datasheet HTML 5Page - List of Unclassifed Manufacturers MAQ2909FB Datasheet HTML 6Page - List of Unclassifed Manufacturers MAQ2909FB Datasheet HTML 7Page - List of Unclassifed Manufacturers MAQ2909FB Datasheet HTML 8Page - List of Unclassifed Manufacturers MAQ2909FB Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
MA2909/11
4
Cycle
N
N + 1
N
N + 1
N
N + 1
N
N + 1
N
N + 1
N
N + 1
N
N + 1
N
N + 1
N
N + 1
N
N + 1
N
N + 1
N
N + 1
S1
S0
FE PUP
L
L
L
L
-
L
L
L
H
-
L
L
H
X
-
L
H
L
L
-
L
H
L
H
-
L
H
H
X
-
H
L
L
L
-
H
L
L
H
-
H
L
H
X
-
H
H
L
L
-
H
H
L
H
-
H
H
H
X
-
µPC
J
J + 1
J
J + 1
J
J + 1
J
K + 1
J
K + 1
J
K + 1
J
Ra + 1
J
Ra + 1
J
Ra + 1
J
D + 1
J
D + 1
J
D + 1
REG
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
STK0
Ra
Rb
Ra
J
Ra
Ra
Ra
Rb
Ra
J
Ra
Ra
Ra
Rb
Ra
J
Ra
Ra
Ra
Rb
Ra
J
Ra
Ra
STK1
Rb
Rc
Rb
Ra
Rb
Rb
Rb
Rc
Rb
Ra
Rb
Rb
Rb
Rc
Rb
Ra
Rb
Rb
Rb
Rc
Rb
Ra
Rb
Rb
STK2
Rc
Rd
Rc
Rb
Rc
Rc
Rc
Rd
Rc
Rb
Rc
Rc
Rc
Rd
Rc
Rb
Rc
Rc
Rc
Rd
Rc
Rb
Rc
Rc
STK3
Rd
Ra
Rd
Rc
Rd
Rd
Rd
Ra
Rd
Rc
Rd
Rd
Rd
Ra
Rd
Rc
Rd
Rd
Rd
Ra
Rd
Rc
Rd
Rd
Principal Use
End Loop
Set-up Loop
Continue
End Loop
JSR AR
JMP AR
RTS
Stack Ref
(Loop)
End Loop
JSR D
JMP D
1 = High, 0 = Low, X = Irrelevant, Assume Cn = High
Note: STK0 is the location addressed by the stack pointer
Table 2: Output and Internal Next-Cycle Register States for 2909/2911
Table 3 (Page 5) illustrates the execution of a subroutine
using the 2909. The configuration of Figure 2 is assumed. The
instruction being executed at any given time is the one
contained in the microword register (µWR). The contents of the
µWR also control (indirectly, perhaps) the four signals S0, S1,
FE, and PUP. The starting address of the subroutine is applied
to the D inputs of the 2909 at the appropriate time.
In the column on the left is the sequence of
microinstructions to be executed. At address J+2, the
sequence control portion of the microinstruction contains the
command “Jump to subroutine at A”.
At the time T2, this instruction is in the µWR, and the 2909
inputs are set-up to execute the jump and save the return
address. The subroutine address A is applied to the D inputs
from the µWR and appears on the Y outputs. The first
instruction of the subroutine, I(A), is accessed and is at the
inputs of the µWR. On the next clock transition, l(A) is loaded
into the µWR for execution, and the return address J + 3 is
pushed on to the stack. The return instruction is executed at
T5. Table 4 is a similar timing chart showing one subroutine
linking to a second, the latter consisting of only one
microinstruction.
YOUT
J
-
J
-
J
-
K
-
K
-
K
-
Ra
-
Ra
-
Ra
-
D
-
D
-
D
-
Comment
Pop Stack
Push µPC
Continue
Pop Stack;
Use AR for Address
Push µPC;
Jump to Address in AR
Jump to Address in AR
Jump to Address in
STK0; Pop Stack
Jump to Address in
STK0; Push µPC
Jump to Address in
STK0
Pop Stack;
Jump to Address on D
Jump to Address on D;
Push µPC
Jump to Address on D


Similar Part No. - MAQ2909FB

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MAQ2901CB ZARLINK-MAQ2901CB Datasheet
261Kb / 13P
   RADIATION HARD 4-BIT MICROPROCESSOR SLICE
MAQ2901CC ZARLINK-MAQ2901CC Datasheet
261Kb / 13P
   RADIATION HARD 4-BIT MICROPROCESSOR SLICE
MAQ2901CD ZARLINK-MAQ2901CD Datasheet
261Kb / 13P
   RADIATION HARD 4-BIT MICROPROCESSOR SLICE
MAQ2901CE ZARLINK-MAQ2901CE Datasheet
261Kb / 13P
   RADIATION HARD 4-BIT MICROPROCESSOR SLICE
MAQ2901CL ZARLINK-MAQ2901CL Datasheet
261Kb / 13P
   RADIATION HARD 4-BIT MICROPROCESSOR SLICE
More results

Similar Description - MAQ2909FB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MA2910 ETC1-MA2910 Datasheet
201Kb / 16P
   RADIATION HARD MICROPROGRAM CONTROLLER
logo
Advanced Micro Devices
AM2911A AMD-AM2911A Datasheet
1Mb / 28P
   MICROPROGRAM SEQUENCER BLOCK DIAGRAM
AM29112 AMD-AM29112 Datasheet
1Mb / 19P
   A High-Performance 8-Bit Slice Microprogram Sequencer
logo
Dynex Semiconductor
MA7001 DYNEX-MA7001 Datasheet
144Kb / 15P
   Radiation Hard 512x9 Bit FIFO
logo
InnovASIC, Inc
IA2910A INNOVASIC-IA2910A Datasheet
162Kb / 19P
   Microprogram Controller
IA2910A INNOVASIC-IA2910A_08 Datasheet
681Kb / 21P
   Microprogram Controller
logo
Dynex Semiconductor
MA28151 DYNEX-MA28151 Datasheet
186Kb / 22P
   Radiation hard Programmable Communication Interface
MA28155 DYNEX-MA28155 Datasheet
214Kb / 20P
   Radiation Hard Programmable Peripheral Interface
logo
Infineon Technologies A...
BUY65CS28A-01 INFINEON-BUY65CS28A-01 Datasheet
554Kb / 10P
   650V Radiation Hard power MOSFET
Issue 2, September 2020
BUY65CS08J-01 INFINEON-BUY65CS08J-01 Datasheet
551Kb / 10P
   650V Radiation Hard power MOSFET
Issue 2, October 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com