Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WIW1024-T-504 Datasheet(PDF) 1 Page - Sharma Electro Components,Inc

Part # WIW1024-T-504
Description  Trimming Potentiometer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

WIW1024-T-504 Datasheet(HTML) 1 Page - Sharma Electro Components,Inc

  WIW1024-T-504 Datasheet HTML 1Page - Sharma Electro Components,Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Electrical Characteristics
Standard Resistance Range
100 to 2 meg ohms
(see standard resistance table)
Resistance Tolerance
10% std.
(tighter tolerance available)
Absolute Minimum Resistance
1% or 5 ohms max.
(whichever is greater)
Contact Resistance Variation
4% or 4 ohms max.
(whichever is greater)
Resolution
Infinite
Insulation Resistance
500 vdc
1,000 meg ohms min.
Dielectric Strength
101.3 kPa 900 vac
8.5 kPa 350 vac
Effective Travel
22 turns nom.
Environmental Characteristics
Power Rating (300 volts max.)
0.5 watt (70
) , 0 watt (125
)
Temperature Range
-55
to +125
Temperature Coefficient
100ppm/
Vibration
98 m/s
2
(1%
TR; 1%
VR)
Shock
490 m/s
2
(1%
TR; 1%
VR)
Load Life
1,000 hours 0.5 watt @ 70
(5%
TR; 8% or 8 ohms, Whichever is
greater ,CRV)
Rotational Life
200 cycles
(5%
TR; 8% or 8 ohms, Whichever is
greater ,CRV)
Physical Characteristics
Mechanical Angle
35 turns nom.
Torque
30 mN
m max.
Features
1-1/4” Rectangular / Multi-turns
Cermet / Industrial / Sealed
Types (L,P,Y,T most popular)
How to order
WIW1024
P
102
Model
Style
Resistance Code
standard Resistance Table
Resistance
(
)
Resistance
Code
100
200
500
1,000
2,000
5,000
10,000
20,000
25,000
50,000
100,000
200,000
250,000
500,000
1,000,000
2,000,000
101
201
501
102
202
502
103
203
253
503
104
204
254
504
105
205
Special resistance available
Detail Specification: Q/RY503-2002
WIW1024(3059)
Trimming Potentiometer
Sharma Potentiometers
Tel:(949)642-SECI
SECI Engineers & Buyers' Guide
Fax:(949)642-7327
Style Code


Similar Part No. - WIW1024-T-504

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WIW1028 ETC1-WIW1028 Datasheet
748Kb / 1P
   Trimmer Potentiometer
logo
Sharma Electro Componen...
WIW1028 SHARMA-WIW1028 Datasheet
748Kb / 1P
   Trimmer Potentiometer
logo
List of Unclassifed Man...
WIW1028-E-101 ETC1-WIW1028-E-101 Datasheet
748Kb / 1P
   Trimmer Potentiometer
WIW1028-E-102 ETC1-WIW1028-E-102 Datasheet
748Kb / 1P
   Trimmer Potentiometer
WIW1028-E-103 ETC1-WIW1028-E-103 Datasheet
748Kb / 1P
   Trimmer Potentiometer
More results

Similar Description - WIW1024-T-504

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TC73 BOURNS-TC73 Datasheet
119Kb / 1P
   Trimming Potentiometer
RJ26FW202 BOURNS-RJ26FW202 Datasheet
136Kb / 1P
   Trimming Potentiometer
RJ26FW202 BOURNS-RJ26FW202_13 Datasheet
203Kb / 1P
   Trimming Potentiometer
3313-3 BOURNS-3313-3 Datasheet
281Kb / 2P
   Trimming Potentiometer
3266 BOURNS-3266 Datasheet
156Kb / 2P
   Square Trimming Potentiometer
logo
DB Lectro Inc
3296-P-100 DBLECTRO-3296-P-100 Datasheet
433Kb / 1P
   Square Trimming Potentiometer
logo
Bourns Electronic Solut...
3006 BOURNS-3006 Datasheet
131Kb / 1P
   Trimpot Trimming Potentiometer
3057 BOURNS-3057 Datasheet
117Kb / 1P
   Trimpot Trimming Potentiometer
3309-9 BOURNS-3309-9 Datasheet
132Kb / 2P
   Round Trimming Potentiometer
RJ24FL202 BOURNS-RJ24FL202 Datasheet
169Kb / 1P
   Square Trimming Potentiometer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com