Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P1596L-33-TA5-T Datasheet(PDF) 6 Page - Unisonic Technologies

Part # P1596L-33-TA5-T
Description  150KHZ, 1.5A PWM BUCK DC/DC CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

P1596L-33-TA5-T Datasheet(HTML) 6 Page - Unisonic Technologies

  P1596L-33-TA5-T Datasheet HTML 1Page - Unisonic Technologies P1596L-33-TA5-T Datasheet HTML 2Page - Unisonic Technologies P1596L-33-TA5-T Datasheet HTML 3Page - Unisonic Technologies P1596L-33-TA5-T Datasheet HTML 4Page - Unisonic Technologies P1596L-33-TA5-T Datasheet HTML 5Page - Unisonic Technologies P1596L-33-TA5-T Datasheet HTML 6Page - Unisonic Technologies P1596L-33-TA5-T Datasheet HTML 7Page - Unisonic Technologies P1596L-33-TA5-T Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
P1596
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 8
www.unisonic.com.tw
QW-R103-027,B
TYPICAL APPLICATION
FOR FIXED OUTPUT VOLTAGE VERSIONS
For 5 PIN:
Co
Capacitor
3.3V/1.5A
Output Load
L1
Inductor
OUTPUT
D1
Schottky Diode
GND
UTC
P1596 -XX
1
2
VIN
FB
+
+
12V
DC Input
CIN
Capacitor
5
SD
3
4
For 4 PIN:
Co
Capacitor
3.3V/1.5A
Output Load
L1
Inductor
OUTPUT
D1
Schottky Diode
GND
UTC
P1596 -XX
1
4
2
3
VIN
FB
+
+
12V
DC Input
CIN
Capacitor


Similar Part No. - P1596L-33-TA5-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
P1596 UTC-P1596_15 Datasheet
358Kb / 7P
   LINEAR INTEGRATED CIRCUIT
More results

Similar Description - P1596L-33-TA5-T

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1515 ANACHIP-AP1515 Datasheet
156Kb / 6P
   150KHz, 1.5A PWM Buck DC/DC Converter
AP1515 ANACHIP-AP1515_1 Datasheet
196Kb / 9P
   150KHz, 1.5A PWM Buck DC/DC Converter
AP1501A ANACHIP-AP1501A Datasheet
182Kb / 11P
   150Khz, 5A PWM Buck DC/DC Converter
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
AP1501A DIODES-AP1501A Datasheet
231Kb / 12P
   150KHz, 5A PWM BUCK DC/DC CONVERTER
AP1501A Rev. 7
AP1509 DIODES-AP1509_10 Datasheet
213Kb / 13P
   150KHz, 2A PWM BUCK DC/DC CONVERTER
DS31016 Rev. 4 - 2
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
HTC Korea TAEJIN Techno...
TJ1509A HTC-TJ1509A Datasheet
795Kb / 8P
   150kHz, 2A PWM Buck DC/DC Converter
logo
Orister Corporation
RS1509 ORISTER-RS1509 Datasheet
204Kb / 8P
   150KHz, 2A PWM Buck DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com