Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BT148W-500R Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BT148W-500R
Description  Thyristors logic level
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BT148W-500R Datasheet(HTML) 6 Page - NXP Semiconductors

  BT148W-500R Datasheet HTML 1Page - NXP Semiconductors BT148W-500R Datasheet HTML 2Page - NXP Semiconductors BT148W-500R Datasheet HTML 3Page - NXP Semiconductors BT148W-500R Datasheet HTML 4Page - NXP Semiconductors BT148W-500R Datasheet HTML 5Page - NXP Semiconductors BT148W-500R Datasheet HTML 6Page - NXP Semiconductors BT148W-500R Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Philips Semiconductors
Product specification
Thyristors
BT148W series
logic level
MECHANICAL DATA
Dimensions in mm
Net Mass: 0.11 g
Fig.15. SOT223 surface mounting package.
Notes
1. For further information, refer to Philips publication SC18 " SMD Footprint Design and Soldering Guidelines".
Order code: 9397 750 00505.
2. Epoxy meets UL94 V0 at 1/8".
6.7
6.3
3.1
2.9
4
1
23
2.3
1.05
0.85
0.80
0.60
4.6
3.7
3.3
7.3
6.7
B
A
0.10
0.02
13
16
max
1.8
max
10
max
0.32
0.24
(4x)
B
M
0.1
A
M
0.2
October 1997
6
Rev 1.300


Similar Part No. - BT148W-500R

ManufacturerPart #DatasheetDescription
logo
WeEn Semiconductors
BT148W-600R WEEN-BT148W-600R Datasheet
203Kb / 13P
   SCR
More results

Similar Description - BT148W-500R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT258S-800R PHILIPS-BT258S-800R Datasheet
49Kb / 6P
   Thyristors logic level
October 2002-Rev 2.000
BT150S PHILIPS-BT150S Datasheet
49Kb / 6P
   Thyristors logic level
October 1997 Rev 1.100
logo
Guangdong Kexin Industr...
BT169DW KEXIN-BT169DW Datasheet
79Kb / 2P
   Thyristors logic level
logo
Tiger Electronic Co.,Lt...
C106M TGS-C106M Datasheet
57Kb / 1P
   Thyristors logic level
BT169D TGS-BT169D Datasheet
152Kb / 1P
   Thyristors logic level
logo
NXP Semiconductors
BT169 PHILIPS-BT169 Datasheet
67Kb / 12P
   Thyristors logic level
Rev. 04-23 August 2004
BT148 PHILIPS-BT148 Datasheet
43Kb / 6P
   Thyristors logic level
October 1997 Rev 1.300
BT149 PHILIPS-BT149 Datasheet
42Kb / 6P
   Thyristors logic level
September 1997 Rev 1.200
BT258 PHILIPS-BT258 Datasheet
44Kb / 6P
   Thyristors logic level
October 1997 Rev 1.200
BT258U PHILIPS-BT258U Datasheet
51Kb / 6P
   Thyristors logic level
March 1999 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com