Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P1596L-50-TN5-T Datasheet(PDF) 4 Page - Unisonic Technologies

Part # P1596L-50-TN5-T
Description  150KHZ, 1.5A PWM BUCK DC/DC CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

P1596L-50-TN5-T Datasheet(HTML) 4 Page - Unisonic Technologies

  P1596L-50-TN5-T Datasheet HTML 1Page - Unisonic Technologies P1596L-50-TN5-T Datasheet HTML 2Page - Unisonic Technologies P1596L-50-TN5-T Datasheet HTML 3Page - Unisonic Technologies P1596L-50-TN5-T Datasheet HTML 4Page - Unisonic Technologies P1596L-50-TN5-T Datasheet HTML 5Page - Unisonic Technologies P1596L-50-TN5-T Datasheet HTML 6Page - Unisonic Technologies P1596L-50-TN5-T Datasheet HTML 7Page - Unisonic Technologies P1596L-50-TN5-T Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
P1596
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 8
www.unisonic.com.tw
QW-R103-027,B
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Maximum Supply Voltage
VCC
24
V
Operating Voltage
VOPR
4.5 ~ 22
V
ON/OFF Pin Input Voltage
VON/OFF
-0.3 ~ +18
V
Feedback Pin Voltage
VFB
-0.3 ~ +18
V
Output Voltage to Ground (Steady State)
VOUT
-1
V
Power Dissipation
PD
Internally limited
W
Temperature Range
TOPR
-40 ~ +125
Storage Temperature Range
TSTG
-65 ~ +150
Note Absolute maximum ratings are those values beyond which the device which the device could be permanently
damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS
(TJ=25℃, VIN=12V for 2.5V, 3.3V, 5V, ADJ and VIN=18V for the 12V, ILOAD=0.5A, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
2.5V
3.8V≦VIN≦22V, 0.2A≦ILOAD≦1.5A
2.4
2.5
2.6
V
3.3V
4.75V≦VIN≦22V, 0.2A≦ILOAD≦1.5A
3.168
3.3
3.432
V
Output Voltage
5.0V
VOUT
7V≦VIN≦22V, 0.2A≦ILOAD≦1.5A
4.8
5.0
5.2
V
2.5V
VIN=12V, ILOAD=1.5A
73
%
3.3V
VIN=12V, ILOAD=1.5A
73
%
Efficiency
5.0V
η
VIN=12V, ILOAD=1.5A
80
%
UTC P1596-ADJ
Output Feedback
VFB
4.75V≦VIN≦22V, 0.2A≦ILOAD≦1.5A
VOUT Programmed for 3V
1.193
1.23 1.267
V
Efficiency
η
VIN=12V, ILOAD=1.5A
78
%
ALL OUTPUT VOLTAGE
Feedback Bias Current
IBIAS
Adjustable Version Only, VFB=1.3V
-10
-50
nA
Oscillator Frequency
fOSC
127
150
173
KHz
Saturation Voltage
VSAT
IOUT=1.5A, No outside circuit
VFB=0V force driver on
1.25
1.4
V
Max
VFB=0V force driver on
100
Duty Cycle
Min
DC
VFB=12V force driver off
0
%
Current Limit
ILIMIT
Peak Current, No outside circuit
VFB=0V force driver on
2
A
Output=0V, No outside circuit
VFB=12V force driver off
-200
µA
Output Leakage Current
ILEAK
Output=-1V, VIN=12V
-5
mA
Quiescent Current
IQ
VFB=12V force driver off
5
10
mA
Standby Quiescent Current
ISTBY
ON/OFF Pin=5V, VIN=22V
70
150
µA


Similar Part No. - P1596L-50-TN5-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
P1596 UTC-P1596_15 Datasheet
358Kb / 7P
   LINEAR INTEGRATED CIRCUIT
More results

Similar Description - P1596L-50-TN5-T

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1515 ANACHIP-AP1515 Datasheet
156Kb / 6P
   150KHz, 1.5A PWM Buck DC/DC Converter
AP1515 ANACHIP-AP1515_1 Datasheet
196Kb / 9P
   150KHz, 1.5A PWM Buck DC/DC Converter
AP1501A ANACHIP-AP1501A Datasheet
182Kb / 11P
   150Khz, 5A PWM Buck DC/DC Converter
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
AP1501A DIODES-AP1501A Datasheet
231Kb / 12P
   150KHz, 5A PWM BUCK DC/DC CONVERTER
AP1501A Rev. 7
AP1509 DIODES-AP1509_10 Datasheet
213Kb / 13P
   150KHz, 2A PWM BUCK DC/DC CONVERTER
DS31016 Rev. 4 - 2
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
HTC Korea TAEJIN Techno...
TJ1509A HTC-TJ1509A Datasheet
795Kb / 8P
   150kHz, 2A PWM Buck DC/DC Converter
logo
Orister Corporation
RS1509 ORISTER-RS1509 Datasheet
204Kb / 8P
   150KHz, 2A PWM Buck DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com