Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT7134SA45FB Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT7134SA45FB
Description  HIGH-SPEED 4K x 8 DUAL-PORT STATIC SRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7134SA45FB Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT7134SA45FB Datasheet HTML 1Page - Integrated Device Technology IDT7134SA45FB Datasheet HTML 2Page - Integrated Device Technology IDT7134SA45FB Datasheet HTML 3Page - Integrated Device Technology IDT7134SA45FB Datasheet HTML 4Page - Integrated Device Technology IDT7134SA45FB Datasheet HTML 5Page - Integrated Device Technology IDT7134SA45FB Datasheet HTML 6Page - Integrated Device Technology IDT7134SA45FB Datasheet HTML 7Page - Integrated Device Technology IDT7134SA45FB Datasheet HTML 8Page - Integrated Device Technology IDT7134SA45FB Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
JUNE 1999
DSC-2720/9
IDT7134SA/LA
HIGH-SPEED
4K x 8 DUAL-PORT
STATIC SRAM
Features
x
x
x
x
x
High-speed access
– Military: 25/35/45/55/70ns (max.)
– Industrial: 55ns (max.)
– Commercial: 20/25/35/45/55/70ns (max.)
x
x
x
x
x
Low-power operation
– IDT7134SA
Active: 700mW (typ.)
Standby: 5mW (typ.)
– IDT7134LA
Active: 700mW (typ.)
Standby: 1mW (typ.)
x
x
x
x
x
Fully asynchronous operation from either port
x
x
x
x
x
Battery backup operation—2V data retention
x
x
x
x
x
TTL-compatible; single 5V (±10%) power supply
x
x
x
x
x
Available in 48-pin DIP, LCC, Flatpack and 52-pin PLCC
x
x
x
x
x
Military product compliant to MIL-PRF-38535 QML
x
x
x
x
x
Industrial temperature range (–40°C to +85°C) is available for
selected speeds
Functional Block Diagram
COLUMN
I/O
COLUMN
I/O
MEMORY
ARRAY
LEFT SIDE
ADDRESS
DECODE
LOGIC
RIGHT SIDE
ADDRESS
DECODE
LOGIC
R/
WL
OEL
A0L-A11L
I/O0L-I/O7L
2720 drw 01
CEL
A0R-A11R
I/O0R-I/O7R
OER
CER
R/
WR
Description
The IDT7134 is a high-speed 4K x 8 Dual-Port Static RAM
designedtobeusedinsystemswhereon-chiphardwareportarbitration
is not needed. This part lends itself to those systems which cannot
tolerate wait states or are designed to be able to externally arbitrate or
withstand contention when both sides simultaneously access the
same Dual-Port RAM location.
TheIDT7134providestwoindependentportswithseparatecontrol,
address, and I/O pins that permit independent, asynchronous access
forreadsorwritestoanylocationinmemory.Itistheuser’sresponsibility
to ensure data integrity when simultaneously accessing the same
memory location from both ports. An automatic power down feature,
controlled by CE, permits the on-chip circuitry of each port to enter a
very low standby power mode.
FabricatedusingIDT’sCMOShigh-performancetechnology,these
Dual-Port typically operate on only 700mW of power. Low-power (LA)
versions offer battery backup data retention capability, with each port
typically consuming 200µW from a 2V battery.
The IDT7134 is packaged on either a sidebraze or plastic 48-pin
DIP, 48-pin LCC, 52-pin PLCC and 48-pin Flatpack. Military grade
product is manufactured in compliance with the latest revision of MIL-
PRF-38535 QML, making it ideally suited to military temperature
applicationsdemandingthehighestlevelofperformanceandreliability.


Similar Part No. - IDT7134SA45FB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7134SA45FB IDT-IDT7134SA45FB Datasheet
110Kb / 9P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM
More results

Similar Description - IDT7134SA45FB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
7134SA55J IDT-7134SA55J Datasheet
126Kb / 12P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC SRAM
IDT7134SA IDT-IDT7134SA_18 Datasheet
136Kb / 12P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC SRAM
IDT71342SA IDT-IDT71342SA_12 Datasheet
318Kb / 14P
   HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM
IDT7134SA IDT-IDT7134SA Datasheet
110Kb / 9P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C135 CYPRESS-CY7C135_05 Datasheet
400Kb / 12P
   4K x 8 Dual-Port Static RAM and 4K x 8 Dual-Port SRAM with Semaphores
CY7C135 CYPRESS-CY7C135 Datasheet
506Kb / 12P
   4K x 8 Dual-Port Static RAM and 4K x 8 Dual-Port SRAM with Semaphores
logo
Integrated Device Techn...
IDT7130SA IDT-IDT7130SA_18 Datasheet
205Kb / 21P
   HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
IDT7130SA55JI IDT-IDT7130SA55JI Datasheet
278Kb / 10P
   HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
IDT7130-LA55J IDT-IDT7130-LA55J Datasheet
278Kb / 10P
   HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
IDT7130SA IDT-IDT7130SA_16 Datasheet
936Kb / 21P
   HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com