Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPZ3046H-333 Datasheet(PDF) 8 Page - PCA ELECTRONICS INC.

Part # EPZ3046H-333
Description  AC Power Line Chokes
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPZ3046H-333 Datasheet(HTML) 8 Page - PCA ELECTRONICS INC.

Back Button EPZ3046H-333 Datasheet HTML 4Page - PCA ELECTRONICS INC. EPZ3046H-333 Datasheet HTML 5Page - PCA ELECTRONICS INC. EPZ3046H-333 Datasheet HTML 6Page - PCA ELECTRONICS INC. EPZ3046H-333 Datasheet HTML 7Page - PCA ELECTRONICS INC. EPZ3046H-333 Datasheet HTML 8Page - PCA ELECTRONICS INC. EPZ3046H-333 Datasheet HTML 9Page - PCA ELECTRONICS INC. EPZ3046H-333 Datasheet HTML 10Page - PCA ELECTRONICS INC. EPZ3046H-333 Datasheet HTML 11Page - PCA ELECTRONICS INC. EPZ3046H-333 Datasheet HTML 12Page - PCA ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 64 page
background image
E L E C T R O N I C S I N C .
AC Power Line Choke
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Used as AC Power Line Filters in CTV, VTR, Audios, PC’s,
Facsimilies and Power Supply Applications
• UL940-V Recognized Materials
• Temperature Rise : 45°C Max.
• UL1446 Insulating System
• 2000 Vrms Isolation
EPZ3040V-XXX
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSZ3040V-XXX
Rev. -
11/18/02
1.5
2.2
3.3
3.9
4.7
5.6
8.2
10
15
18
22
27
33
47
56
82
Inductance
(mH Min.)
[Pins 1-2, 4-3]
5.0
4.5
4.2
3.7
3.5
3.4
3.0
2.5
2.0
1.9
1.8
1.5
1.4
1.2
1.1
0.8
Current Rating
(A rms Max.)
EPZ3040V-152
EPZ3040V-222
EPZ3040V-332
EPZ3040V-392
EPZ3040V-472
EPZ3040V-562
EPZ3040V-822
EPZ3040V-103
EPZ3040V-153
EPZ3040V-183
EPZ3040V-223
EPZ3040V-273
EPZ3040V-333
EPZ3040V-473
EPZ3040V-563
EPZ3040V-823
Part
Number
Package
.591 ± .004
(15.00 ± .100)
.827 ± .004
(21.00 ± .100)
.088 Ø ± .004
(2.00 Ø ± .100)
Recommended PWB
Piercing Plan
1
2
4
3
Circuit Sample
AC Line
Schematic
1
4
2
3
1:1
Impedance Characteristics
10
1
KHz
10
KHz
100
KHz
0.1
1
100
1000
1
MHz
Frequency (Hz)
10
MHz
100
mH
33
mH
1.8
mH
8.2
mH
1.004 ± .039
(25.50 ± 1.00)
1.535 ± .039
(39.00 ± 1.00)
.591 ± .020
(15.00 ± .500)
.047 Ø ± .004
(1.20 Ø ± .100)
1.417 ± .039
(36.00 ± 1.00)
.157 ± .039
(4.00 ± 1.00)
.827 ± .020
(21.00 ± .500)
Marking :
PCA
EPZ3040V-XXX
D.C.
Reinforcement
Terminal
Reinforcement
Terminal Holes


Similar Part No. - EPZ3046H-333

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPZ3046H-333 PCA-EPZ3046H-333 Datasheet
38Kb / 1P
   AC Power Line Choke
EPZ3046H-333-LF PCA-EPZ3046H-333-LF Datasheet
38Kb / 1P
   AC Power Line Choke
More results

Similar Description - EPZ3046H-333

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82723A2501N001 EPCOS-B82723A2501N001 Datasheet
145Kb / 7P
   Power line chokes
B82747S4183N021 EPCOS-B82747S4183N021 Datasheet
144Kb / 6P
   Power line chokes
B82791G2251N020 EPCOS-B82791G2251N020 Datasheet
144Kb / 7P
   Power line chokes
B82720A EPCOS-B82720A Datasheet
111Kb / 6P
   Power line chokes
B82720S2301N042 EPCOS-B82720S2301N042 Datasheet
150Kb / 8P
   Power line chokes
B82625 EPCOS-B82625_10 Datasheet
115Kb / 7P
   Power line chokes
B82732W2901B30 EPCOS-B82732W2901B30 Datasheet
556Kb / 6P
   Power line chokes
logo
RENCO ELECTRONICS, INC.
RL-1282 RENCO-RL-1282 Datasheet
1Mb / 3P
   POWER LINE CHOKES
RL-1284 RENCO-RL-1284 Datasheet
1Mb / 3P
   POWER LINE CHOKES
logo
EPCOS
B82722J2301N002 EPCOS-B82722J2301N002 Datasheet
136Kb / 8P
   Power line chokes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com