Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPZ3047F-202 Datasheet(PDF) 6 Page - PCA ELECTRONICS INC.

Part # EPZ3047F-202
Description  AC Power Line Chokes
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPZ3047F-202 Datasheet(HTML) 6 Page - PCA ELECTRONICS INC.

Back Button EPZ3047F-202 Datasheet HTML 2Page - PCA ELECTRONICS INC. EPZ3047F-202 Datasheet HTML 3Page - PCA ELECTRONICS INC. EPZ3047F-202 Datasheet HTML 4Page - PCA ELECTRONICS INC. EPZ3047F-202 Datasheet HTML 5Page - PCA ELECTRONICS INC. EPZ3047F-202 Datasheet HTML 6Page - PCA ELECTRONICS INC. EPZ3047F-202 Datasheet HTML 7Page - PCA ELECTRONICS INC. EPZ3047F-202 Datasheet HTML 8Page - PCA ELECTRONICS INC. EPZ3047F-202 Datasheet HTML 9Page - PCA ELECTRONICS INC. EPZ3047F-202 Datasheet HTML 10Page - PCA ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 64 page
background image
E L E C T R O N I C S I N C .
Power Choke
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Used in Power AC Line Filters, AC-AC Converters
and Switching Power Supplies
• UL 94V-0 Recognized Components
• UL 1446 Class B Insulation System
• Meets or exceeds CSA/IEC/VDE/UL Specifications for
Creepage, Clearance and Dielectric Strength
• 50 Hz - 500 Hz Switching Frequency
• 3750 Vrms Isolation
• In EE25 Standard Package
EPZ3033-X
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
Temperature Rise
(°C Max.)
@ Max. Current
18
22
16
18
21
25
18
20
22
18
21
16
19
23
25
22
16
18
21
17
20
Schematic
2
49
7
L1
L2
Package
.830
(21.10)
.400
(10.20)
.175 (4.40)
1.070
(27.20)
.860
(21.80)
1.060
(26.90)
.025 Sq.
(.635)
92
74
.620
(15.75)
Part
Number
EPZ3033-332
EPZ3033-392
EPZ3033-472
EPZ3033-562
EPZ3033-682
EPZ3033-822
EPZ3033-103
EPZ3033-123
EPZ3033-153
EPZ3033-183
EPZ3033-223
EPZ3033-273
EPZ3033-333
EPZ3033-393
EPZ3033-473
EPZ3033-563
EPZ3033-683
EPZ3033-104
EPZ3033-124
EPZ3033-222
EPZ3033-154
DCR
(
Ω Max.)
.32
.40
.45
.50
.60
.70
.80
.90
1.0
1.3
1.5
1.8
2.2
2.6
2.8
4.0
5.0
5.5
6.4
7.8
9.0
Current Rating
(Amperes Max.)
1.1
1.1
.88
.88
.88
.88
.70
.70
.70
.55
.55
.44
.44
.44
.44
.35
.27
.27
.27
.27
.27
3.3
3.9
4.7
5.6
6.8
8.2
10
12
15
18
22
27
33
39
47
56
68
82
100
120
150
Inductance
(mH ± 25%)
@ 1 KHz
CSZ3033-Xb
Rev. 1
7/18/02


Similar Part No. - EPZ3047F-202

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPZ3047F-202 PCA-EPZ3047F-202 Datasheet
41Kb / 1P
   AC Power Line Choke
More results

Similar Description - EPZ3047F-202

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82723A2501N001 EPCOS-B82723A2501N001 Datasheet
145Kb / 7P
   Power line chokes
B82747S4183N021 EPCOS-B82747S4183N021 Datasheet
144Kb / 6P
   Power line chokes
B82791G2251N020 EPCOS-B82791G2251N020 Datasheet
144Kb / 7P
   Power line chokes
B82720A EPCOS-B82720A Datasheet
111Kb / 6P
   Power line chokes
B82720S2301N042 EPCOS-B82720S2301N042 Datasheet
150Kb / 8P
   Power line chokes
B82625 EPCOS-B82625_10 Datasheet
115Kb / 7P
   Power line chokes
B82732W2901B30 EPCOS-B82732W2901B30 Datasheet
556Kb / 6P
   Power line chokes
logo
RENCO ELECTRONICS, INC.
RL-1282 RENCO-RL-1282 Datasheet
1Mb / 3P
   POWER LINE CHOKES
RL-1284 RENCO-RL-1284 Datasheet
1Mb / 3P
   POWER LINE CHOKES
logo
EPCOS
B82722J2301N002 EPCOS-B82722J2301N002 Datasheet
136Kb / 8P
   Power line chokes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com