Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPI6L2252F2626 Datasheet(PDF) 6 Page - PCA ELECTRONICS INC.

Part # EPI6L2252F2626
Description  Contents Surface Mount Power Inductor
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPI6L2252F2626 Datasheet(HTML) 6 Page - PCA ELECTRONICS INC.

Back Button EPI6L2252F2626 Datasheet HTML 2Page - PCA ELECTRONICS INC. EPI6L2252F2626 Datasheet HTML 3Page - PCA ELECTRONICS INC. EPI6L2252F2626 Datasheet HTML 4Page - PCA ELECTRONICS INC. EPI6L2252F2626 Datasheet HTML 5Page - PCA ELECTRONICS INC. EPI6L2252F2626 Datasheet HTML 6Page - PCA ELECTRONICS INC. EPI6L2252F2626 Datasheet HTML 7Page - PCA ELECTRONICS INC. EPI6L2252F2626 Datasheet HTML 8Page - PCA ELECTRONICS INC. EPI6L2252F2626 Datasheet HTML 9Page - PCA ELECTRONICS INC. EPI6L2252F2626 Datasheet HTML 10Page - PCA ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
E L E C T R O N I C S I N C .
Surface Mount Power Inductor
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Used as a Sepic Inductor on T.I.’s TPS6113X Series
• Low loss material ensures operation in high frequency
switching converters, such as Buck, BoostCouple Inductor
or as Flyback Transformer
• Also suitable for use in high quality filter applications
• UL1446 Class B Insulating System
• UL94V-0 Recognized Materials
• 250 KHz Switching Frequency
EPI BSP30 Series
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Primary Specification
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSIXXXXXXBSP30
Rev. 4
5/5/04
363.4
90.8
269.7
67.4
190.0
47.5
130.8
32.7
88.1
22.0
62.8
15.7
41.6
10.4
22.0
5.51
10.4
2.61
8.6
2.15
363.4
90.8
Inductance
(µH ± 15%)
@ 0 Adc
DCR
(
Ω Typ.)
1.048
.262
.708
.177
.476
.119
.320
.080
.212
.053
.152
.038
.096
.024
.068
.017
.036
.009
.026
.0065
1.048
.262
I dc
(Amps)
0.65
1.30
0.75
1.50
0.90
1.80
1.08
2.16
1.32
2.64
1.56
3.12
1.92
3.84
2.60
5.20
3.60
7.20
4.15
8.30
.610
.850
Part Number
EPI900132BSP30
EPI670152BSP30
EPI470182BSP30
EPI330212BSP30
EPI220262BSP30
EPI150312BSP30
EPI100382BSP30
EPI5L5522BSP30
EPI2L6722BSP30
EPI2L1832BSP30
EPI331611BSP30
Series
Parallel
Series
Parallel
Series
Parallel
Series
Parallel
Series
Parallel
Series
Parallel
Series
Parallel
Series
Parallel
Series
Parallel
Series
Parallel
Series
Parallel
Connection
344.9
86.2
256.0
64.0
180.0
45.0
124.2
31.0
83.6
20.9
59.5
14.9
39.5
9.9
20.9
5.2
10.0
2.5
8.17
2.05
350
90
Inductance
(µH ± 15%)
@ Idc
ET
(V-µSec.)
@ 250 KHz
100.40
50.20
86.48
43.24
72.56
36.28
60.24
30.12
49.44
24.72
41.68
20.84
33.92
16.96
24.72
12.36
16.96
8.48
15.44
7.72
100.40
50.20
Package BSP30
PCA
EPIXXXXXXBSP30
D.C.
.215 Max.
(5.46)
.330
(8.38)
.410
(10.41)
.060
(1.52)
.175
(4.45)
1
4
2
3
.410
(10.41)
.500
Max.
(12.70)
.500
Max.
(12.70)
1
4
2
3
.330
(8.38)
Pin 1 I.D.
Input
TPS6113X
SWN
PGnd
FB
VBat
LBI
SKIPEN
Gnd
SWP
Control
Outputs
Vcc1
VOut
EN
LDOEN
PGOOD
LBO
LDOOUT
LDOIN
LDOSENSE
Vcc2
On
On
On
Off
Off
Off
Control
Inputs
L1
L2
Application
Schematic
2
14
3
L1
L2


Similar Part No. - EPI6L2252F2626

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPI6L2172KSP45L PCA-EPI6L2172KSP45L Datasheet
52Kb / 2P
   Surface Mount Power Inductor
EPI6L2172KSP45L-LF PCA-EPI6L2172KSP45L-LF Datasheet
52Kb / 2P
   Surface Mount Power Inductor
EPI6L2182F2222 PCA-EPI6L2182F2222 Datasheet
50Kb / 1P
   Surface Mount Power Inductor
More results

Similar Description - EPI6L2252F2626

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPI0L8103B44 PCA-EPI0L8103B44 Datasheet
58Kb / 1P
   Surface Mount Power Inductor
EPI1L7312B30 PCA-EPI1L7312B30 Datasheet
59Kb / 1P
   Surface Mount Power Inductor
EPI6L5972BH68 PCA-EPI6L5972BH68 Datasheet
33Kb / 1P
   Surface Mount Power Inductor
EPI0L3552KSP45L PCA-EPI0L3552KSP45L Datasheet
52Kb / 2P
   Surface Mount Power Inductor
EPI0L4592KSP45 PCA-EPI0L4592KSP45 Datasheet
59Kb / 2P
   Surface Mount Power Inductor
EPI1L4143BH44 PCA-EPI1L4143BH44 Datasheet
52Kb / 1P
   Surface Mount Power Inductor
EPI1L0303D PCA-EPI1L0303D Datasheet
40Kb / 1P
   Surface Mount Power Inductor
logo
Murata Manufacturing Co...
30000B MURATA-30000B Datasheet
175Kb / 3P
   Surface Mount Power Inductor
logo
PCA ELECTRONICS INC.
EPI100232G3229 PCA-EPI100232G3229 Datasheet
42Kb / 1P
   Surface Mount Power Inductor
logo
Murata Manufacturing Co...
3000B MURATA-3000B Datasheet
175Kb / 3P
   Surface Mount Power Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com