Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA3833 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA3833
Description  BTSC-stereo/SAP/DBX decoder and DBX expander
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3833 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA3833 Datasheet HTML 3Page - NXP Semiconductors TDA3833 Datasheet HTML 4Page - NXP Semiconductors TDA3833 Datasheet HTML 5Page - NXP Semiconductors TDA3833 Datasheet HTML 6Page - NXP Semiconductors TDA3833 Datasheet HTML 7Page - NXP Semiconductors TDA3833 Datasheet HTML 8Page - NXP Semiconductors TDA3833 Datasheet HTML 9Page - NXP Semiconductors TDA3833 Datasheet HTML 10Page - NXP Semiconductors TDA3833 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
September 1992
7
Philips Semiconductors
Product specification
BTSC-stereo/SAP/DBX decoder and DBX expander
TDA3833
SAP indication output (pin 6)
V6
output voltage range
SAP present
−−
0.5
V
SAP not present
VP-0.5
VP
V
I6
output current active LOW
SAP present
3
−−
mA
Audio outputs (pins 23 and 24)
Vo
output signal
(RMS value, pins 23 and 24)
see note 3
550
mV
output signal headroom
9.5
dB
∆VL,R
output signal difference between L and R f = 250 to 6300 Hz
−−
3dB
∆Vo
output signal difference after switching
from L or R to SAP
f = 250 to 6300 Hz
−−
3dB
∆V23,24
DC offset voltage after switching
stereo/mono/SAP
−−
±100
mV
R23,24
output resistance
200
300
RL
load resistance
10
−−
k
CL
load capacitance
−−
500
pF
THD
total harmonic distortion
L and R signal
0.2
%
SAP signal
0.5
%
B
L and R frequency response
f = 50 to 10000 Hz
12 kHz related to
1 kHz
−3
−−
dB
−−3
dB
SAP frequency response
f = 50 to 8000 Hz
−3
−−
dB
S/N(W)
weighted signal-to-noise ratio
L
+ R signal;
CCIR468-3
50
dB
S/N
unweighted signal-to-noise ratio
(RMS value)
L
+ R signal;
f = 20 to 20000 Hz
60
dB
αCR
crosstalk
L or R into SAP
50
63
dB
SAP into L or R
50
70
dB
αCH
channel separation
(according to DBX requirements)
f = 100 to 5000 Hz
10% 75
µs
equivalent input
modulation
20
26
dB
1 to 100% 75
µs15
20
dB
equivalent input
modulation
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Similar Part No. - TDA3833

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDA3800 ETC-TDA3800 Datasheet
384Kb / 8P
   STEREO/DUAL TV SOUND PROCESSING CIRCUITS
TDA3800G ETC-TDA3800G Datasheet
384Kb / 8P
   STEREO/DUAL TV SOUND PROCESSING CIRCUITS
TDA3800GS ETC-TDA3800GS Datasheet
384Kb / 8P
   STEREO/DUAL TV SOUND PROCESSING CIRCUITS
logo
NXP Semiconductors
TDA3803A PHILIPS-TDA3803A Datasheet
95Kb / 11P
   Stereo/dual TV sound decoder circuit
November 1987
TDA3810 PHILIPS-TDA3810 Datasheet
50Kb / 7P
   Spatial, stereo and pseudo-stereo sound circuit
January 1985
More results

Similar Description - TDA3833

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9850 PHILIPS-TDA9850 Datasheet
203Kb / 32P
   I2C-bus controlled BTSC stereo/SAP decoder
1995 Jun 19
TDA9855 PHILIPS-TDA9855 Datasheet
345Kb / 52P
   I2C-bus controlled BTSC stereo/SAP decoder and audio processor
1997 Nov 04
TDA9852 PHILIPS-TDA9852 Datasheet
258Kb / 40P
   I2C-bus controlled BTSC stereo/SAP decoder and audio processor
1997 Mar 11
TEA5582 PHILIPS-TEA5582 Datasheet
97Kb / 12P
   PLL stereo decoder BTSC system
July 1990
logo
Asahi Kasei Microsystem...
AKD4140-B AKM-AKD4140-B Datasheet
630Kb / 31P
   BTSC decoder
logo
Panasonic Semiconductor
AN6291 PANASONIC-AN6291 Datasheet
86Kb / 7P
   Dual dbx II Noise Reduction System ICs
logo
NXP Semiconductors
TDA9853H PHILIPS-TDA9853H Datasheet
147Kb / 28P
   I2C-bus controlled economic BTSC stereo decoder and audio processor
2000 Dec 11
TDA9851 PHILIPS-TDA9851 Datasheet
145Kb / 20P
   I2C-bus controlled economic BTSC stereo decoder
1997 Nov 12
logo
ON Semiconductor
LA72702NV ONSEMI-LA72702NV Datasheet
163Kb / 10P
   BTSC Decoder
July, 2013
logo
Panasonic Semiconductor
AN7367K PANASONIC-AN7367K Datasheet
62Kb / 6P
   dbx II Noise Reduction IC for Cassette Deck
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com