Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BT151X-800 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BT151X-800
Description  Thyristors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BT151X-800 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BT151X-800 Datasheet HTML 3Page - NXP Semiconductors BT151X-800 Datasheet HTML 4Page - NXP Semiconductors BT151X-800 Datasheet HTML 5Page - NXP Semiconductors BT151X-800 Datasheet HTML 6Page - NXP Semiconductors BT151X-800 Datasheet HTML 7Page - NXP Semiconductors BT151X-800 Datasheet HTML 8Page - NXP Semiconductors BT151X-800 Datasheet HTML 9Page - NXP Semiconductors BT151X-800 Datasheet HTML 10Page - NXP Semiconductors BT151X-800 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
9397 750 13162
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 04 — 9 June 2004
7 of 11
Philips Semiconductors
BT151X series
Thyristors
8.
Package information
Epoxy meets requirements of UL94 V-0 at 1
8 inch.
VO = 1.06 V.
RS = 0.0304 Ω.
(1) Tj = 125 °C; typical values.
(2) Tj = 125 °C; maximum values.
(3) Tj =25 °C; maximum values.
Fig 9.
On-state current characteristics.
Fig 10. Normalized latching current as a function of
junction temperature.
(1) RGK = 100 Ω.
(2) Gate open circuit.
Fig 11. Normalized holding current as a function of
junction temperature.
Fig 12. Critical rate of rise of off-state voltage as a
function of junction temperature; minimum
values.
VT (V)
02
1.5
0.5
1
001aaa959
10
20
30
IT
(A)
0
(3)
(2)
(1)
Tj (°C)
−50
150
100
050
001aaa951
1
2
3
IL (Tj)
IL (25 °C)
0
Tj (°C)
−50
150
100
050
001aaa950
1
2
3
IH (Tj)
IH (25 °C)
0
001aaa949
103
102
104
dVD/dt
(V/
µs)
10
Tj (°C)
0
150
100
50
(2)
(1)


Similar Part No. - BT151X-800

ManufacturerPart #DatasheetDescription
logo
WeEn Semiconductors
BT151X-800C WEEN-BT151X-800C Datasheet
247Kb / 12P
   SCR
BT151X-800R WEEN-BT151X-800R Datasheet
247Kb / 12P
   SCR
More results

Similar Description - BT151X-800

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HBT169M ETC-HBT169M Datasheet
49Kb / 4P
   THYRISTORS
logo
NXP Semiconductors
BT152B PHILIPS-BT152B Datasheet
48Kb / 6P
   Thyristors
September 1997 Rev 1.100
BT300 PHILIPS-BT300 Datasheet
44Kb / 6P
   Thyristors
September 1997 Rev 1.100
logo
Inchange Semiconductor ...
TYN610F ISC-TYN610F Datasheet
275Kb / 2P
   Thyristors
logo
NXP Semiconductors
BT151UC PHILIPS-BT151UC Datasheet
43Kb / 6P
   Thyristors
April 2004-Rev 1.000
logo
Inchange Semiconductor ...
BT151-600 ISC-BT151-600 Datasheet
54Kb / 1P
   Thyristors
MCR100-6 ISC-MCR100-6 Datasheet
42Kb / 1P
   Thyristors
logo
STMicroelectronics
TYN054 STMICROELECTRONICS-TYN054 Datasheet
105Kb / 4P
   THYRISTORS
logo
New Jersey Semi-Conduct...
BT169D NJSEMI-BT169D Datasheet
80Kb / 1P
   Thyristors
logo
Comset Semiconductor
BT151 COMSET-BT151 Datasheet
172Kb / 3P
   THYRISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com