Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM05DY100DO3-ST-R02 Datasheet(PDF) 11 Page - Sharma Electro Components,Inc

Part # DM05DY100DO3-ST-R02
Description  MICA CAPACITORS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

DM05DY100DO3-ST-R02 Datasheet(HTML) 11 Page - Sharma Electro Components,Inc

Back Button DM05DY100DO3-ST-R02 Datasheet HTML 7Page - Sharma Electro Components,Inc DM05DY100DO3-ST-R02 Datasheet HTML 8Page - Sharma Electro Components,Inc DM05DY100DO3-ST-R02 Datasheet HTML 9Page - Sharma Electro Components,Inc DM05DY100DO3-ST-R02 Datasheet HTML 10Page - Sharma Electro Components,Inc DM05DY100DO3-ST-R02 Datasheet HTML 11Page - Sharma Electro Components,Inc DM05DY100DO3-ST-R02 Datasheet HTML 12Page - Sharma Electro Components,Inc DM05DY100DO3-ST-R02 Datasheet HTML 13Page - Sharma Electro Components,Inc DM05DY100DO3-ST-R02 Datasheet HTML 14Page - Sharma Electro Components,Inc DM05DY100DO3-ST-R02 Datasheet HTML 15Page - Sharma Electro Components,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11
SUSCO Engineers & Buyers Guide - Mica Section
Tel: 516-981-6690
Fax: 516-981-6867
MICA CAPACITORS
SCDM 15 Mica Capacitors
CAPACITANCE
VOLTAGE
VALUE in pF
500 V DC
300 V DC
100 V DC
Lmax.
W max.
T max
Lmax.
W max.
T max
Lmax.
W max.
T max
1 - 18
C
10.92
7.11
3.56
20 - 68
E
10.92
7.11
3.56
75 - 100
F
10.92
7.11
3.81
110 - 160
F
11.18
7.37
3.81
180 - 200
F
11.18
7.37
4.06
220 - 270
F
11.18
7.62
4.06
300 - 390
F
11.43
7.87
4.06
430 - 470
F
11.43
7.87
4.32
11.18
7.37
3.81
510
F
11.43
7.87
4.57
11.18
7.37
3.81
560
F
11.43
7.87
4.57
11.18
7.62
4.06
620
F
11.43
8.13
4.83
11.18
7.62
4.06
680
F
11.68
8.13
5.08
11.43
7.62
4.06
750
F
11.68
8.13
5.33
11.43
7.62
4.06
820
F
11.43
7.87
4.32
11.43
7.87
4.06
910
F
11.43
7.87
4.57
11.43
7.87
4.32
1,000
F
11.43
8.13
4.83
11.43
7.87
4.32
1,100
F
11.68
8.13
5.08
11.43
7.87
4.57
1,200 - 2,000
F
11.68
8.13
5.33
11.43
8.13
4.83
2,200 - 2,500*
F
11.43
8.13
4.83
CAPACITANCE
VOLTAGE
VALUE in pF
500 V DC
300 V DC
100 V DC
Lmax.
W max.
T max
Lmax.
W max.
T max
Lmax.
W max.
T max
1 - 18
C
0.430
0.280
0.140
20 - 68
E
0.430
0.280
0.140
75 - 100
F
0.430
0.280
0.150
110 - 160
F
0.440
0.290
0.150
180 - 200
F
0.440
0.290
0.160
220 - 270
F
0.440
0.300
0.160
300 - 390
F
0.450
0.310
0.160
430 - 470
F
0.450
0.310
0.170
0.440
0.290
0.150
510
F
0.450
0.310
0.180
0.440
0.290
0.150
560
F
0.450
0.310
0.180
0.440
0.300
0.160
620
F
0.450
0.320
0.190
0.440
0.300
0.160
680
F
0.460
0.320
0.200
0.450
0.300
0.160
750
F
0.460
0.320
0.210
0.450
0.300
0.160
820
F
0.450
0.310
0.170
0.450
0.310
0.160
910
F
0.450
0.310
0.180
0.450
0.310
0.170
1,000
F
0.450
0.320
0.190
0.450
0.310
0.170
1,100
F
0.460
0.320
0.200
0.450
0.310
0.180
1,200 - 2,000
F
0.460
0.320
0.210
0.450
0.320
0.190
2,200 - 2,500*
F
0.450
0.320
0.190
* Available only in 50 V rating.
Note: Bold Outlined Sections indicate SUSCO Standard items.
SCDM15
Case
Dimensions
in Millimeters
Lead Spacing:
5.95 ± 0.8mm
SCDM15
Case
Dimensions
in Inches
Lead Spacing:
0.234 ± 0.031”
DIMENSIONS:
LL = 31.75 mm (1.25”) min.


Similar Part No. - DM05DY100DO3-ST-R02

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
DM05DY102JO3-RHAR02 SHARMA-DM05DY102JO3-RHAR02 Datasheet
640Kb / 18P
   MICA CAPACITORS
DM05DY102JO3-RHR02 SHARMA-DM05DY102JO3-RHR02 Datasheet
640Kb / 18P
   MICA CAPACITORS
DM05DY102JO3-RHTR02 SHARMA-DM05DY102JO3-RHTR02 Datasheet
640Kb / 18P
   MICA CAPACITORS
DM05DY102KO3-RHAR02 SHARMA-DM05DY102KO3-RHAR02 Datasheet
640Kb / 18P
   MICA CAPACITORS
DM05DY102KO3-RHR02 SHARMA-DM05DY102KO3-RHR02 Datasheet
640Kb / 18P
   MICA CAPACITORS
More results

Similar Description - DM05DY100DO3-ST-R02

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
DM19 SHARMA-DM19 Datasheet
253Kb / 1P
   Mica Capacitors
DM30 SHARMA-DM30 Datasheet
250Kb / 1P
   Mica Capacitors
DM10 SHARMA-DM10 Datasheet
261Kb / 2P
   Mica Capacitors
DM42 SHARMA-DM42 Datasheet
253Kb / 1P
   Mica Capacitors
DM15FD SHARMA-DM15FD Datasheet
640Kb / 18P
   MICA CAPACITORS
DM20 SHARMA-DM20 Datasheet
253Kb / 1P
   Mica Capacitors
DM12 SHARMA-DM12 Datasheet
252Kb / 1P
   Mica Capacitors
DM15 SHARMA-DM15 Datasheet
253Kb / 1P
   Mica Capacitors
logo
Cornell Dubilier Electr...
CD10CD010DO3F CDE-CD10CD010DO3F Datasheet
292Kb / 6P
   Mica Capacitors, Standard Dipped
CMR03E220DOYR CDE-CMR03E220DOYR Datasheet
888Kb / 5P
   HIGH - RELIABILITY, MICA CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com