Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SZ5U471D200T1 Datasheet(PDF) 10 Page - Sharma Electro Components,Inc

Part # SZ5U471D200T1
Description  Ceramic Capacitors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

SZ5U471D200T1 Datasheet(HTML) 10 Page - Sharma Electro Components,Inc

Back Button SZ5U471D200T1 Datasheet HTML 4Page - Sharma Electro Components,Inc SZ5U471D200T1 Datasheet HTML 5Page - Sharma Electro Components,Inc SZ5U471D200T1 Datasheet HTML 6Page - Sharma Electro Components,Inc SZ5U471D200T1 Datasheet HTML 7Page - Sharma Electro Components,Inc SZ5U471D200T1 Datasheet HTML 8Page - Sharma Electro Components,Inc SZ5U471D200T1 Datasheet HTML 9Page - Sharma Electro Components,Inc SZ5U471D200T1 Datasheet HTML 10Page - Sharma Electro Components,Inc SZ5U471D200T1 Datasheet HTML 11Page - Sharma Electro Components,Inc SZ5U471D200T1 Datasheet HTML 12Page - Sharma Electro Components,Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
SCY1, SCY2 Series
Safety Recognized Ceramic Capacitor
Operating Temperature
-25°C to +85°C
Capacitance Range
100pF to 10000pF (Y2 series)
100pF to 4700pF (Y1 series)
Capacitance Tolerance
K=±10%, M=±20%
Rated voltage
250VAC, 400VAC
Temperature Coefficient
±10% for Y5P, +30% to -80% for Y5V (Y2 series)
±10% for Y5P, +20% to -55% for Y5U (Y1 series)
Dissipation Factor
(tand)
Y5P: 2.5% max at 25°C and 1KHz, 1±0.2 Vrms
Y5V: 5% max at 25°C and 1KHz, 1±0.2 Vrms (Y2 series)
Y5U: 2.5% max at 25°C and 1KHz, 1±0.2 Vrms (Y1 series)
Insulation Resistance at
25°C
10000Mohm at 500VDC for 1 minute
Dielectric Strength
2600VAC for 60 seconds (Rated voltage: 400VAC) - Y2
series
4000VAC for 60 seconds (Rated voltage: 400VAC) - Y1
series
Dimensions and Tolerance:
B = 3.0 mm max
d = 0.60 mm ±0.05 mm
F = 7.5 or 9.5 ±0.8 mm (Y2 Series)
F = 9.5 ±0.8 mm (Y1 Series)
L = 5 ~ 25 mm
Sharma Ceramic Capacitors
Tel: (949)642-7324
SECI Engineers & Buyers' Guide
Fax: (949)642-7327
Specifications


Similar Part No. - SZ5U471D200T1

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
SZ5U471D200T1 SHARMA-SZ5U471D200T1 Datasheet
1,014Kb / 12P
   Sharma Ceramic Capacitors
More results

Similar Description - SZ5U471D200T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1C10Z5U103M050B VISHAY-1C10Z5U103M050B Datasheet
64Kb / 5P
   Ceramic Capacitors
Revision 25-Sep-00
logo
TDK Electronics
C4532X7R1E106MT TDK-C4532X7R1E106MT Datasheet
169Kb / 4P
   Ceramic Capacitors
logo
RFE international
HMZ-433A RFE-HMZ-433A Datasheet
585Kb / 2P
   CERAMIC CAPACITORS
logo
Cornell Dubilier Electr...
SM151K CDE-SM151K Datasheet
201Kb / 2P
   Ceramic Capacitors
logo
Murata Manufacturing Co...
RDER71H104K0K1H03B MURATA-RDER71H104K0K1H03B Datasheet
628Kb / 4P
    Ceramic Capacitors
DE2B3KY331KA3BM02 MURATA-DE2B3KY331KA3BM02 Datasheet
1Mb / 72P
   Safety Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE1B3KX101KA4BL01 MURATA-DE1B3KX101KA4BL01 Datasheet
1Mb / 72P
   Safety Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2E3KH102MN3A MURATA-DE2E3KH102MN3A Datasheet
1Mb / 72P
   Safety Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com