Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPI150362F4040 Datasheet(PDF) 10 Page - PCA ELECTRONICS INC.

Part # EPI150362F4040
Description  Contents Surface Mount Power Inductor
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPI150362F4040 Datasheet(HTML) 10 Page - PCA ELECTRONICS INC.

Back Button EPI150362F4040 Datasheet HTML 6Page - PCA ELECTRONICS INC. EPI150362F4040 Datasheet HTML 7Page - PCA ELECTRONICS INC. EPI150362F4040 Datasheet HTML 8Page - PCA ELECTRONICS INC. EPI150362F4040 Datasheet HTML 9Page - PCA ELECTRONICS INC. EPI150362F4040 Datasheet HTML 10Page - PCA ELECTRONICS INC. EPI150362F4040 Datasheet HTML 11Page - PCA ELECTRONICS INC. EPI150362F4040 Datasheet HTML 12Page - PCA ELECTRONICS INC. EPI150362F4040 Datasheet HTML 13Page - PCA ELECTRONICS INC. EPI150362F4040 Datasheet HTML 14Page - PCA ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
E L E C T R O N I C S I N C .
Surface Mount Power Inductor
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• 150 KHz Switching Frequency for National’s LM259X Series
• Low loss material ensures operation in high frequency switching
converters, such as Buck, Boost or as output averaging filter inductor
• Also suitable for use in high quality filter applications
• 500 KHz Switching Frequency
EPI B44 Series
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Primary Specification
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSIXXXXXXB44
Rev. 2
3/5/03
Induct.
(µH 15%)
@ Idc
.82 ± 20%
1.5 ± 20%
2.2 ± 20%
3.3
4.5
6.5
10
15
22
33
47
56
68
100
150
220
330
470
680
1000
Part
Number
Temp.Rise
0.92
1.60
2.55
4.31
5.74
8.26
13.5
20.0
29.5
45.0
63.75
77.0
95.0
140
202
303
451
645
930
1372
Induct.
(µH ± 15%)
@ 0 Adc
DCR
(
Ω Typ.)
.0036
.0048
.0061
.0079
.009
.014
.022
.027
.043
.065
.077
.121
.122
.182
.284
.427
.650
.778
1.20
1.45
Vt1
(V-µSec)
@ 500 KHz
1.2
1.6
2.0
2.6
3.0
3.6
4.6
5.6
6.8
8.4
10.0
11.0
12.2
14.8
17.8
21.8
26.6
31.8
38.2
46.4
@ Vt1
°C (Typ.)
38
40
40
40
35
37
45
36
41
41
39
44
40
41
41
42
42
39
41
36
EPI0L8103B44
EPI1L5902B44
EPI2L2802B44
EPI3L3702B44
EPI4L5602B44
EPI6L5502B44
EPI100452B44
EPI150352B44
EPI220312B44
EPI330252B44
EPI470222B44
EPI560202B44
EPI680182B44
EPI101152B44
EPI151122B44
EPI221102B44
EPI331801B44
EPI471701B44
EPI681581B44
EPI102481B44
Idc
(Amps)
10.0
9.0
8.0
7.0
6.0
5.0
4.5
3.5
3.1
2.5
2.2
2.0
1.8
1.5
1.2
1.0
0.8
0.7
0.58
0.48
Vt2
(V-µSec)
@ 150 KHz
---
---
---
---
---
---
---
13.3
16.7
20.0
24.7
---
30
36.7
43.3
53.3
65.3
---
---
---
National
Semiconductor
Chip
--
---
---
---
---
---
---
LM259X-L34
LM259X-L33
LM259X-L32
LM259X-L31
---
LM259X-L30
LM259X-L29
LM259X-L28
LM259X-L27
LM259X-L26
---
---
---
@ Vt2
°C (Typ.)
---
---
---
---
---
---
---
38
43
43
41
---
42
43
43
45
44
---
---
---
Package B44
.575
(14.61)
.510
(12.95)
.600
(15.24)
.510
(12.95)
.550
(13.97)
.060 (1.52)
Suggested
Pad
Latout
.390 Max.
(9.90)
Note: Coplanarity within .005” Max.
PCA
EPIXXXXXXB44
D.C.
• Core Loss at Ref. Vt1 : 45 mW • Core Loss at Ref. Vt2 : 72 mW •


Similar Part No. - EPI150362F4040

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPI150362F4040 PCA-EPI150362F4040 Datasheet
47Kb / 1P
   Surface Mount Power Inductors
More results

Similar Description - EPI150362F4040

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPI0L8103B44 PCA-EPI0L8103B44 Datasheet
58Kb / 1P
   Surface Mount Power Inductor
EPI1L7312B30 PCA-EPI1L7312B30 Datasheet
59Kb / 1P
   Surface Mount Power Inductor
EPI6L5972BH68 PCA-EPI6L5972BH68 Datasheet
33Kb / 1P
   Surface Mount Power Inductor
EPI0L3552KSP45L PCA-EPI0L3552KSP45L Datasheet
52Kb / 2P
   Surface Mount Power Inductor
EPI0L4592KSP45 PCA-EPI0L4592KSP45 Datasheet
59Kb / 2P
   Surface Mount Power Inductor
EPI1L4143BH44 PCA-EPI1L4143BH44 Datasheet
52Kb / 1P
   Surface Mount Power Inductor
EPI1L0303D PCA-EPI1L0303D Datasheet
40Kb / 1P
   Surface Mount Power Inductor
logo
Murata Manufacturing Co...
30000B MURATA-30000B Datasheet
175Kb / 3P
   Surface Mount Power Inductor
logo
PCA ELECTRONICS INC.
EPI100232G3229 PCA-EPI100232G3229 Datasheet
42Kb / 1P
   Surface Mount Power Inductor
logo
Murata Manufacturing Co...
3000B MURATA-3000B Datasheet
175Kb / 3P
   Surface Mount Power Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com