Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SNPO1R5D200T1 Datasheet(PDF) 1 Page - Sharma Electro Components,Inc

Part # SNPO1R5D200T1
Description  Ceramic Capacitors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

SNPO1R5D200T1 Datasheet(HTML) 1 Page - Sharma Electro Components,Inc

  SNPO1R5D200T1 Datasheet HTML 1Page - Sharma Electro Components,Inc SNPO1R5D200T1 Datasheet HTML 2Page - Sharma Electro Components,Inc SNPO1R5D200T1 Datasheet HTML 3Page - Sharma Electro Components,Inc SNPO1R5D200T1 Datasheet HTML 4Page - Sharma Electro Components,Inc SNPO1R5D200T1 Datasheet HTML 5Page - Sharma Electro Components,Inc SNPO1R5D200T1 Datasheet HTML 6Page - Sharma Electro Components,Inc SNPO1R5D200T1 Datasheet HTML 7Page - Sharma Electro Components,Inc SNPO1R5D200T1 Datasheet HTML 8Page - Sharma Electro Components,Inc SNPO1R5D200T1 Datasheet HTML 9Page - Sharma Electro Components,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Quick Reference
Series
Features
Page
Multilayer Chip Type
SNPO
0402-3035 Case Sizes 6.3 - 4KV
4
SX7R
0402-3035 Case Sizes 6.3 - 4KV
5
SY5V
0402-3035 Case Sizes 10 - 500V
6
SZ5U
0402-3035 Case Sizes 10 - 1KV
7
Multilayer Radial Leaded Type
RNPO
2.5/5.0mm Lead Spacing 25 - 100V
8
RX7R
2.5/5.0mm Lead Spacing 25 - 100V
RY5V
2.5/5.0mm Lead Spacing 25 - 63V
RZ5U
2.5/5.0mm Lead Spacing 25 - 63V
Multilayer Axial Leaded Type
ANPO
5mm Body Length 50 - 100V
9
AX7R
5mm Body Length 50 - 100V
AZ5U
5mm Body Length 50 - 100V
Sharma Ceramic Capacitors
Page 1
Tel: (949)642-7324
SECI Engineers & Buyers' Guide
Fax: (949)642-7327


Similar Part No. - SNPO1R5D200T1

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
SNPO1R5D200T1 SHARMA-SNPO1R5D200T1 Datasheet
1,014Kb / 12P
   Sharma Ceramic Capacitors
More results

Similar Description - SNPO1R5D200T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1C10Z5U103M050B VISHAY-1C10Z5U103M050B Datasheet
64Kb / 5P
   Ceramic Capacitors
Revision 25-Sep-00
logo
TDK Electronics
C4532X7R1E106MT TDK-C4532X7R1E106MT Datasheet
169Kb / 4P
   Ceramic Capacitors
logo
RFE international
HMZ-433A RFE-HMZ-433A Datasheet
585Kb / 2P
   CERAMIC CAPACITORS
logo
Cornell Dubilier Electr...
SM151K CDE-SM151K Datasheet
201Kb / 2P
   Ceramic Capacitors
logo
Murata Manufacturing Co...
RDER71H104K0K1H03B MURATA-RDER71H104K0K1H03B Datasheet
628Kb / 4P
    Ceramic Capacitors
DE2B3KY331KA3BM02 MURATA-DE2B3KY331KA3BM02 Datasheet
1Mb / 72P
   Safety Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE1B3KX101KA4BL01 MURATA-DE1B3KX101KA4BL01 Datasheet
1Mb / 72P
   Safety Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2E3KH102MN3A MURATA-DE2E3KH102MN3A Datasheet
1Mb / 72P
   Safety Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com