Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1404ITSTR Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC1404ITSTR
Description  Mobile Multi-Output PWM Controller with Virtual Current Sense
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1404ITSTR Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC1404ITSTR Datasheet HTML 6Page - Semtech Corporation SC1404ITSTR Datasheet HTML 7Page - Semtech Corporation SC1404ITSTR Datasheet HTML 8Page - Semtech Corporation SC1404ITSTR Datasheet HTML 9Page - Semtech Corporation SC1404ITSTR Datasheet HTML 10Page - Semtech Corporation SC1404ITSTR Datasheet HTML 11Page - Semtech Corporation SC1404ITSTR Datasheet HTML 12Page - Semtech Corporation SC1404ITSTR Datasheet HTML 13Page - Semtech Corporation SC1404ITSTR Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
10
 2003 Semtech Corp.
www.semtech.com
SC1404
PRELIMINARY
POWER MANAGEMENT
Functional Information
Current Sense (CSH, CSL)
The output current of the power supply is sensed as the voltage
drop across an external resistor between the CSH and CSL pins.
Overcurrent is detected when the current sense voltage exceeds
+/- 50mV. A positive overcurrent will turn off the high-side driver, a
negative overcurrent will turn off the low-side driver; each on a
cycle-by-cycle basis.
Oscillator
When the SYNC pin is set high the oscillator runs at 300KHz;
when SYNC is set low the frequency is 200KHz. The oscillator can
also be synchronized to the falling edge of a clock on the SYNC pin
with a frequency between 240KHz and 350KHz. In general,
200KHz operation is used for highest efficiency while 300KHz
leads to less output ripple and/or smaller filter components.
Fault Protection
In addition to cycle-by-cycle current limit, the SC1404 monitors
over-temperature, and output overvoltage and undervoltage
conditions. The overtemperature detection will shut the part down
if the die temperature exceeds 150
°C with 10°C of hysteresis.
If either SMPS output is more than 10% above its nominal value,
both SMPS are latched off and the low-side MOSFETS are latched
on. To prevent the output from ringing too far below ground in a
fault condition, a 1A Schottky diode should be placed across each
output. Two different levels of undervoltage are detected. If the
output falls 10% below its nominal output, the RESET# output is
pulled low.If the output falls 25% below its nominal output following
a start-up delay, both SMPS are latched off. Both of the latched
fault modes persist until SHDN# or ON3 is toggled, or the V+ input
is brought below 1V.
Power up Controls and Soft Start
The user has control of the SC1404 RESET# by setting the SEQ,
ON3 and ON5 pins as described in the following table.
At startup, the RESET# pin is held low for 32K switching cycles.
Another timer is used to enable the undervoltage protection. The
undervoltage protection circuitry is enabled after 6144 switching
cycles, at which time the SMPS should be in regulation.
When SEQ is set to REF, the RESET# only monitors the 3.3V SMPS
and the 5V SMPS is ignored.
Each SMPS contains its own counter and DAC to gradually increase
the current limit at startup to prevent surge currents. The current
limit is increased from 0, 20%, 40%, 60%, 80%, to 100% linearly
over the course of 512 switching cycles.
12OUT Supply
The 12OUT linear regulator is capable of supplying 200mA. The
input voltage to the 12OUT regulator is generated by a secondary
winding on the 5V SMPS inductor.
A heavy load on the 12OUT regulator when the 5V SMPS is in
PSAVE will cause the VDD input to drop, browning out the regulator.
If the output drops 0.8% from its nominal value, the 5V SMPS is
forced out of PSAVE mode and into continuous conduction mode
for several cycles. This recharges the bulk input capacitor on the
VDD. The 12OUT linear regulator also has a current limit to prevent
damage under short circuit conditions.
Over-voltage protection is provided on the VDD input. If the VDD
input is above 19V, an over-voltage is detected and a 10mA current
shunt load is applied to VDD. The over-voltage threshold has a
0.5V hysteresis.
Shutdown and Operating Modes
Holding the SHDN# pin low disables the SC1404, reducing the V+
input current to less than 10uA. When SHDN goes high, the part
enters a standby mode where the VL regulator and VREF are
enabled. Turning on either SMPS will put the SC1404 in run mode.
#
N
D
H
S#
N
D
H
S
#
N
D
H
S
#
N
D
H
S#
N
D
H
S3
N
O3
N
O 3
N
O 3
N
O3
N
O5
N
O5
N
O 5
N
O 5
N
O5
N
OE
D
O
ME
D
O
M
E
D
O
M
E
D
O
ME
D
O
MN
O
I
T
P
I
R
C
S
E
DN
O
I
T
P
I
R
C
S
E
D
N
O
I
T
P
I
R
C
S
E
D
N
O
I
T
P
I
R
C
S
E
DN
O
I
T
P
I
R
C
S
E
D
w
o
LX
X
n
w
o
d
-t
u
h
Ss
a
i
b
m
u
m
i
n
i
M
t
n
e
r
r
u
c
h
g
i
Hw
o
Lw
o
Ly
b
d
n
a
t
SL
V
d
n
a
F
E
R
V
r
o
t
a
l
u
g
e
r
e
l
b
a
n
e
h
g
i
Hh
g
i
Hh
g
i
Hn
u
R
e
d
o
M
S
P
M
S
h
t
o
B
g
n
i
n
n
u
R
g
n
i
d
a
o
L
(
e
c
n
a
t
s
i
s
e
R
Ω)
1
1
5K
7
6
.
2K
9
.
9
4K
5
5
2g
e
M
1
m
o
r
f
n
o
it
a
i
v
e
D
V
0
2
9
4
.
2
=
f
e
r
V
V
m
3
.
8V
m
1
.
3V
m
5
.
0V
m
3
.
0V
m
0
The REF output is accurate to +/- 2% over temperature. It is ca-
pable of delivering 5mA max and should be bypassed with 1uF
minimum. Loading the REF pin will reduce the REF voltage slightly.


Similar Part No. - SC1404ITSTR

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1404ITSTR SEMTECH-SC1404ITSTR Datasheet
458Kb / 25P
   Mobile Multi-Output PWM Controller with Virtual Current SenseTM
More results

Similar Description - SC1404ITSTR

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1404 SEMTECH-SC1404_05 Datasheet
458Kb / 25P
   Mobile Multi-Output PWM Controller with Virtual Current SenseTM
SC1403 SEMTECH-SC1403 Datasheet
567Kb / 30P
   Mobile Multi-Output PWM Controller with Virtual Current SenseTM
SC1403 SEMTECH-SC1403_04 Datasheet
560Kb / 31P
   Mobile Multi-Output PWM Controller with Lossless Current Sense
logo
Linear Technology
LT4180 LINER-LT4180_15 Datasheet
354Kb / 18P
   Virtual Remote Sense Controller
LT4180 LINER-LT4180 Datasheet
347Kb / 16P
   Virtual Remote Sense Controller
logo
Renesas Technology Corp
ISL6224 RENESAS-ISL6224 Datasheet
619Kb / 13P
   Single Output Mobile-Friendly PWM Controller
logo
Intersil Corporation
ISL6224 INTERSIL-ISL6224 Datasheet
378Kb / 13P
   Single Output Mobile-Friendly PWM Controller
ISL6224 INTERSIL-ISL6224_06 Datasheet
248Kb / 13P
   Single Output Mobile-Friendly PWM Controller
logo
Fairchild Semiconductor
FAN5236 FAIRCHILD-FAN5236 Datasheet
199Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
FAN5236 FAIRCHILD-FAN5236_04 Datasheet
234Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com