Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY89325V Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY89325V
Description  3.3V/5V 1.5Gbps DIFFERENTIAL CML/PECL/LVPECL-to-LVDS TRANSLATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89325V Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY89325V Datasheet HTML 1Page - Micrel Semiconductor SY89325V Datasheet HTML 2Page - Micrel Semiconductor SY89325V Datasheet HTML 3Page - Micrel Semiconductor SY89325V Datasheet HTML 4Page - Micrel Semiconductor SY89325V Datasheet HTML 5Page - Micrel Semiconductor SY89325V Datasheet HTML 6Page - Micrel Semiconductor SY89325V Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Precision Edge®
SY89325V
Micrel, Inc.
M9999-051006
hbwhelp@micrel.com or (408) 955-1690
PACKAGE/ORDERING INFORMATION
Pin Number
Pin Name
Pin Function
2, 3
IN, /IN
Differential Inputs: These input pairs are the differential signal inputs to the device. These
inputs accept AC- or DC-coupled signals as small as 100mV. External termination is
required.
8
VCC
Positive power supply. Bypass with 0.1µF0.01µF low ESR capacitors.
7, 6
Q, /Q
Differential LVDS Output: This output is the output of the device. Terminate with 100Ω
across the pair. See “Output Interface Applications” section.
5
GND,
Ground. Ground pin and exposed pad must be connected to the same ground plane.
Exposed
1, 4
NC
No connect.
PIN DESCRIPTION
1
NC
IN
/IN
NC
8
VCC
Q
/Q
GND
7
6
5
2
3
4
8-Pin MLF® (MLF-8)
Ordering Information
Package
Operating
Package
Lead
Part Number
Type
Range
Marking
Finish
SY89325VMITR
MLF-8
Industrial
325
Sn-Pb
SY89325VMGTR(1)
MLF-8
Industrial
325 with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
Note:
1. Pb-Free package is recommended for new designs.


Similar Part No. - SY89325V

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89325LMGTR MICREL-SY89325LMGTR Datasheet
71Kb / 8P
   3.3V 2.5Gbps ANY INPUT-to-LVPECL DIFFERENTIAL TRANSLATOR
More results

Similar Description - SY89325V

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY55855V MICREL-SY55855V Datasheet
83Kb / 7P
   DUAL CML/PECL/LVPECL-to-LVDS TRANSLATOR
SY55855V MICREL-SY55855V_05 Datasheet
79Kb / 8P
   DUAL CML/PECL/LVPECL-to-LVDS TRANSLATOR
logo
ON Semiconductor
MC100EPT21 ONSEMI-MC100EPT21_06 Datasheet
83Kb / 8P
   3.3V Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
December, 2006 ??Rev. 15
MC100EPT21 ONSEMI-MC100EPT21_12 Datasheet
132Kb / 9P
   3.3V Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
September, 2012 ??Rev. 22
MC100EPT23 ONSEMI-MC100EPT23_06 Datasheet
85Kb / 8P
   3.3V Dual Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
December, 2006 ??Rev. 15
logo
Micrel Semiconductor
SY89321L MICREL-SY89321L_08 Datasheet
48Kb / 5P
   3.3V DIFFERENTIAL LVPECL/CML/LVDS-to-LVTTL
SY10ELT20V MICREL-SY10ELT20V_06 Datasheet
119Kb / 6P
   5V/3.3V TTL-TO-DIFFERENTIAL PECL TRANSLATOR
SY10ELT20V MICREL-SY10ELT20V Datasheet
50Kb / 4P
   5V/3.3V TTL-to-DIFFERENTIAL PECL TRANSLATOR
logo
Semtech Corporation
SK1300 SEMTECH-SK1300 Datasheet
117Kb / 6P
   PECL / LVPECL to LVDS Translator
logo
ON Semiconductor
NB100ELT23L ONSEMI-NB100ELT23L_07 Datasheet
84Kb / 8P
   3.3V Dual Differential LVPECL/LVDS to LVTTL Translator
March, 2007 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com