Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTB52N10 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NTB52N10
Description  N-Channel Enhancement?묺ode D2PAK
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTB52N10 Datasheet(HTML) 5 Page - ON Semiconductor

  NTB52N10 Datasheet HTML 1Page - ON Semiconductor NTB52N10 Datasheet HTML 2Page - ON Semiconductor NTB52N10 Datasheet HTML 3Page - ON Semiconductor NTB52N10 Datasheet HTML 4Page - ON Semiconductor NTB52N10 Datasheet HTML 5Page - ON Semiconductor NTB52N10 Datasheet HTML 6Page - ON Semiconductor NTB52N10 Datasheet HTML 7Page - ON Semiconductor NTB52N10 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
NTB52N10
http://onsemi.com
5
60
0
0.25
DRAIN−TO−SOURCE DIODE CHARACTERISTICS
VSD, SOURCE−TO−DRAIN VOLTAGE (VOLTS)
Figure 8. Gate−To−Source and Drain−To−Source
Voltage versus Total Charge
Figure 9. Resistive Switching Time
Variation versus Gate Resistance
RG, GATE RESISTANCE (OHMS)
1
10
100
1000
10
VDD = 80 V
ID = 52 A
VGS = 10 V
VGS = 0 V
TJ = 25°C
Figure 10. Diode Forward Voltage versus Current
100
80
60
40
20
0
10
6
2
0
QG, TOTAL GATE CHARGE (nC)
8
4
20
70
40
0
100
10
50
30
60
0.35
0.45
0.55
0.65
0.75
0.85
0.95
10
20
40
30
50
ID = 52 A
TJ = 25°C
VGS
Q2
Q1
QT
VDS
tr
td(off)
td(on)
tf
20
16
12
18
14
1
SAFE OPERATING AREA
The Forward Biased Safe Operating Area curves define
the maximum simultaneous drain−to−source voltage and
drain current that a transistor can handle safely when it is
forward biased. Curves are based upon maximum peak
junction temperature and a case temperature (TC) of 25°C.
Peak repetitive pulsed power limits are determined by using
the thermal response data in conjunction with the procedures
discussed in AN569, “Transient Thermal Resistance −
General Data and Its Use.”
Switching between the off−state and the on−state may
traverse any load line provided neither rated peak current
(IDM) nor rated voltage (VDSS) is exceeded and the
transition time (tr,tf) do not exceed 10 ms. In addition the total
power averaged over a complete switching cycle must not
exceed (TJ(MAX) − TC)/(RqJC).
A Power MOSFET designated E−FET can be safely used
in switching circuits with unclamped inductive loads. For
reliable operation, the stored energy from circuit inductance
dissipated in the transistor while in avalanche must be less
than the rated limit and adjusted for operating conditions
differing from those specified. Although industry practice is
to rate in terms of energy, avalanche energy capability is not
a constant. The energy rating decreases non−linearly with an
increase of peak current in avalanche and peak junction
temperature.
Although many E−FETs can withstand the stress of
drain−to−source avalanche at currents up to rated pulsed
current (IDM), the energy rating is specified at rated
continuous current (ID), in accordance with industry custom.
The energy rating must be derated for temperature as shown
in the accompanying graph (Figure 12). Maximum energy at
currents below rated continuous ID can safely be assumed to
equal the values indicated.


Similar Part No. - NTB52N10

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTB5404N ONSEMI-NTB5404N Datasheet
133Kb / 7P
   Power MOSFET 40 V, 136 A, Single N?묬hannel, D2PAK & TO??20
July, 2010 ??Rev. 2
NTB5404N ONSEMI-NTB5404N Datasheet
127Kb / 7P
   Power MOSFET
June, 2012 ??Rev. 7
NTB5404N ONSEMI-NTB5404N Datasheet
83Kb / 7P
   Power MOSFET
January, 2015 ??Rev. 8
NTB5404NT4G ONSEMI-NTB5404NT4G Datasheet
133Kb / 7P
   Power MOSFET 40 V, 136 A, Single N?묬hannel, D2PAK & TO??20
July, 2010 ??Rev. 2
NTB5404NT4G ONSEMI-NTB5404NT4G Datasheet
83Kb / 7P
   Power MOSFET
January, 2015 ??Rev. 8
More results

Similar Description - NTB52N10

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTB35N15T4G ONSEMI-NTB35N15T4G Datasheet
86Kb / 8P
   N?묬hannel Enhancement?묺ode D2PAK
August, 2005 ??Rev. 5
NTB13N10T4G ONSEMI-NTB13N10T4G Datasheet
83Kb / 8P
   100 V, 13 A, N?묬hannel Enhancement?묺ode D2PAK
August, 2005 ??Rev. 6
NTB30N20 ONSEMI-NTB30N20 Datasheet
85Kb / 8P
   Power MOSFET 30 Amps, 200 Volts N?묬hannel Enhancement?묺ode D2PAK
April, 2004 ??Rev. 3
NTB13N10 ONSEMI-NTB13N10 Datasheet
77Kb / 8P
   Power MOSFET 100 V, 13 A, N?묬hannel Enhancement?묺ode D2PAK
August, 2005 ??Rev. 6
MTP10N40E ONSEMI-MTP10N40E Datasheet
234Kb / 8P
   N?묬hannel Enhancement?묺ode Silicon Gate
August, 2006 ??Rev. 1
MTP2N40E ONSEMI-MTP2N40E Datasheet
213Kb / 7P
   N?묬hannel Enhancement?묺ode Silicon Gate
August, 2006 ??Rev. 1
NTP22N06 ONSEMI-NTP22N06 Datasheet
200Kb / 7P
   N?묬hannel Enhancement?묺ode Silicon Gate
August, 2006 ??Rev. 2
MTD6N15T4G ONSEMI-MTD6N15T4G Datasheet
125Kb / 6P
   N?묬hannel Enhancement?묺ode Silicon Gate
May, 2013 ??Rev. 5
NTP30N20G ONSEMI-NTP30N20G Datasheet
164Kb / 7P
   N?묬hannel Enhancement?묺ode TO??20
March, 2006 ??Rev. 5
MTP3N50E ONSEMI-MTP3N50E Datasheet
236Kb / 8P
   N?묬hannel Enhancement?묺ode Silicon Gate
August, 2006 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com