Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPZ3058-722 Datasheet(PDF) 4 Page - PCA ELECTRONICS INC.

Part # EPZ3058-722
Description  AC Power Line Chokes
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPZ3058-722 Datasheet(HTML) 4 Page - PCA ELECTRONICS INC.

  EPZ3058-722 Datasheet HTML 1Page - PCA ELECTRONICS INC. EPZ3058-722 Datasheet HTML 2Page - PCA ELECTRONICS INC. EPZ3058-722 Datasheet HTML 3Page - PCA ELECTRONICS INC. EPZ3058-722 Datasheet HTML 4Page - PCA ELECTRONICS INC. EPZ3058-722 Datasheet HTML 5Page - PCA ELECTRONICS INC. EPZ3058-722 Datasheet HTML 6Page - PCA ELECTRONICS INC. EPZ3058-722 Datasheet HTML 7Page - PCA ELECTRONICS INC. EPZ3058-722 Datasheet HTML 8Page - PCA ELECTRONICS INC. EPZ3058-722 Datasheet HTML 9Page - PCA ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 64 page
background image
E L E C T R O N I C S I N C .
Power Choke
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Used in Power AC Line Filters, AC-AC Converters
and Switching Power Supplies
• UL 94V-0 Recognized Components
• UL 1446 Class B Insulation System
• Meets or exceeds CSA/IEC/VDE/UL Specifications for
Creepage, Clearance and Dielectric Strength
• 50 Hz - 500 Hz Switching Frequency
• 3750 Vrms Isolation
• In EE25 Standard Package
EPZ3032-X
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
Temperature Rise
(°C Max.)
@ Max. Current
10
11
9
10
11
10
11
13
10
11
12
11
9
10
8
9
10
11
9
10
11
Schematic
2
49
7
L1
L2
Package
.670
(17.00)
.200
(5.10)
.175 (4.40)
.840
(21.30)
.740
(18.80)
.900
(22.90)
.025 Sq.
(.635)
92
74
.515
(13.10)
Part
Number
EPZ3032-272
EPZ3032-332
EPZ3032-392
EPZ3032-472
EPZ3032-562
EPZ3032-682
EPZ3032-822
EPZ3032-103
EPZ3032-123
EPZ3032-153
EPZ3032-183
EPZ3032-223
EPZ3032-273
EPZ3032-333
EPZ3032-393
EPZ3032-473
EPZ3032-563
EPZ3032-683
EPZ3032-104
EPZ3032-124
EPZ3032-222
DCR
(
Ω Max.)
.468
.530
.668
.760
.852
1.24
1.40
1.60
1.98
2.24
2.45
3.49
4.60
5.20
7.19
7.80
8.69
9.69
13.10
14.60
16.00
Current Rating
(Amperes Max.)
.55
.55
.44
.44
.44
.35
.35
.35
.27
.27
.27
.22
.17
.17
.13
.13
.13
.13
.10
.10
.10
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10
12
15
18
22
27
33
39
47
56
68
82
100
120
Inductance
(mH ± 25%)
@ 1 KHz
CSZ3032-Xb
Rev. 1
7/18/02


Similar Part No. - EPZ3058-722

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPZ3058-722 PCA-EPZ3058-722 Datasheet
46Kb / 1P
   AC Power Line Choke
More results

Similar Description - EPZ3058-722

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82723A2501N001 EPCOS-B82723A2501N001 Datasheet
145Kb / 7P
   Power line chokes
B82747S4183N021 EPCOS-B82747S4183N021 Datasheet
144Kb / 6P
   Power line chokes
B82791G2251N020 EPCOS-B82791G2251N020 Datasheet
144Kb / 7P
   Power line chokes
B82720A EPCOS-B82720A Datasheet
111Kb / 6P
   Power line chokes
B82720S2301N042 EPCOS-B82720S2301N042 Datasheet
150Kb / 8P
   Power line chokes
B82625 EPCOS-B82625_10 Datasheet
115Kb / 7P
   Power line chokes
B82732W2901B30 EPCOS-B82732W2901B30 Datasheet
556Kb / 6P
   Power line chokes
logo
RENCO ELECTRONICS, INC.
RL-1282 RENCO-RL-1282 Datasheet
1Mb / 3P
   POWER LINE CHOKES
RL-1284 RENCO-RL-1284 Datasheet
1Mb / 3P
   POWER LINE CHOKES
logo
EPCOS
B82722J2301N002 EPCOS-B82722J2301N002 Datasheet
136Kb / 8P
   Power line chokes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com