Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPZ3058-183 Datasheet(PDF) 11 Page - PCA ELECTRONICS INC.

Part # EPZ3058-183
Description  AC Power Line Chokes
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPZ3058-183 Datasheet(HTML) 11 Page - PCA ELECTRONICS INC.

Back Button EPZ3058-183 Datasheet HTML 7Page - PCA ELECTRONICS INC. EPZ3058-183 Datasheet HTML 8Page - PCA ELECTRONICS INC. EPZ3058-183 Datasheet HTML 9Page - PCA ELECTRONICS INC. EPZ3058-183 Datasheet HTML 10Page - PCA ELECTRONICS INC. EPZ3058-183 Datasheet HTML 11Page - PCA ELECTRONICS INC. EPZ3058-183 Datasheet HTML 12Page - PCA ELECTRONICS INC. EPZ3058-183 Datasheet HTML 13Page - PCA ELECTRONICS INC. EPZ3058-183 Datasheet HTML 14Page - PCA ELECTRONICS INC. EPZ3058-183 Datasheet HTML 15Page - PCA ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
E L E C T R O N I C S I N C .
AC Power Line Choke
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Used as AC Power Line Filters in CTV, VTR, Audios, PC’s,
Facsimilies and Power Supply Applications
• UL940-V Recognized Materials
• Temperature Rise : 45°C Max.
• UL1446 Insulating System
• 2000 Vrms Isolation
EPZ3043H-XXX
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSZ3043H-XXX
Rev. -
11/7/02
1.0
1.2
1.5
2.2
2.7
3.9
4.7
6.8
8.2
18
22
33
47
68
Inductance
(mH Min.)
[Pins 1-2, 4-3]
2.1
2.0
1.6
1.5
1.3
1.0
1.0
0.8
0.7
0.5
0.4
0.4
0.3
0.25
Current Rating
(A rms Max.)
EPZ3043H-102
EPZ3043H-122
EPZ3043H-152
EPZ3043H-222
EPZ3043H-272
EPZ3043H-392
EPZ3043H-472
EPZ3043H-682
EPZ3043H-822
EPZ3043H-183
EPZ3043H-223
EPZ3043H-333
EPZ3043H-473
EPZ3043H-683
Part
Number
Package
.031 Ø ± .004
(.800 Ø ± .10)
.787 ± .039
(20.00 ± 1.00)
.157 ± .039
(4.00 ± 1.00)
.512 ± .020
(13.00 ± .500)
.512 ± .004
(13.00 ± .100)
.047 Ø ± .004
(1.20 Ø ± .100)
Recommended PWB
Piercing Plan
.827 ± .039
(21.00 ± 1.00)
.787 Max.
(20.00)
394 ± .020
(10.00 ± .500)
1
2
4
3
Schematic
1
4
2
3
1:1
Circuit Sample
AC Line
PCA EPZ3043H-XXX
D.C.
Pin 1 I.D.
Impedance Characteristics
10
1
KHz
10
KHz
100
KHz
0.1
1
100
1000
1
MHz
Frequency (Hz)
10
MHz
100
mH
33
mH
1.8
mH
8.2
mH


Similar Part No. - EPZ3058-183

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPZ3058-183 PCA-EPZ3058-183 Datasheet
46Kb / 1P
   AC Power Line Choke
More results

Similar Description - EPZ3058-183

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82723A2501N001 EPCOS-B82723A2501N001 Datasheet
145Kb / 7P
   Power line chokes
B82747S4183N021 EPCOS-B82747S4183N021 Datasheet
144Kb / 6P
   Power line chokes
B82791G2251N020 EPCOS-B82791G2251N020 Datasheet
144Kb / 7P
   Power line chokes
B82720A EPCOS-B82720A Datasheet
111Kb / 6P
   Power line chokes
B82720S2301N042 EPCOS-B82720S2301N042 Datasheet
150Kb / 8P
   Power line chokes
B82625 EPCOS-B82625_10 Datasheet
115Kb / 7P
   Power line chokes
B82732W2901B30 EPCOS-B82732W2901B30 Datasheet
556Kb / 6P
   Power line chokes
logo
RENCO ELECTRONICS, INC.
RL-1282 RENCO-RL-1282 Datasheet
1Mb / 3P
   POWER LINE CHOKES
RL-1284 RENCO-RL-1284 Datasheet
1Mb / 3P
   POWER LINE CHOKES
logo
EPCOS
B82722J2301N002 EPCOS-B82722J2301N002 Datasheet
136Kb / 8P
   Power line chokes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com