Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMT-C265 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HSMT-C265
Description  AlInGaP chipLED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMT-C265 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HSMT-C265 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSMT-C265 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSMT-C265 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSMT-C265 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMT-C265 Datasheet HTML 5Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Agilent Technologies reserves the right to alter prices, specifications, features, capabilities, functions, release dates, and remove availability of the
product(s) at anytime.
5
Figure 3: Tape Dimensions
THERE SHALL BE A MINIMUM OF
160mm (6.3in.) OF EMPTY
COMPONENT POCKETS SEALED
WITH COVER TAPE.
MOUNTED WITH
COMPONENTS.
THERE SHALL BE A MINIMUM OF
160mm (6.3in.) OF EMPTY
COMPONENT POCKETS SEALED
WITH COVER TAPE.
MINIMUM OF
230mm
(9.05in.) MAY
CONSIST OF
CARRIER
AND/OR
COVER TAPE
END
START
Convective IR Reflow
Soldering
For more information on IR
reflow soldering, refer to
Application Note 1060,
Surface Mounting SMT LED
Indicator Components.
Storage Condition : 5
to 30 OC @ 60%RH max.
Baking
is required under
the condition :
a) the
blue
silica
gel
indicator
becoming
white
/
transparent
color
b) the pack has been open
for more than 1 week
Baking recommended
condition : 60 ± 5 OC for
20 hrs
Figure 4: Tape Leader and Trailer Dimensions.
Notes:
1. All dimensions in millimeters (inches).
2. Tolerance is ± 0.1 mm (± 0.004 in.) unless otherwise specified.
www.semiconductor.agilent.com
Data subject to change.
Copyright 2003 Agilent Technologies, Inc.
Revision Date: xx-xx-xxxx


Similar Part No. - HSMT-C265

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMT-C265 AVAGO-HSMT-C265 Datasheet
188Kb / 10P
   High Performance Chip LEDs
More results

Similar Description - HSMT-C265

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSME-C110 HP-HSME-C110 Datasheet
216Kb / 12P
   AlInGaP Green ChipLED
logo
AVAGO TECHNOLOGIES LIMI...
HSME-C110 AVAGO-HSME-C110 Datasheet
194Kb / 12P
   AlInGaP Green ChipLED
ASMT-CA00 AVAGO-ASMT-CA00 Datasheet
243Kb / 6P
   AlInGaP Amber, 0.4mm Low Profile Right Angle Surface Mount ChipLED
logo
Broadcom Corporation.
ASMT-CR00 BOARDCOM-ASMT-CR00 Datasheet
338Kb / 6P
   AlInGaP Red 0.4mm Low Profile Right Angle Surface Mount ChipLED
ASMT-CA00 BOARDCOM-ASMT-CA00 Datasheet
334Kb / 6P
   AlInGaP Amber, 0.4mm Low Profile Right Angle Surface Mount ChipLED
logo
Siemens Semiconductor G...
LGR971 SIEMENS-LGR971 Datasheet
52Kb / 6P
   CHIPLED
LGQ971 SIEMENS-LGQ971 Datasheet
54Kb / 6P
   CHIPLED
logo
OSRAM GmbH
LOR971 OSRAM-LOR971 Datasheet
108Kb / 10P
   CHIPLED
logo
Siemens Semiconductor G...
LYR970 SIEMENS-LYR970 Datasheet
60Kb / 6P
   CHIPLED
LYR976 SIEMENS-LYR976 Datasheet
33Kb / 6P
   CHIPLED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com