Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NM27C512V150 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NM27C512V150
Description  524,288-Bit (64K x 8) High Performance CMOS EPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NM27C512V150 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  NM27C512V150 Datasheet HTML 1Page - National Semiconductor (TI) NM27C512V150 Datasheet HTML 2Page - National Semiconductor (TI) NM27C512V150 Datasheet HTML 3Page - National Semiconductor (TI) NM27C512V150 Datasheet HTML 4Page - National Semiconductor (TI) NM27C512V150 Datasheet HTML 5Page - National Semiconductor (TI) NM27C512V150 Datasheet HTML 6Page - National Semiconductor (TI) NM27C512V150 Datasheet HTML 7Page - National Semiconductor (TI) NM27C512V150 Datasheet HTML 8Page - National Semiconductor (TI) NM27C512V150 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TLD10834
February 1994
NM27C512
524288-Bit (64K x 8) High Performance CMOS EPROM
General Description
The NM27C512 is a high performance 512K UV Erasable
Electrically Programmable Read Only Memory (EPROM) It
is manufactured using National’s proprietary 08 micron
CMOS AMGTM EPROM technology for an excellent combi-
nation of speed and economy while providing excellent reli-
ability
The NM27C512 provides microprocessor-based systems
storage capacity for portions of operating system and appli-
cation software
Its 90 ns access time provides no-
wait-state operation with high-performance CPUs
The
NM27C512 offers a single chip solution for the code storage
requirements of 100% firmware-based equipment
Fre-
quently-used software routines are quickly executed from
EPROM storage greatly enhancing system utility
The NM27C512 is configured in the standard JEDEC
EPROM pinout which provides an easy upgrade path for
systems which are currently using standard EPROMs
The NM27C512 is one member of a high density EPROM
Family which range in densities up to 4 Megabit
Features
Y
High performance CMOS
90 ns access time
Y
Fast turn-off for microprocessor compatibility
Y
Manufacturers identification code
Y
JEDEC standard pin configuration
28-pin DIP package
32-pin chip carrier
Block Diagram
TLD10834 – 1
TRI-STATE
is a registered trademark of National Semiconductor Corporation
NSC800TM is a trademark of National Semiconductor Corporation
AMGTM is a trademark of WSI Inc
C1995 National Semiconductor Corporation
RRD-B30M65Printed in U S A


Similar Part No. - NM27C512V150

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM27C512V150 FAIRCHILD-NM27C512V150 Datasheet
105Kb / 10P
   524,288-Bit (64K x 8) High Performance CMOS EPROM
More results

Similar Description - NM27C512V150

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM27C512 FAIRCHILD-FM27C512_01 Datasheet
97Kb / 10P
   524,288-Bit (64K x 8) High Performance CMOS EPROM
FM27C512 FAIRCHILD-FM27C512 Datasheet
100Kb / 10P
   524,288-Bit (64K x 8) High Performance CMOS EPROM
NM27C512 FAIRCHILD-NM27C512 Datasheet
105Kb / 10P
   524,288-Bit (64K x 8) High Performance CMOS EPROM
logo
National Semiconductor ...
NM27P512 NSC-NM27P512 Datasheet
176Kb / 12P
   524,288-Bit (64K x 8) Processor Oriented CMOS EPROM
logo
Fairchild Semiconductor
NM27C210 FAIRCHILD-NM27C210 Datasheet
101Kb / 10P
   1,048,576-Bit (64K x 16) High Performance CMOS EPROM
logo
Macronix International
MX27L512 MCNIX-MX27L512 Datasheet
760Kb / 14P
   512K-BIT [64K x 8] CMOS EPROM
logo
NXP Semiconductors
27HC641 PHILIPS-27HC641 Datasheet
273Kb / 8P
   64K BIT CMOS EPROM (8K X 8)
November 12 1990
27C64A PHILIPS-27C64A Datasheet
528Kb / 14P
   64K-bit CMOS EPROM(8K x 8)
November 12 1990
logo
Cypress Semiconductor
CY27H512 CYPRESS-CY27H512 Datasheet
782Kb / 11P
   64K x 8 High-Speed CMOS EPROM
logo
Microchip Technology
27C64 MICROCHIP-27C64 Datasheet
126Kb / 10P
   64K (8K x 8) CMOS EPROM
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com