Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLMB1100 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TLMB1100
Description  Ultrabright 0603 LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLMB1100 Datasheet(HTML) 1 Page - Vishay Siliconix

  TLMB1100 Datasheet HTML 1Page - Vishay Siliconix TLMB1100 Datasheet HTML 2Page - Vishay Siliconix TLMB1100 Datasheet HTML 3Page - Vishay Siliconix TLMB1100 Datasheet HTML 4Page - Vishay Siliconix TLMB1100 Datasheet HTML 5Page - Vishay Siliconix TLMB1100 Datasheet HTML 6Page - Vishay Siliconix TLMB1100 Datasheet HTML 7Page - Vishay Siliconix TLMB1100 Datasheet HTML 8Page - Vishay Siliconix TLMB1100 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
VISHAY
TLMB / G / O / P / S / Y1100
Document Number 83173
Rev. 1.8, 30-Aug-04
Vishay Semiconductors
www.vishay.com
1
18562
e3 Pb
Pb-free
Ultrabright 0603 LED
Description
The new 0603 LED series have been designed in the
smallest SMD package. This innovative 0603 LED
technology opens the way to
• smaller products of higher performance
• more design in flexibility
• enhanced applications
The 0603 LED is an obvious solution for small-scale,
high power products that are expected to work reli-
ability in an arduous environment.
Features
• Smallest SMD package 0603 with exceptional
brightness 1.6 mm x 0.8 mm x 0.6 mm (L x W x H)
• High reliability lead frame based
• Temperature range - 40 °C to + 100 °C
• Footprint compatible to 0603 chipled
• Wavelength 470 nm (blue), 570 nm (green),
560 nm (pure green), 587 nm (yellow),
606 nm orange), 633 nm (red)
• AllnGaP and GaN technology
• Viewing angle: extremely wide 160 °
• Grouping parameter: luminous intensity,
wavelength
• Available in 8 mm tape
• IR reflow and TTW soldering
• Lead-free device
Applications
Backlight keypads
Navigation systems
Cellular phone displays
Displays for industrial control systems
Automotive features
Miniaturized color effects
Traffic displays
Parts Table
Part
Color, Luminous Intensity
TLMS1100
Red, IV = 63 mcd (typ.)
TLMO1100
Orange, IV = 80 mcd (typ.)
TLMY1100
Yellow, IV = 80 mcd (typ.)
TLMG1100
Green, IV = 35 mcd (typ.)
TLMP1100
Pure green, IV = 15 mcd (typ.)
TLMB1100
Blue, IV = 5 mcd (typ.)


Similar Part No. - TLMB1100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLMB1100 VISHAY-TLMB1100 Datasheet
189Kb / 15P
   Standard 0603 SMD LED
Rev. 2.2, 20-Jul-12
TLMB1100 VISHAY-TLMB1100 Datasheet
196Kb / 15P
   Standard 0603 SMD LED
Rev. 2.4, 04-Jun-13
TLMB1100 VISHAY-TLMB1100 Datasheet
196Kb / 15P
   Standard 0603 SMD LED
Rev. 2.4, 04-Jun-13
logo
HK TO-GRACE TECHNOLOGY ...
TLMB1100 TO-GRACE-TLMB1100 Datasheet
908Kb / 15P
   Standard 0603 SMD LED
TLMB1100 TO-GRACE-TLMB1100 Datasheet
908Kb / 15P
   Standard 0603 SMD LED
More results

Similar Description - TLMB1100

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
VLMW11R2S2-5K8L-08 TO-GRACE-VLMW11R2S2-5K8L-08 Datasheet
705Kb / 8P
   Ultrabright 0603 SMD LED
logo
Vishay Siliconix
VLMW11 VISHAY-VLMW11 Datasheet
230Kb / 10P
   Ultrabright 0603 SMD LED
Rev. 1.2, 19-Sep-07
VLMW11R2S2-5K8L-08 VISHAY-VLMW11R2S2-5K8L-08 Datasheet
193Kb / 10P
   Ultrabright 0603 SMD LED
Rev. 1.2, 03-Nov-08
logo
Marktech Corporate
MT7183A-UR MARKTECH-MT7183A-UR Datasheet
146Kb / 2P
   3mm 25 Ultrabright Red LED
logo
Vishay Siliconix
VLHW4100YLWU VISHAY-VLHW4100YLWU Datasheet
131Kb / 5P
   Ultrabright White LED, 3 mm
Rev. 1.3, 24-May-13
VLHW4100 VISHAY-VLHW4100_V01 Datasheet
152Kb / 5P
   Ultrabright White LED, 횠 3 mm
01-Jan-2021
VLHW4100 VISHAY-VLHW4100 Datasheet
110Kb / 5P
   Ultrabright White LED, Ø 3 mm
Rev. 1.0, 13-Jul-10
logo
List of Unclassifed Man...
LLB33550 ETC-LLB33550 Datasheet
462Kb / 4P
   Ultrabright blue LED 3mm, 5000mcd, 35
logo
Vishay Siliconix
VLHW4400 VISHAY-VLHW4400 Datasheet
200Kb / 8P
   Ultrabright White LED, 횠 3 mm
01-Jan-2021
logo
List of Unclassifed Man...
L03R3000F1 ETC2-L03R3000F1 Datasheet
211Kb / 3P
   ULTRABRIGHT YELLOW
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com