Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLMG1100 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # TLMG1100
Description  Ultrabright 0603 LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLMG1100 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button TLMG1100 Datasheet HTML 2Page - Vishay Siliconix TLMG1100 Datasheet HTML 3Page - Vishay Siliconix TLMG1100 Datasheet HTML 4Page - Vishay Siliconix TLMG1100 Datasheet HTML 5Page - Vishay Siliconix TLMG1100 Datasheet HTML 6Page - Vishay Siliconix TLMG1100 Datasheet HTML 7Page - Vishay Siliconix TLMG1100 Datasheet HTML 8Page - Vishay Siliconix TLMG1100 Datasheet HTML 9Page - Vishay Siliconix TLMG1100 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
www.vishay.com
6
Document Number 83173
Rev. 1.8, 30-Aug-04
VISHAY
TLMB / G / O / P / S / Y1100
Vishay Semiconductors
Typical Characteristics (Tamb = 25 °C unless otherwise specified)
Figure 1. Power Dissipation vs. Ambient Temperature
Figure 2. Power Dissipation vs. Ambient Temperature
Figure 3. Change of Dominant Wavelength vs. Ambient
Temperature
0
10
20
30
40
50
60
70
80
90
100
0
20406080
100
120
Tamb – Ambient Temperature ( C )
19107
0
5
10
15
20
25
30
35
40
0
20406080
100
120
Tamb – Ambient Temperature ( C )
19108
–6
–4
–2
0
2
4
6
8
–20
0
204060
80
100
Tamb – Ambient Temperature ( °C )
19081
Orange
IF = 20 mA
Figure 4. Relative Luminous Intensity vs. Amb. Temperature
Figure 5. Forward Voltage vs. Ambient Temperature
Figure 6. Forward Current vs. Forward Voltage
0.0
0.4
0.8
1.2
1.6
2.0
–20
0
204060
80
100
Tamb – Ambient Temperature ( °C )
19088
Orange
IF = 20 mA
1.80
1.85
1.90
1.95
2.00
2.05
2.10
2.15
2.20
2.25
2.30
2.35
2.40
–20
0
204060
80
100
Tamb – Ambient Temperature ( °C )
19093
Orange
IF = 20 mA
1.00
10.00
100.00
1.0
1.5
2.0
2.5
3.0
VF – Forward Voltage ( V )
19099
Orange


Similar Part No. - TLMG1100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLMG1100 VISHAY-TLMG1100 Datasheet
189Kb / 15P
   Standard 0603 SMD LED
Rev. 2.2, 20-Jul-12
TLMG1100 VISHAY-TLMG1100 Datasheet
196Kb / 15P
   Standard 0603 SMD LED
Rev. 2.4, 04-Jun-13
logo
HK TO-GRACE TECHNOLOGY ...
TLMG1100 TO-GRACE-TLMG1100 Datasheet
908Kb / 15P
   Standard 0603 SMD LED
TLMG1100 TO-GRACE-TLMG1100 Datasheet
908Kb / 15P
   Standard 0603 SMD LED
logo
Vishay Siliconix
TLMG1100 VISHAY-TLMG1100 Datasheet
185Kb / 13P
   Standard 0603 SMD LED
01-Jan-2022
More results

Similar Description - TLMG1100

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
VLMW11R2S2-5K8L-08 TO-GRACE-VLMW11R2S2-5K8L-08 Datasheet
705Kb / 8P
   Ultrabright 0603 SMD LED
logo
Vishay Siliconix
VLMW11 VISHAY-VLMW11 Datasheet
230Kb / 10P
   Ultrabright 0603 SMD LED
Rev. 1.2, 19-Sep-07
VLMW11R2S2-5K8L-08 VISHAY-VLMW11R2S2-5K8L-08 Datasheet
193Kb / 10P
   Ultrabright 0603 SMD LED
Rev. 1.2, 03-Nov-08
logo
Marktech Corporate
MT7183A-UR MARKTECH-MT7183A-UR Datasheet
146Kb / 2P
   3mm 25 Ultrabright Red LED
logo
Vishay Siliconix
VLHW4100YLWU VISHAY-VLHW4100YLWU Datasheet
131Kb / 5P
   Ultrabright White LED, 3 mm
Rev. 1.3, 24-May-13
VLHW4100 VISHAY-VLHW4100_V01 Datasheet
152Kb / 5P
   Ultrabright White LED, 횠 3 mm
01-Jan-2021
VLHW4100 VISHAY-VLHW4100 Datasheet
110Kb / 5P
   Ultrabright White LED, Ø 3 mm
Rev. 1.0, 13-Jul-10
logo
List of Unclassifed Man...
LLB33550 ETC-LLB33550 Datasheet
462Kb / 4P
   Ultrabright blue LED 3mm, 5000mcd, 35
logo
Vishay Siliconix
VLHW4400 VISHAY-VLHW4400 Datasheet
200Kb / 8P
   Ultrabright White LED, 횠 3 mm
01-Jan-2021
logo
List of Unclassifed Man...
L03R3000F1 ETC2-L03R3000F1 Datasheet
211Kb / 3P
   ULTRABRIGHT YELLOW
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com