Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4850H Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4850H
Description  Dual SPDT Analog Switches with Over-Rail Signal Handling
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4850H Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4850H Datasheet HTML 1Page - Maxim Integrated Products MAX4850H Datasheet HTML 2Page - Maxim Integrated Products MAX4850H Datasheet HTML 3Page - Maxim Integrated Products MAX4850H Datasheet HTML 4Page - Maxim Integrated Products MAX4850H Datasheet HTML 5Page - Maxim Integrated Products MAX4850H Datasheet HTML 6Page - Maxim Integrated Products MAX4850H Datasheet HTML 7Page - Maxim Integrated Products MAX4850H Datasheet HTML 8Page - Maxim Integrated Products MAX4850H Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Dual SPDT Analog Switches with
Over-Rail Signal Handling
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +2.7V to +5.5V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at VCC = +3.0V, TA = +25°C, unless other-
wise noted.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TA = +25°C
15
Break-Before-Make Time
Delay (Note 3)
tD
VCC = 3V, VNO_ or VNC_ = 1.5V,
RL = 300
Ω, CL = 50pF (Figure 3)
TA = -40°C
to +85°C
2
ns
Charge Injection
Q
VCOM_ = 1.5V, RS = 0
Ω, CL = 1nF (Figure 4)
8
pC
Off-Isolation (Note 6)
VISO
f = 100kHz, VCOM_= 1VRMS, RL = 50
Ω,
CL = 5pF (Figure 5)
-80
dB
Crosstalk
VCT
f = 1MHz, VCOM_ = 1VRMS, RL = 50
Ω, CL = 5pF
(Figure 5)
-95
dB
Total Harmonic Distortion
THD
f = 20Hz to 20kHz, VCOM_ = 1V + 2VP-P,
RL = 600
0.04
%
DIGITAL I/O (IN_)
VCC = 2V to 3.6V
1.4
Input-Logic High Voltage
VIH
VCC = 3.6V to 5.5V
1.8
V
VCC = 2V to 3.6V
0.5
Input-Logic Low Voltage
VIL
VCC = 3.6V to 5.5V
0.8
V
Input Leakage Current
IIN
VIN_ = 0 or 5.5V
-0.5
+0.5
µA
COMPARATOR
Comparator Range
0
5.5
V
Comparator Threshold
VTH
VCC = 2V to 5.5V, falling input
0.3 x
VCC
0.33 x
VCC
0.36 x
VCC
V
Comparator Hysteresis
VCC = 2V to 5.5V
50
mV
Comparator Output High
Voltage
ISOURCE = 1mA
VCC -
0.4V
V
Comparator Output Low
Voltage
ISINK = 1mA
0.4
V
Rising input (Figure 7)
2.5
Comparator Switching Time
Falling input (Figure 7)
0.5
µs
Note 2:
Specifications are 100% tested at TA = +85°C only, and guaranteed by design and characterization over the specified
temperature range.
Note 3:
Guaranteed by design and characterization; not production tested.
Note 4:
∆RON = RON(MAX) - RON(MIN).
Note 5:
Flatness is defined as the difference between the maximum and minimum value of on-resistance as measured over the
specified analog signal ranges.
Note 6:
Off-isolation = 20log10 (VCOM_ / VNO_), VCOM_ = output, VNO_ = input to off switch.


Similar Part No. - MAX4850H

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX485 MAXIM-MAX485 Datasheet
439Kb / 19P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 8; 10/03
MAX485 MAXIM-MAX485 Datasheet
133Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 3; 7/96
logo
Tiger Electronic Co.,Lt...
MAX485 TGS-MAX485 Datasheet
1Mb / 6P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX485 MAXIM-MAX485 Datasheet
1Mb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 9; 9/09
MAX485 MAXIM-MAX485 Datasheet
414Kb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 10; 9/14
More results

Similar Description - MAX4850H

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4854 MAXIM-MAX4854 Datasheet
782Kb / 11P
   7Ω Quad SPST Switches with Over-Rail Signal Handling
Rev 0; 10/04
MAX4851 MAXIM-MAX4851 Datasheet
498Kb / 14P
   3.5 ??7 ?쪸uad SPST Switches with Over-Rail Signal Handling
Rev 0; 10/04
MAX4910 MAXIM-MAX4910 Datasheet
676Kb / 13P
   Quad-SPDT, Clickless Audio Switches with Negative Signal Handling
Rev 0; 2/06
logo
Pericom Semiconductor C...
PI3A288 PERICOM-PI3A288 Datasheet
553Kb / 9P
   Ultra-Low-THD Dual-SPDT Analog Switch with Negative Signal Handling Capability
logo
Vishay Siliconix
DG2520 VISHAY-DG2520 Datasheet
147Kb / 8P
   Sub-Ω, Low Voltage, SPDT Analog Switches with Over Current Protection
Rev. A, 07-Aug-06
logo
Monolithic Power System...
EV2735DQG-00A MPS-EV2735DQG-00A Datasheet
173Kb / 4P
   Low-Voltage 0.45ohm Dual SPDT Analog Switches
logo
Vishay Siliconix
DG3516 VISHAY-DG3516_11 Datasheet
131Kb / 10P
   300 MHz, 2.5ohm, Dual SPDT Analog Switches
Rev. D, 13-Jun-11
DG2535E VISHAY-DG2535E Datasheet
167Kb / 10P
   0.3 Ω, Low Voltage Dual SPDT Analog Switches
Rev. A, 30-Jan-17
logo
Monolithic Power System...
MP2735 MPS-MP2735 Datasheet
469Kb / 10P
   Low-Voltage 0.45ohm Dual SPDT Analog Switches
EVQ2735GG-00A MPS-EVQ2735GG-00A Datasheet
438Kb / 4P
   Low-Voltage 0.45ohm Dual SPDT Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com