Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1004CPW-1-2 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LT1004CPW-1-2
Description  MICROPOWER INTEGRATED VOLTAGE REFERENCES
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LT1004CPW-1-2 Datasheet(HTML) 4 Page - Texas Instruments

  LT1004CPW-1-2 Datasheet HTML 1Page - Texas Instruments LT1004CPW-1-2 Datasheet HTML 2Page - Texas Instruments LT1004CPW-1-2 Datasheet HTML 3Page - Texas Instruments LT1004CPW-1-2 Datasheet HTML 4Page - Texas Instruments LT1004CPW-1-2 Datasheet HTML 5Page - Texas Instruments LT1004CPW-1-2 Datasheet HTML 6Page - Texas Instruments LT1004CPW-1-2 Datasheet HTML 7Page - Texas Instruments LT1004CPW-1-2 Datasheet HTML 8Page - Texas Instruments LT1004CPW-1-2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LT1004-1.2, LT1004-2.5
MICROPOWER INTEGRATED VOLTAGE REFERENCES
SLVS022J – JANUARY 1989 – REVISED AUGUST 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Reverse current, IR
30 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Forward current, IF
10 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Notes 1 and 2): D package
97
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
LP package
140
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . .
PW package
149
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . .
Operating virtual junction temperature, TJ
150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable
ambient temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
2. The package thermal impedance is calculated in accordance with JESD 51-7.
recommended operating conditions
MIN
MAX
UNIT
TA
Operating free-air temperature
LT1004C
0
70
°C
TA
Operating free-air temperature
LT1004I
–40
85
°C
electrical characteristics at specified free-air temperature
PARAMETER
TEST
TA‡
LT1004-1.2
LT1004-2.5
UNIT
PARAMETER
TEST
CONDITIONS
TA‡
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
V
Reference voltage
I = 100 A
25
°C
1.231
1.235
1.239
2.48
2.5
2.52
V
VZ
Reference voltage
IZ = 100 µA
Full
LT1004C
1.225
1.245
2.47
2.53
V
Z
Z
Full
range
LT1004I
1.225
1.245
2.47
2.53
a
V
Average
temperature coefficient
IZ = 10 µA
25
°C
20
ppm/
°C
a
V
Z
temperature coefficient
of reference voltage§
IZ = 20 µA
25
°C
20
ppm/
°C
V
Change in
IZ = IZ(min) to 1 mA
25
°C
1
1
mV
∆VZ
Change in
reference voltage
IZ = IZ(min) to 1 mA
Full range
1.5
1.5
mV
∆VZ
reference voltage
with current
IZ = 1 mA to 20 mA
25
°C
10
10
mV
with current
IZ = 1 mA to 20 mA
Full range
20
20
∆VZ/∆t
Long-term change
in reference voltage
IZ = 100 µA
25
°C
20
20
ppm/khr
IZ(min)
Minimum
reference current
Full range
8
10
12
20
µA
zz
Reference impedance
IZ = 100 µA
25
°C
0.2
0.6
0.2
0.6
zz
Reference impedance
IZ = 100 µA
Full range
1.5
1.5
Vn
Broadband
noise voltage
IZ = 100 µA,
f = 10 Hz to 10 kHz
25
°C
60
120
µV
‡ Full range is 0°C to 70°C for the LT1004C and –40°C to 85°C for the LT1004I.
§ The average temperature coefficient of reference voltage is defined as the total change in reference voltage divided by the specified temperature
range.


Similar Part No. - LT1004CPW-1-2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LT1004CPW-1-2 TI-LT1004CPW-1-2 Datasheet
356Kb / 21P
[Old version datasheet]   MICROPOWER INTEGRATED VOLTAGE REFERENCES
LT1004CPW-1-2 TI-LT1004CPW-1-2 Datasheet
790Kb / 25P
[Old version datasheet]   MICROPOWER INTEGRATED VOLTAGE REFERENCES
LT1004CPW-1-2 TI-LT1004CPW-1-2 Datasheet
765Kb / 25P
[Old version datasheet]   MICROPOWER INTEGRATED VOLTAGE REFERENCES
More results

Similar Description - LT1004CPW-1-2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LT1004CDRG4-1-2 TI-LT1004CDRG4-1-2 Datasheet
765Kb / 25P
[Old version datasheet]   MICROPOWER INTEGRATED VOLTAGE REFERENCES
LT1004CDRG4-1-2 TI-LT1004CDRG4-1-2 Datasheet
790Kb / 25P
[Old version datasheet]   MICROPOWER INTEGRATED VOLTAGE REFERENCES
LT1004-1.2 TI-LT1004-1.2 Datasheet
356Kb / 21P
[Old version datasheet]   MICROPOWER INTEGRATED VOLTAGE REFERENCES
LM285-2-5 TI-LM285-2-5 Datasheet
669Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-2.5 TI1-LM285-2.5_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LM285-1.2 TI1-LM285-1.2_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LM385-1.2-MIL TI1-LM385-1.2-MIL Datasheet
402Kb / 16P
[Old version datasheet]   Micropower Voltage References
LM385LPE3-2-5 TI1-LM385LPE3-2-5 Datasheet
651Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285 TI-LM285 Datasheet
307Kb / 15P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM385B-2.5 TI-LM385B-2.5 Datasheet
263Kb / 14P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com