Electronic Components Datasheet Search
Selected language     English  ▼
Advanced Search

              



Part Name


MAX4850ETE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part No. MAX4850ETE
Description  Dual SPDT Analog Switches with Over-Rail Signal Handling
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

 
 3 page
background image
Dual SPDT Analog Switches with
Over-Rail Signal Handling
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +2.7V to +5.5V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at VCC = +3.0V, TA = +25°C, unless other-
wise noted.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
COM On-Capacitance
CON
f = 1MHz (Figure 6)
60
pF
ANALOG SWITCH (7
Ω Switch)
Analog Signal Range
VNO_, VNC_,
VCOM_
0
5.5
V
TA = +25°C
79
On-Resistance
RON
VCC = 3V, ICOM_ = 10mA, VNC_
or VNO_ = 0 to 5.5V (MAX4852)
or VCC (MAX4852H)
TA = -40°C
to +85°C
10
TA = +25°C
0.2
0.4
On-Resistance Match
Between Channels
(Notes 3, 4)
∆RON
VCC = 3V, ICOM = 10mA, VNC_ or
VNO_ = 1.5V
TA = -40°C
to +85°C
0.5
TA = +25°C
2.5
3.75
On-Resistance Flatness
(Note 5)
RFLAT
VCC = 3V, ICOM_ = 10mA, VNC_
or VNO_ = 1V, 2V, 3V
TA = -40°C
to +85°C
4.0
TA = +25°C
-2
+2
NO_/NC_ Off-Leakage
Current
IOFF
VCC = 5.5V, VNC_ or VNO_ = 1V
or 4.5V, VCOM_ = 4.5V or 1V
TA = -40°C
to +85°C
-10
+10
nA
TA = +25°C
-2
+2
COM_ On-Leakage Current
ION
VCC = 5.5V; VNC_ or VNO_ = 1V,
4.5V, or floating; VCOM_ = 1V,
4.5V, or floating
TA = -40°C
to +85°C
-12.5
+12.5
nA
-3dB Bandwidth
BW
Signal = 0dBm, RL = 50
Ω, CL = 5pF (Figure 5)
135
MHz
NO_/NC_ Off-Capacitance
COFF
f = 1MHz (Figure 6)
12
pF
COM On-Capacitance
CON
f = 1MHz (Figure 6)
50
pF
DYNAMIC CHARACTERISTICS
Signal Over-Rail to High-Z
Switching Time
tHIZ
MAX4850H/MAX4852H, VNO_ or VNC_ = VCC to
(VCC + 0.5V), VCC < 5V (Figure 1)
0.5
1
µs
High-Z to Low-Z Switching
Time
tHIZB
MAX4850H/MAX4852H, VNO_ or VNC_ =
(VCC + 0.5V) to VCC, VCC < 5V (Figure 1)
0.5
1
µs
Skew (Note 3)
tSKEW
RS = 39
Ω, CL = 50pF (Figure 2)
0.1
1
ns
Propagation Delay (Note 3)
tPD
RS = 39
Ω, CL = 50pF (Figure 2)
0.9
2
ns
TA = +25°C
40
60
Turn-On Time
tON
VCC = 3V, VNO_ or VNC_ = 1.5V,
RL = 300
Ω, CL = 50pF (Figure 1)
TA = -40°C
to +85°C
100
ns
TA = +25°C
30
40
Turn-Off Time
tOFF
VCC = 3V, VNO_ or VNC_ = 1.5V,
RL = 300
Ω, CL = 50pF (Figure 1)
TA = -40°C
to +85°C
60
ns




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NLAS2066Ultra-Small Dual Single Pole Single Throw Analog Switch with Over Voltage Tolerance 1 2 3 4 5 MoreON Semiconductor
FXL2TD245Low Voltage Dual Supply 2-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels 3-STATE Outputs and Independent 1 2 3 4 5 MoreFairchild Semiconductor
NLAS5223BUltra−Low 0.5 ohm Dual SPDT Analog Switch 1 2 3 4 5 MoreON Semiconductor
ISTS150TRANSMISSIVE OPTO-ELECTRONIC DUAL CHANNEL SLOTTED INTERRUPTER SWITCHES WITH TRANSISTOR SENSORS 1 2 3 List of Unclassifed Manufacturers
AD73411Low-Power Analog Front End with DSP Microcomputer 1 2 3 4 5 MoreAnalog Devices
OPA2690Dual Wideband Voltage-Feedback OPERATIONAL AMPLIFIER with Disable 1 2 3 4 5 MoreBurr-Brown (TI)
CD54AC109Dual j-k Flip-Flop with Set and Reset 1 2 3 4 5 MoreTI store
AD9942Dual-Channel 14-Bit CCD Signal Processor with Precision Timing™ Core 1 2 3 4 5 MoreAnalog Devices

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl