Electronic Components Datasheet Search
Selected language     English  ▼
Advanced Search

              



Part Name


MAX4850ETE Datasheet(PDF) 4 Page - Maxim Integrated Products

Part No. MAX4850ETE
Description  Dual SPDT Analog Switches with Over-Rail Signal Handling
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

 
 4 page
background image
Dual SPDT Analog Switches with
Over-Rail Signal Handling
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +2.7V to +5.5V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at VCC = +3.0V, TA = +25°C, unless other-
wise noted.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TA = +25°C
15
Break-Before-Make Time
Delay (Note 3)
tD
VCC = 3V, VNO_ or VNC_ = 1.5V,
RL = 300
Ω, CL = 50pF (Figure 3)
TA = -40°C
to +85°C
2
ns
Charge Injection
Q
VCOM_ = 1.5V, RS = 0
Ω, CL = 1nF (Figure 4)
8
pC
Off-Isolation (Note 6)
VISO
f = 100kHz, VCOM_= 1VRMS, RL = 50
Ω,
CL = 5pF (Figure 5)
-80
dB
Crosstalk
VCT
f = 1MHz, VCOM_ = 1VRMS, RL = 50
Ω, CL = 5pF
(Figure 5)
-95
dB
Total Harmonic Distortion
THD
f = 20Hz to 20kHz, VCOM_ = 1V + 2VP-P,
RL = 600
0.04
%
DIGITAL I/O (IN_)
VCC = 2V to 3.6V
1.4
Input-Logic High Voltage
VIH
VCC = 3.6V to 5.5V
1.8
V
VCC = 2V to 3.6V
0.5
Input-Logic Low Voltage
VIL
VCC = 3.6V to 5.5V
0.8
V
Input Leakage Current
IIN
VIN_ = 0 or 5.5V
-0.5
+0.5
µA
COMPARATOR
Comparator Range
0
5.5
V
Comparator Threshold
VTH
VCC = 2V to 5.5V, falling input
0.3 x
VCC
0.33 x
VCC
0.36 x
VCC
V
Comparator Hysteresis
VCC = 2V to 5.5V
50
mV
Comparator Output High
Voltage
ISOURCE = 1mA
VCC -
0.4V
V
Comparator Output Low
Voltage
ISINK = 1mA
0.4
V
Rising input (Figure 7)
2.5
Comparator Switching Time
Falling input (Figure 7)
0.5
µs
Note 2:
Specifications are 100% tested at TA = +85°C only, and guaranteed by design and characterization over the specified
temperature range.
Note 3:
Guaranteed by design and characterization; not production tested.
Note 4:
∆RON = RON(MAX) - RON(MIN).
Note 5:
Flatness is defined as the difference between the maximum and minimum value of on-resistance as measured over the
specified analog signal ranges.
Note 6:
Off-isolation = 20log10 (VCOM_ / VNO_), VCOM_ = output, VNO_ = input to off switch.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NLAS2066Ultra-Small Dual Single Pole Single Throw Analog Switch with Over Voltage Tolerance 1 2 3 4 5 MoreON Semiconductor
FXL2TD245Low Voltage Dual Supply 2-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels 3-STATE Outputs and Independent 1 2 3 4 5 MoreFairchild Semiconductor
NLAS5223BUltra−Low 0.5 ohm Dual SPDT Analog Switch 1 2 3 4 5 MoreON Semiconductor
ISTS150TRANSMISSIVE OPTO-ELECTRONIC DUAL CHANNEL SLOTTED INTERRUPTER SWITCHES WITH TRANSISTOR SENSORS 1 2 3 List of Unclassifed Manufacturers
AD73411Low-Power Analog Front End with DSP Microcomputer 1 2 3 4 5 MoreAnalog Devices
OPA2690Dual Wideband Voltage-Feedback OPERATIONAL AMPLIFIER with Disable 1 2 3 4 5 MoreBurr-Brown (TI)
CD54AC109Dual j-k Flip-Flop with Set and Reset 1 2 3 4 5 MoreTI store
AD9942Dual-Channel 14-Bit CCD Signal Processor with Precision Timing™ Core 1 2 3 4 5 MoreAnalog Devices

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl