Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K4M56163PG-BC75 Datasheet(PDF) 10 Page - Samsung semiconductor

Part # K4M56163PG-BC75
Description  4M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4M56163PG-BC75 Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button K4M56163PG-BC75 Datasheet HTML 4Page - Samsung semiconductor K4M56163PG-BC75 Datasheet HTML 5Page - Samsung semiconductor K4M56163PG-BC75 Datasheet HTML 6Page - Samsung semiconductor K4M56163PG-BC75 Datasheet HTML 7Page - Samsung semiconductor K4M56163PG-BC75 Datasheet HTML 8Page - Samsung semiconductor K4M56163PG-BC75 Datasheet HTML 9Page - Samsung semiconductor K4M56163PG-BC75 Datasheet HTML 10Page - Samsung semiconductor K4M56163PG-BC75 Datasheet HTML 11Page - Samsung semiconductor K4M56163PG-BC75 Datasheet HTML 12Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
K4M56163PG - R(B)E/G/C/F
February 2006
Mobile SDRAM
Register Programmed with Extended MRS
Address
BA1
BA0
A12 ~ A10/AP
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
Function
Mode Select
RFU*1
DS
RFU*1
PASR
Normal MRS Mode
Test Mode
CAS Latency
Burst Type
Burst Length
A8
A7
Type
A6
A5
A4
Latency
A3
Type
A2
A1
A0
BT=0
BT=1
0
0
Mode Register Set
0
0
0
Reserved
0
Sequential
0
0
0
1
1
0
1
Reserved
0
0
1
1
1
Interleave
0
0
1
2
2
1
0
Reserved
0
1
0
2
Mode Select
0
1
0
4
4
1
1
Reserved
0
1
1
3
BA1 BA0
Mode
0
1
1
8
8
Write Burst Length
1
0
0
Reserved
0
0
Setting
for Nor-
mal MRS
1
0
0
Reserved
Reserved
A9
Length
1
0
1
Reserved
1
0
1
Reserved
Reserved
0
Burst
1
1
0
Reserved
1
1
0
Reserved
Reserved
1
Single Bit
1
1
1
Reserved
1
1
1
Full Page
Reserved
Full Page Length x16 : 64Mb(256), 128Mb(512),256Mb(512),512Mb(1024)
Register Programmed with Normal MRS
Address
BA0 ~ BA1
A12 ~ A10/AP
A9*2
A8
A7
A6
A5
A4
A3
A2
A1
A0
Function
"0" Setting for
Normal MRS
RFU
W.B.L
Test Mode
CAS Latency
BT
Burst Length
A. MODE REGISTER FIELD TABLE TO PROGRAM MODES
NOTES:
1.RFU(Reserved for future use) should stay "0" during MRS cycle.
2.If A9 is high during MRS cycle, "Burst Read Single Bit Write" function will be enabled.
Mode Select
Driver Strength
PASR
BA1
BA0
Mode
A6
A5
Driver Strength
A2
A1
A0
Size of Refreshed Array
0
0
Normal MRS
0
0
Full
0
0
0
Full Array
0
1
Reserved
0
1
1/2
0
0
1
1/2 of Full Array
1
0
EMRS for Mobile SDRAM
1
0
1/4
0
1
0
1/4 of Full Array
1
1
Reserved
1
1
1/8
0
1
1
Reserved
Reserved Address
1
0
0
Reserved
A12~A10/AP
A9
A8
A7
A4
A3
1
0
1
Reserved
0
0
0
0
0
0
1
1
0
Reserved
1
1
1
Reserved
EMRS for PASR(Partial Array Self Ref.) & DS(Driver Strength)


Similar Part No. - K4M56163PG-BC75

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4M56163PE-F1L SAMSUNG-K4M56163PE-F1L Datasheet
112Kb / 12P
   4M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M56163PE-F90 SAMSUNG-K4M56163PE-F90 Datasheet
112Kb / 12P
   4M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M56163PE-R SAMSUNG-K4M56163PE-R Datasheet
112Kb / 12P
   4M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M56163PE-RG SAMSUNG-K4M56163PE-RG Datasheet
112Kb / 12P
   4M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
More results

Similar Description - K4M56163PG-BC75

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4M561633G SAMSUNG-K4M561633G Datasheet
114Kb / 12P
   4M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4S56163PF SAMSUNG-K4S56163PF Datasheet
114Kb / 12P
   4M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M56163PE-R SAMSUNG-K4M56163PE-R Datasheet
112Kb / 12P
   4M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4S51153LF SAMSUNG-K4S51153LF Datasheet
108Kb / 12P
   8M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M51163LC SAMSUNG-K4M51163LC Datasheet
114Kb / 12P
   8M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M64163PK SAMSUNG-K4M64163PK Datasheet
115Kb / 12P
   1M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4S51153PF SAMSUNG-K4S51153PF Datasheet
108Kb / 12P
   8M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M28163LF SAMSUNG-K4M28163LF Datasheet
115Kb / 12P
   2M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M511633E SAMSUNG-K4M511633E Datasheet
112Kb / 12P
   8M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M51163PC-RBE SAMSUNG-K4M51163PC-RBE Datasheet
115Kb / 12P
   8M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com