Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA691 Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA691
Description  Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA691 Datasheet(HTML) 1 Page - Burr-Brown (TI)

  OPA691 Datasheet HTML 1Page - Burr-Brown (TI) OPA691 Datasheet HTML 2Page - Burr-Brown (TI) OPA691 Datasheet HTML 3Page - Burr-Brown (TI) OPA691 Datasheet HTML 4Page - Burr-Brown (TI) OPA691 Datasheet HTML 5Page - Burr-Brown (TI) OPA691 Datasheet HTML 6Page - Burr-Brown (TI) OPA691 Datasheet HTML 7Page - Burr-Brown (TI) OPA691 Datasheet HTML 8Page - Burr-Brown (TI) OPA691 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Triple Wideband, Current-Feedback
OPERATIONAL AMPLIFIER With Disable
FEATURES
q FLEXIBLE SUPPLY RANGE:
+5V to +12V Single-Supply
±2.5V to ±6V Dual Supply
q UNITY-GAIN STABLE: 280MHz (G = 1)
q HIGH OUTPUT CURRENT: 190mA
q OUTPUT VOLTAGE SWING:
±4.0V
q HIGH SLEW RATE: 2100V/
µs
q LOW SUPPLY CURRENT: 5.1mA/ch
q LOW DISABLED CURRENT: 150
µA/ch
q IMPROVED HIGH-FREQUENCY PINOUT
q WIDEBAND +5V OPERATION: 190MHz (G = +2)
APPLICATIONS
q RGB AMPLIFIERS
q WIDEBAND INA
q BROADBAND VIDEO BUFFERS
q HIGH-SPEED IMAGING CHANNELS
q PORTABLE INSTRUMENTS
q ADC BUFFERS
q ACTIVE FILTERS
q CABLE DRIVERS
DESCRIPTION
The OPA3691 sets a new level of performance for broad-
band, triple current-feedback op amps. Operating on a very
low 5.1mA/ch supply current, the OPA3691 offers a slew
rate and output power normally associated with a much
higher supply current. A new output stage architecture
delivers a high output current with minimal voltage head-
room and crossover distortion. This gives exceptional single-
supply operation. Using a single +5V supply, the OPA3691
can deliver a 1V to 4V output swing with over 120mA drive
current and 150MHz bandwidth. This combination of fea-
tures makes the OPA3691 an ideal RGB line driver or
single-supply Analog-to-Digital Converter (ADC) input driver.
The OPA3691’s low 5.1mA/ch supply current is precisely
trimmed at 25
°C. This trim, along with low drift over tem-
perature, ensures lower maximum supply current than com-
peting products. System power may be further reduced by
using the optional disable control pin. Leaving this disable
pin open, or holding it HIGH, gives normal operation. If
pulled LOW, the OPA3691 supply current drops to less than
150
µA/ch while the output goes into a high impedance
state. This feature may be used for power savings.
OPA3691
SBOS227A – DECEMBER 2001 – REVISED OCTOBER 2002
www.ti.com
Copyright © 2001, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
OPA3691 RELATED PRODUCTS
SINGLES
DUALS
TRIPLES
Voltage-Feedback
OPA690
OPA2690
OPA3690
Current-Feedback
OPA691
OPA2691
OPA3681
Fixed Gain
OPA692
OPA3692
66.5
High-Speed INA (120MHz)
499
499
301
301
1/3
OPA3691
1/3
OPA3691
1/3
OPA3691
V
1
10 (V
1 – V2)
V
2
+5V
–5V
+5V
–5V
+5V
–5V
250
250
OPA369
1
OPA3691
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
25
20
15
10
5
0
Frequency (MHz)
HIGH-SPEED INA FREQUENCY RESPONSE
0.1
1
10
100
400


Similar Part No. - OPA691

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA691 TI-OPA691 Datasheet
410Kb / 22P
[Old version datasheet]   Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
OPA691 TI1-OPA691 Datasheet
706Kb / 28P
[Old version datasheet]   Dual, Wideband, Low-Power, Current Feedback Operational Amplifier
OPA691 TI-OPA691 Datasheet
376Kb / 27P
[Old version datasheet]   Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
OPA691 TI1-OPA691 Datasheet
1Mb / 37P
[Old version datasheet]   Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
OPA691 TI-OPA691 Datasheet
410Kb / 23P
[Old version datasheet]   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
More results

Similar Description - OPA691

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA3681 BURR-BROWN-OPA3681 Datasheet
234Kb / 21P
   Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA3695 TI1-OPA3695_14 Datasheet
1Mb / 39P
[Old version datasheet]   Triple, Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Burr-Brown (TI)
OPA681 BURR-BROWN-OPA681 Datasheet
241Kb / 21P
   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA691 TI-OPA691 Datasheet
410Kb / 23P
[Old version datasheet]   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
OPA691 TI1-OPA691_15 Datasheet
1Mb / 31P
[Old version datasheet]   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA3680 BURR-BROWN-OPA3680 Datasheet
225Kb / 21P
   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA3690ID TI-OPA3690ID Datasheet
1Mb / 39P
[Old version datasheet]   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
OPA695 TI1-OPA695_16 Datasheet
1Mb / 58P
[Old version datasheet]   Ultra-Wideband, Current-Feedback Operational Amplifier With Disable
logo
Burr-Brown (TI)
OPA2681 BURR-BROWN-OPA2681 Datasheet
292Kb / 21P
   Dual Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA695IDGKR TI1-OPA695IDGKR Datasheet
1Mb / 41P
[Old version datasheet]   Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com