Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB39A123PMT Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # MB39A123PMT
Description  6 ch DC/DC Converter IC with Synchronous Rectification
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB39A123PMT Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  MB39A123PMT Datasheet HTML 1Page - Fujitsu Component Limited. MB39A123PMT Datasheet HTML 2Page - Fujitsu Component Limited. MB39A123PMT Datasheet HTML 3Page - Fujitsu Component Limited. MB39A123PMT Datasheet HTML 4Page - Fujitsu Component Limited. MB39A123PMT Datasheet HTML 5Page - Fujitsu Component Limited. MB39A123PMT Datasheet HTML 6Page - Fujitsu Component Limited. MB39A123PMT Datasheet HTML 7Page - Fujitsu Component Limited. MB39A123PMT Datasheet HTML 8Page - Fujitsu Component Limited. MB39A123PMT Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
MB39A123
2
■ PIN ASSIGNMENTS
(Continued)
CTL1
2
36
VCCO
CTL2
3
35
OUT1-1
CTL3
4
34
OUT1-2
CTL4
5
33
OUT2
CTL5
6
32
OUT3
CTL6
7
31
OUT4
−INS
8
30
OUT5
VREF
9
29
OUT6
GND
10
28
GNDO
RT
11
27
CS6
CT
12
26
−INE6
CTL
46
45
44
40
39
48
47
13
14
15
37
25
22
23
43
1
16
17
18
19
FB6
42
20
41
21
24
38
(LCC-48P-M08)
(TOP VIEW)


Similar Part No. - MB39A123PMT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB39A123PMT CYPRESS-MB39A123PMT Datasheet
443Kb / 37P
   6 ch DC/DC Converter IC withSynchronous Rectification Datasheet
More results

Similar Description - MB39A123PMT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB39C011APFT-G-BND-ERE1 CYPRESS-MB39C011APFT-G-BND-ERE1 Datasheet
1Mb / 53P
   2 ch DC/DC Converter IC with Synchronous Rectification
logo
Fujitsu Component Limit...
MB39A110 FUJITSU-MB39A110 Datasheet
418Kb / 32P
   4-ch DC/DC Converter IC with Synchronous Rectification
MB39A108 FUJITSU-MB39A108_06 Datasheet
525Kb / 45P
   5 ch DC/DC Converter IC with Synchronous Rectification
MB39A115 FUJITSU-MB39A115 Datasheet
495Kb / 42P
   5 ch DC/DC Converter IC with Synchronous Rectification
logo
Cypress Semiconductor
MB39C014 CYPRESS-MB39C014 Datasheet
1Mb / 32P
   1 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
MB39A123 CYPRESS-MB39A123 Datasheet
443Kb / 37P
   6 ch DC/DC Converter IC withSynchronous Rectification Datasheet
MB39C006A CYPRESS-MB39C006A Datasheet
2Mb / 36P
   1 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
MB39C007 CYPRESS-MB39C007 Datasheet
2Mb / 41P
   2 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
logo
Fujitsu Component Limit...
MB3825A FUJITSU-MB3825A Datasheet
465Kb / 39P
   6-ch DC/DC Converter IC With Synchronous Rectifier
logo
Cypress Semiconductor
MB39C326 CYPRESS-MB39C326 Datasheet
885Kb / 22P
   6 MHz Synchronous Rectification Buck-Boost DC/DC Converter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com