Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA3691IDR Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA3691IDR
Description  Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA3691IDR Datasheet(HTML) 5 Page - Burr-Brown (TI)

  OPA3691IDR Datasheet HTML 1Page - Burr-Brown (TI) OPA3691IDR Datasheet HTML 2Page - Burr-Brown (TI) OPA3691IDR Datasheet HTML 3Page - Burr-Brown (TI) OPA3691IDR Datasheet HTML 4Page - Burr-Brown (TI) OPA3691IDR Datasheet HTML 5Page - Burr-Brown (TI) OPA3691IDR Datasheet HTML 6Page - Burr-Brown (TI) OPA3691IDR Datasheet HTML 7Page - Burr-Brown (TI) OPA3691IDR Datasheet HTML 8Page - Burr-Brown (TI) OPA3691IDR Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
OPA3691
SBOS227A
5
www.ti.com
TYPICAL CHARACTERISTICS: VS = ±5V
TA = +25°C, G = +2, and RL = 100Ω, (see Figure 1 for AC performance only), unless otherwise noted.
1
0
–1
–2
–3
–4
–5
–6
–7
–8
Frequency (25MHz/div)
0
250MHz
125MHz
SMALL-SIGNAL FREQUENCY RESPONSE
G = +10, R
F = 180Ω
G = +5, R
F = 261Ω
G = +1, R
F = 453Ω
G = +2,
R
F = 402Ω
V
O = 0.5Vp-p
7.0
6.5
6.0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
Frequency (25MHz/div)
0
250MHz
125MHz
LARGE-SIGNAL FREQUENCY RESPONSE
G = +2, R
L = 100Ω
4Vp-p
7Vp-p
1Vp-p
2Vp-p
+400
+300
+200
+100
0
–100
–200
–300
–400
SMALL-SIGNAL PULSE RESPONSE
Time (5ns/div)
G = +2
V
O = 0.5Vp-p
+4
+3
+2
+1
0
–1
–2
–3
–4
LARGE-SIGNAL PULSE RESPONSE
Time (5ns/div)
G = +2
V
O = 5Vp-p
0.2
0.18
0.16
0.14
0.12
0.1
0.08
0.06
0.04
0.02
0
Number of 150
Ω Loads
12
dG
dG
dP
dP
34
COMPOSITE VIDEO dG/dP
1/3
OPA3691
402
+5
–5
402
Video
Loads
Video
In
Optional 1.3k
Pull-Down
No Pull-Down
With 1.3k
Ω Pull-Down
DISABLED FEEDTHROUGH vs FREQUENCY
–45
–50
–55
–60
–65
–70
–75
–80
–85
–90
–95
–100
Frequency (MHz)
1
0.3
10
100
Forward
V
DIS = 0
Reverse


Similar Part No. - OPA3691IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA3691IDR TI1-OPA3691IDR Datasheet
1Mb / 32P
[Old version datasheet]   Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER
OPA3691IDRG4 TI1-OPA3691IDRG4 Datasheet
1Mb / 32P
[Old version datasheet]   Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER
More results

Similar Description - OPA3691IDR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA3681 BURR-BROWN-OPA3681 Datasheet
234Kb / 21P
   Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA3695 TI1-OPA3695_14 Datasheet
1Mb / 39P
[Old version datasheet]   Triple, Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Burr-Brown (TI)
OPA681 BURR-BROWN-OPA681 Datasheet
241Kb / 21P
   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA691 TI-OPA691 Datasheet
410Kb / 23P
[Old version datasheet]   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
OPA691 TI1-OPA691_15 Datasheet
1Mb / 31P
[Old version datasheet]   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA3680 BURR-BROWN-OPA3680 Datasheet
225Kb / 21P
   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA3690ID TI-OPA3690ID Datasheet
1Mb / 39P
[Old version datasheet]   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
OPA695 TI1-OPA695_16 Datasheet
1Mb / 58P
[Old version datasheet]   Ultra-Wideband, Current-Feedback Operational Amplifier With Disable
logo
Burr-Brown (TI)
OPA2681 BURR-BROWN-OPA2681 Datasheet
292Kb / 21P
   Dual Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA695IDGKR TI1-OPA695IDGKR Datasheet
1Mb / 41P
[Old version datasheet]   Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com