Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3918DP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # UCC3918DP
Description  LOW ON-RESISTANCE HOT SWAP POWER MANAGER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC3918DP Datasheet(HTML) 3 Page - Texas Instruments

  UCC3918DP Datasheet HTML 1Page - Texas Instruments UCC3918DP Datasheet HTML 2Page - Texas Instruments UCC3918DP Datasheet HTML 3Page - Texas Instruments UCC3918DP Datasheet HTML 4Page - Texas Instruments UCC3918DP Datasheet HTML 5Page - Texas Instruments UCC3918DP Datasheet HTML 6Page - Texas Instruments UCC3918DP Datasheet HTML 7Page - Texas Instruments UCC3918DP Datasheet HTML 8Page - Texas Instruments UCC3918DP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
UCC3918
LOW ONRESISTANCE HOT SWAP POWER MANAGER
SLUS384B – NOVEMBER 1999 – REVISED JUNE 2000
3
www.ti.com
electrical characteristics at TA = 0°C to 70°C, VIN = 5 V, RIMAX = 42.2 kΩ, RIFAULT = 52.3 kΩ,
SHTDWN = 2.4 V, TA = TJ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Supply Section
Voltage input range, VIN
3
5
6
V
VDD supply current
No load
1
2
mA
Sleep mode current
SHTDWN = 0.2 V
0.5
5
µA
Output Section
IOUT = 1 A to 4 A,
VIN = 5 V,
TA = 25°C
0.075
0.095
R
IOUT = 1 A to 4 A,
VIN = 3 V,
TA = 25°C
0.09
0.116
RDS(on)
IOUT = 1 A to 4 A,
VIN = 5 V
0.075
0.125
IOUT = 1A to 4A,
VIN = 3 V
0.09
0.154
Reverse leakage current
SHTDWN = 0 V,
VIN = 0 V
VOUT = 5 V
20
µA
Initial startup time
See Note 1
100
µs
Thermal shutdown
VIN = 5 V,
See Note 1
170
_C
Thermal hysteresis
See Note 1
10
_C
Output leakage
SHTDWN = 0.2 V,
VOUT = 0 V
20
µA
RIFAULT = 105 kΩ
0.75
1
1.25
A
Trip current
RIFAULT = 52.3 kΩ
1.7
2
2.3
A
Trip current
RIFAULT = 34.8 kΩ
2.5
3
3.5
A
RIFAULT = 25.5 kΩ
3.3
4
4.7
A
RIMAX = 118 kΩ
0.3
1
1.7
A
RIMAX = 60.4 kΩ
1
2
3
A
Maximum output current
RIMAX = 42.2 kΩ
2
3
4
A
Maximum out ut current
RIMAX = 33.2 kΩ
2.5
3.8
5.1
A
RIMAX = 27.4 kΩ
3.0
4.6
6.2
A
Fault Section
CT charge current
VCT = 1 V
–50
–36
–22
µA
CT discharge current
VCT = 1 V
0.5
1.2
2.0
µA
Output duty cycle
VOUT = 0 V
1.5
3
6
%
CT fault threshold
0.8
1.3
1.8
V
CT reset threshold
0.25
0.5
0.75
V
Shutdown Section
Shutdown threshold
1.1
1.5
2.0
V
Shutdown hysteresis
100
mV
Input low current
SHTDWN = 0V
–500
0
500
nA
Input high current
SHTDWN = 2V
–2
–1
–0.5
µA
Open Drain Fault Output Section
High level output current
1
µA
Low level output voltage
IOUT = 1mA
0.4
0.9
V
NOTE 1: Ensured by design. Not production tested.


Similar Part No. - UCC3918DP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3918DP TI1-UCC3918DP Datasheet
367Kb / 13P
[Old version datasheet]   LOW ON-RESISTANCE HOT SWAP POWER MANAGER
UCC3918DPG4 TI1-UCC3918DPG4 Datasheet
367Kb / 13P
[Old version datasheet]   LOW ON-RESISTANCE HOT SWAP POWER MANAGER
UCC3918DPTR TI1-UCC3918DPTR Datasheet
367Kb / 13P
[Old version datasheet]   LOW ON-RESISTANCE HOT SWAP POWER MANAGER
UCC3918DPTRG4 TI1-UCC3918DPTRG4 Datasheet
367Kb / 13P
[Old version datasheet]   LOW ON-RESISTANCE HOT SWAP POWER MANAGER
More results

Similar Description - UCC3918DP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3918 TI1-UCC3918_09 Datasheet
367Kb / 13P
[Old version datasheet]   LOW ON-RESISTANCE HOT SWAP POWER MANAGER
UCC2918 TI-UCC2918 Datasheet
168Kb / 7P
[Old version datasheet]   Low On Resistance Hot Swap Power Manager
UCC2918 TI1-UCC2918_08 Datasheet
205Kb / 10P
[Old version datasheet]   LOW ON-RESISTANCE HOT SWAP POWER MANAGER
UCC39161 TI-UCC39161 Datasheet
258Kb / 4P
[Old version datasheet]   LOW CURRENT HOT SWAP POWER MANAGER
UCC39161 TI1-UCC39161_10 Datasheet
150Kb / 6P
[Old version datasheet]   LOW CURRENT HOT SWAP POWER MANAGER
UCC3912 TI-UCC3912 Datasheet
148Kb / 6P
[Old version datasheet]   Programmable Hot Swap Power Manager
TPS2345 TI1-TPS2345 Datasheet
480Kb / 30P
[Old version datasheet]   CompactPCI짰 HOT SWAP POWER MANAGER
UCC2912 TI1-UCC2912 Datasheet
659Kb / 16P
[Old version datasheet]   PROGRAMMABLE HOT SWAP POWER MANAGER
UCC2913 TI-UCC2913 Datasheet
314Kb / 17P
[Old version datasheet]   NEGATIVE VOLTAGE HOT SWAP POWER MANAGER
UCC3917D TI1-UCC3917D Datasheet
1Mb / 25P
[Old version datasheet]   Positive Floating Hot-Swap Power Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com