Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPI471351G4036L Datasheet(PDF) 4 Page - PCA ELECTRONICS INC.

Part # EPI471351G4036L
Description  Contents Surface Mount Power Inductor
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPI471351G4036L Datasheet(HTML) 4 Page - PCA ELECTRONICS INC.

  EPI471351G4036L Datasheet HTML 1Page - PCA ELECTRONICS INC. EPI471351G4036L Datasheet HTML 2Page - PCA ELECTRONICS INC. EPI471351G4036L Datasheet HTML 3Page - PCA ELECTRONICS INC. EPI471351G4036L Datasheet HTML 4Page - PCA ELECTRONICS INC. EPI471351G4036L Datasheet HTML 5Page - PCA ELECTRONICS INC. EPI471351G4036L Datasheet HTML 6Page - PCA ELECTRONICS INC. EPI471351G4036L Datasheet HTML 7Page - PCA ELECTRONICS INC. EPI471351G4036L Datasheet HTML 8Page - PCA ELECTRONICS INC. EPI471351G4036L Datasheet HTML 9Page - PCA ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
E L E C T R O N I C S I N C .
Surface Mount Power Inductor
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Optimized for National’s LM259X Series
• Low loss material ensures operation in high frequency switching
converters, such as Buck, Boost or as output averaging filter inductor
• Also suitable for use in high quality filter applications
• 150 KHz & 500 KHz Switching Frequency
• Low Cost Inductor
EPI B30 Series
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Primary Specification
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSIXXXXXXB30
Rev. 3
3/5/03
1.8
2.66
4.95
10.6
16
24
35
51
74
108
163
242
360
Induct.
(µH ± 20%)
@ 0 Adc
DCR
(
Ω Typ.)
.007
.008
.018
.042
.067
.101
.153
.235
.358
.535
.836
1.3
2.0
Vt1
(V-µSec)
150 KHz
2.7
3.3
4.7
6.7
8.0
10.0
12.0
14.7
17.3
21.3
26.0
31.3
38.0
@ Vt1
°C (Typ.)
22
21
21
26
29
27
28
29
30
30
31
32
32
Induct.
(µH 15%)
@ Idc
1.7
2.5
4.7
10
15
22
33
47
68
100
150
220
330
Part
Number
EPI1L7312B30
EPI2L5272B30
EPI4L7192B30
EPI100152B30
EPI150132B30
EPI220102B30
EPI330831B30
EPI470701B30
EPI680581B30
EPI101481B30
EPI151391B30
EPI221321B30
EPI331261B30
Core Loss
Idc
(mA)
3100
2700
1900
1500
1300
1000
830
700
580
480
390
320
260
Vt2
(V-µSec)
260 KHz
1.6
2.0
2.8
4.0
---
---
---
---
---
---
---
---
---
National
Semiconductor
Chip
---
---
---
---
LM259X-L16
LM259X-L15
LM259X-L14
LM259X-L13
LM259X-L12
LM259X-L11
LM259X-L10
LM259X-L9
LM259X-L8
@ Vt2
°C (Typ.)
22
21
21
26
---
---
---
---
---
---
---
---
---
Temp.Rise
44
44
44
44
44
44
44
44
44
44
44
44
44
@ Vt1
(mW)
@ Vt2
(mW)
44
44
44
44
---
---
---
---
---
---
---
---
---
Package B30
.415
(10.80)
.350
(8.89)
.430
(10.92)
.360
(9.14)
.400
(10.16)
.060 (1.52)
Suggested
Pad
Latout
.360 Max.
(9.14)
Note: Coplanarity within .005” Max.
PCA
EPIXXXXXXB30
D.C.


Similar Part No. - EPI471351G4036L

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPI471341G3229 PCA-EPI471341G3229 Datasheet
42Kb / 1P
   Surface Mount Power Inductor
More results

Similar Description - EPI471351G4036L

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPI0L8103B44 PCA-EPI0L8103B44 Datasheet
58Kb / 1P
   Surface Mount Power Inductor
EPI1L7312B30 PCA-EPI1L7312B30 Datasheet
59Kb / 1P
   Surface Mount Power Inductor
EPI6L5972BH68 PCA-EPI6L5972BH68 Datasheet
33Kb / 1P
   Surface Mount Power Inductor
EPI0L3552KSP45L PCA-EPI0L3552KSP45L Datasheet
52Kb / 2P
   Surface Mount Power Inductor
EPI0L4592KSP45 PCA-EPI0L4592KSP45 Datasheet
59Kb / 2P
   Surface Mount Power Inductor
EPI1L4143BH44 PCA-EPI1L4143BH44 Datasheet
52Kb / 1P
   Surface Mount Power Inductor
EPI1L0303D PCA-EPI1L0303D Datasheet
40Kb / 1P
   Surface Mount Power Inductor
logo
Murata Manufacturing Co...
30000B MURATA-30000B Datasheet
175Kb / 3P
   Surface Mount Power Inductor
logo
PCA ELECTRONICS INC.
EPI100232G3229 PCA-EPI100232G3229 Datasheet
42Kb / 1P
   Surface Mount Power Inductor
logo
Murata Manufacturing Co...
3000B MURATA-3000B Datasheet
175Kb / 3P
   Surface Mount Power Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com