Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4005-TS01 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # 1N4005-TS01
Description  1.0 Amp Rectifier 600 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1N4005-TS01 Datasheet(HTML) 2 Page - Micro Commercial Components

  1N4005-TS01 Datasheet HTML 1Page - Micro Commercial Components 1N4005-TS01 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
50
75
125
175
0.2
1.0
1.2
1
0
10
20
30
40
50
10
100
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.01
0.1
1
10
100
0.1
1
10
100
1
10
100
25
0
100
150
0.01
0.1
1
10
100
0.1
1
10
100
0.4
0.6
0.8
0
20
40
60
80
100
0.01
0.1
1
10
100
1,000
FIG. 1 - FORWARD CURRENT DERATING CURVE
AMBIENT TEMPERATURE, °C
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
FIG. 2 - MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60 HZ
8.3ms SINGLE HALF SINE WAVE
(JEDEC Method)
TA = 75°C
FIG. 6 - TYPICAL TRANSIENT THERMAL IMPEDANCE
t, PULSE DURATION, sec.
TJ=25°C
f=1.0 MHz
Vsig=50mVp-p
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
TJ=150°C
FIG. 3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
PERCENTAGE OF PEAK REVERSE
VOLTAGE, %
TJ=25°C
0.375” (9.5mm)
LEAD LENGTH
TJ=25°C
PULSE WIDTH=300
µs
1% DUTY CYCLE
0.2 x 0.2”
(5.0 x 5.0mm)
COPPER PADS
60 HZ
RESISTIVE OR INDUCTIVE LOAD
MCC
1N4005-TS01
www.mccsemi.com
Revision: 3
2002/12/31


Similar Part No. - 1N4005-TS01

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N4005-T DIODES-1N4005-T Datasheet
74Kb / 3P
   1.0A RECTIFIER
DS28002 Rev. 7 - 2
logo
Won-Top Electronics
1N4005-T3 WTE-1N4005-T3 Datasheet
52Kb / 3P
   1.0A SILICON RECTIFIER
1N4005-T3 WTE-1N4005-T3 Datasheet
61Kb / 4P
   1.0A STANDARD DIODE
1N4005-TB WTE-1N4005-TB Datasheet
52Kb / 3P
   1.0A SILICON RECTIFIER
1N4005-TB WTE-1N4005-TB Datasheet
61Kb / 4P
   1.0A STANDARD DIODE
More results

Similar Description - 1N4005-TS01

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
SF11-DO41 YFWDIODE-SF11-DO41 Datasheet
390Kb / 3P
   50 to 600 Volts 1.0 Amp Super Fast Rectifier
logo
Central Semiconductor C...
CMR1U-01M CENTRAL-CMR1U-01M Datasheet
86Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER 1.0 AMP, 100 THRU 600 VOLTS
CQ223M CENTRAL-CQ223M Datasheet
75Kb / 2P
   1.0 AMP TRIAC 600 THRU 800 VOLTS
logo
ON Semiconductor
MURHS160T3 ONSEMI-MURHS160T3 Datasheet
125Kb / 5P
   ULTRAFAST RECTIFIER 1.0 AMPERES 600 VOLTS
August, 2005 ??Rev. 1
logo
Micro Commercial Compon...
MR2406FR MCC-MR2406FR Datasheet
389Kb / 3P
   24 Amp Rectifier 600 Volts
SLMB2S MCC-SLMB2S Datasheet
335Kb / 3P
   1.0 Amp Super Fast Recovery Bridge Rectifier 200 to 600 Volts
HS5JL MCC-HS5JL Datasheet
420Kb / 4P
   5 Amp Silicon Rectifier 600 Volts
logo
Central Semiconductor C...
CPD24-CMR1F-06M CENTRAL-CPD24-CMR1F-06M Datasheet
825Kb / 3P
   Fast Rectifier Die 1.0 Amp, 600 Volt
logo
Micro Commercial Compon...
MUR105GP MCC-MUR105GP_13 Datasheet
406Kb / 4P
   1.0 Amp Glass Passivated Super Fast Recovery Rectifier 50 to 600 Volts
logo
Central Semiconductor C...
CPD24-1N4946 CENTRAL-CPD24-1N4946 Datasheet
955Kb / 4P
   Fast Rectifier Die 1.0 Amp, 600 Volt
R1 26-March 2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com