Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91F248 Datasheet(PDF) 7 Page - Fujitsu Component Limited.

Part # MB91F248
Description  32-bit Microcontroller
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB91F248 Datasheet(HTML) 7 Page - Fujitsu Component Limited.

Back Button MB91F248 Datasheet HTML 3Page - Fujitsu Component Limited. MB91F248 Datasheet HTML 4Page - Fujitsu Component Limited. MB91F248 Datasheet HTML 5Page - Fujitsu Component Limited. MB91F248 Datasheet HTML 6Page - Fujitsu Component Limited. MB91F248 Datasheet HTML 7Page - Fujitsu Component Limited. MB91F248 Datasheet HTML 8Page - Fujitsu Component Limited. MB91F248 Datasheet HTML 9Page - Fujitsu Component Limited. MB91F248 Datasheet HTML 10Page - Fujitsu Component Limited. MB91F248 Datasheet HTML 11Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 82 page
background image
MB91245/S Series
7
(Continued)
Pin no.
Pin name
I/O circuit
type*
Function
54 to 61
P97 to P90
E
General-purpose I/O port pins : Valid when analog input is pro-
hibited
AN31 to AN24
Analog input pins of A/D converter : Valid when ADER register is
set to analog input
62 to 69
P87 to P80
E
General-purpose I/O port pins : Valid when analog input is pro-
hibited
AN23 to AN16
Analog input pins of A/D converter : Valid when ADER register is
set to analog input
70
AVCC
Analog power supply input pin for A/D converter
71
AVRH
Analog base voltage input pin for A/D converter
72
AVSS/AVRL
Analog GND/analog base low voltage input pin for A/D converter
73 to 80
P60 to P67
E
General-purpose I/O port pins : Valid when analog input is pro-
hibited
AN0 to AN7
Analog input pins of A/D converter : Valid when ADER register is
set to analog input
81 to 88
PF0 to PF7
E
General-purpose I/O port pins : Valid when analog input is pro-
hibited
AN8 to AN15
Analog input pins of A/D converter : Valid when ADER register is
set to analog input
89
DVCC
Power supply input pins for SMC
90
DVSS
GND pins for SMC
91
PA0
H
General purpose I/O port pin
PWM1P3
PWM output pin of stepping motor controller
92
PA1
H
General purpose I/O port pin
PWM1M3
PWM output pin of stepping motor controller
93
PA2
H
General purpose I/O port pin
PWM2P3
PWM output pin of stepping motor controller
94
PA3
H
General purpose I/O port pin
PWM2M3
PWM output pin of stepping motor controller
95
PE0
H
General purpose I/O port pin
PWM1P4
PWM output pin of stepping motor controller
96
PE1
H
General purpose I/O port pin
PWM1M4
PWM output pin of stepping motor controller
97
PE2
H
General purpose I/O port pin
PWM2P4
PWM output pin of stepping motor controller
98
PE3
H
General purpose I/O port pin
PWM2M4
PWM output pin of stepping motor controller


Similar Part No. - MB91F248

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91F211 FUJITSU-MB91F211 Datasheet
939Kb / 68P
   32-bit Proprietary Microcontroller
MB91F211PMC-GSE1 FUJITSU-MB91F211PMC-GSE1 Datasheet
939Kb / 68P
   32-bit Proprietary Microcontroller
MB91F213 FUJITSU-MB91F213 Datasheet
939Kb / 68P
   32-bit Proprietary Microcontroller
MB91F213PMC-GSE1 FUJITSU-MB91F213PMC-GSE1 Datasheet
939Kb / 68P
   32-bit Proprietary Microcontroller
MB91F223 FUJITSU-MB91F223 Datasheet
943Kb / 88P
   32-bit Microcontroller
More results

Similar Description - MB91F248

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
   32-BIT MICROCONTROLLER
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
   32-BIT MICROCONTROLLER
logo
Cypress Semiconductor
MB91F469GA CYPRESS-MB91F469GA Datasheet
6Mb / 147P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
M052 NUVOTON-M052 Datasheet
1Mb / 71P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUMAKER ETC2-NUMAKER Datasheet
1Mb / 71P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
NANO120 NUVOTON-NANO120 Datasheet
1Mb / 18P
   32-bit Microcontroller
logo
Fujitsu Component Limit...
MB91230 FUJITSU-MB91230 Datasheet
298Kb / 66P
   32-bit Microcontroller
MB91305 FUJITSU-MB91305 Datasheet
880Kb / 90P
   32-bit Microcontroller
MB91F467BA FUJITSU-MB91F467BA Datasheet
1Mb / 136P
   32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com