Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKT050102L101A Datasheet(PDF) 1 Page - Sharma Electro Components,Inc

Part # MKT050102L101A
Description  FILM CAPACITORS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

MKT050102L101A Datasheet(HTML) 1 Page - Sharma Electro Components,Inc

  MKT050102L101A Datasheet HTML 1Page - Sharma Electro Components,Inc MKT050102L101A Datasheet HTML 2Page - Sharma Electro Components,Inc MKT050102L101A Datasheet HTML 3Page - Sharma Electro Components,Inc MKT050102L101A Datasheet HTML 4Page - Sharma Electro Components,Inc MKT050102L101A Datasheet HTML 5Page - Sharma Electro Components,Inc MKT050102L101A Datasheet HTML 6Page - Sharma Electro Components,Inc MKT050102L101A Datasheet HTML 7Page - Sharma Electro Components,Inc MKT050102L101A Datasheet HTML 8Page - Sharma Electro Components,Inc MKT050102L101A Datasheet HTML 9Page - Sharma Electro Components,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
Series
Dielectric/
Lead Spacing
Capacitance Range
Style
(Former Series)
Construction
millimeters / (inches)
Voltage Range
MKT 050
Metallized Polyester
5.0 (0.200”)
0.001 µF to 1.0 µF
(MKT1.85)
Molded can
50 VDC to 400 VDC
MKT 075
Metallized Polyester
7.5 (0.300”)
0.033 µF to 0.33 µF
(MKT1.67)
Molded can
100 VDC to 630 VDC
MKT 100
Metallized Polyester
10.0 (0.400”), 15.0 (0.600”),
0.001 µF to 6.8 µF
(MKT1.60)
Molded can
22.5 (0.886”), 27.5 (1.083”)
100 VDC to 1000 VDC
MKT 00S
Metallized Polyester
Surface Mount
0.01 µF to 0.22 µF
(SMX)
Epoxy molded
50 VDC to 630 VDC
MKT D01
Metallized Polyester
10.0 (0.400”), 15.0 (0.600”),
0.001 µF to 6.8 µF
(MPD-1)
Epoxy dipped
22.5 (0.886”), 27.5 (1.083”)
100 VDC to 630VDC
MKT D02
Metallized Polyester
10.0 (0.400”), 15.0 (0.600”),
0.01 µF to 3.9 µF
(MPD-2)
Epoxy dipped
17.5 (0.689”), 25.0 (0.984”)
100 VDC to 630VDC
27.5 (1.083”)
MKT D03
Metallized Polyester
10.0 (0.400”), 15.0 (0.600”),
0.01 µF to 3.9 µF
(MPD-3)
Epoxy dipped
17.5 (0.689”), 25.0 (0.984”)
100 VDC to 630VDC
27.5 (1.083”)
MKTR
Metallized Polyester
Rounded Axial
0.01 µF to 6.8 µF
(MPR)
Tape wrapped
63 VDC to 630 VDC
MKTO
Metallized Polyester
Oval Axial
0.01 µF to 6.8 µF
(MPO)
Tape wrapped
63 VDC to 630 VDC
PLASTIC FILMS
USED IN CAPACITORS
The capacitance value of a
capacitor depends on the area
of the dielectric separating the
two conductors, its thickness
and
the dielectric constant.
Other properties of the film
such
as
the
temperature
coefficient,
the
dissipation
factor,
the voltage handling
capabilities, its suitability to be
metallized etc. also influence
the choice of the dielectric.
POLYESTER FILM
This film has a relatively high
dielectric
constant
which
makes it suitable for designs
of
a
capacitor
with
high
volumetric efficiency. It also
has high temperature stability,
high
voltage
and
pulse
handling capabilities and can
be
produced
in
very
low
thickness. It can also be
metallized.
Polyester
is
a
popular dielectric for plain film
capacitors
as
well
as
metallized film capacitors.
Quick Reference Guide
FILM CAPACITORS
S
HARMA
MKT 050
MKT 075
MKT 100
MKT 00S
MKT D01
MKT D02
MKT D03
MKTR
MKTO
(former series)
MKT1.85
MKT1.67
MKT1.60
SMX
MPD-1
MPD-2
MPD-3
MPR
MPO
Arcotronics
R.85
R.66
R.60
LDA
-
-
-
-
-
Evox
MMK 5
MMK
MMK
-
-
-
-
-
-
MEPCO*
712A 1
719A 1
719A 1
-
712A 1
712A 1
712A 1
-
-
Philips
370
371
372 & 373
-
367 to 369
366 to 369
367 to 369
-
-
Roederstein
MKT1817
MKT1818
MKT1822
MKT1824
-
-
-
MKT1813
-
Siemens
B32529
B32520/30
B32521/31
-
5140 to 44
5140 to 44
5140 to 44
-
-
Thompson
IRD/MC
IRD/MC
IRD/MC
-
MD
MD
MD
-
-
Wima
MKS 2
MKS 3
MKS 4
SMD 7.3
-
-
-
-
POLYPROPYLENE FILM
The dielectric constant of polypropylene is slightly higher than that of polyester which makes the capacitors relatively bigger in size. This film has
a low dissipation factor and excellent voltage and pulse handling capabilities together with a low and negative temperature coefficient which is
an ideal characteristic for many designs. Polypropylene has the capability to be metallized.
POLYSTYRENE FILM
The dielectric constant of Polystyrene is relatively lower resulting in larger physical size of capacitors. Though the
temperature handling
capability of this film is lower than that of the other films, it is extremely stable within the range. Its low dissipation factor and the negative, near
linear temperature coefficient characteristics make it the ideal dielectric for precision capacitors. Polystyrene cannot be metallized.
Cross Reference Guide
* MEPCO SERIES ARE BEING REPLACED WITH PHILIPS SERIES AS LISTED IN THE TABLE. BOTH SERIES ARE LISTED FOR YOUR CONVENIENCE.
Sharma Film Capacitors


Similar Part No. - MKT050102L101A

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
MKT050 SHARMA-MKT050 Datasheet
327Kb / 2P
   Film Capacitors
More results

Similar Description - MKT050102L101A

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32560 EPCOS-B32560_09 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors
B32572 EPCOS-B32572 Datasheet
282Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors
logo
Sharma Electro Componen...
MKTD04 SHARMA-MKTD04 Datasheet
493Kb / 5P
   Film Capacitors
MKT050 SHARMA-MKT050 Datasheet
327Kb / 2P
   Film Capacitors
logo
EPCOS
B32673Z5474K EPCOS-B32673Z5474K Datasheet
373Kb / 20P
   Film Capacitors
B32924D3335K EPCOS-B32924D3335K Datasheet
356Kb / 17P
   Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com