Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKT100102J500A Datasheet(PDF) 7 Page - Sharma Electro Components,Inc

Part # MKT100102J500A
Description  FILM CAPACITORS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

MKT100102J500A Datasheet(HTML) 7 Page - Sharma Electro Components,Inc

Back Button MKT100102J500A Datasheet HTML 3Page - Sharma Electro Components,Inc MKT100102J500A Datasheet HTML 4Page - Sharma Electro Components,Inc MKT100102J500A Datasheet HTML 5Page - Sharma Electro Components,Inc MKT100102J500A Datasheet HTML 6Page - Sharma Electro Components,Inc MKT100102J500A Datasheet HTML 7Page - Sharma Electro Components,Inc MKT100102J500A Datasheet HTML 8Page - Sharma Electro Components,Inc MKT100102J500A Datasheet HTML 9Page - Sharma Electro Components,Inc MKT100102J500A Datasheet HTML 10Page - Sharma Electro Components,Inc MKT100102J500A Datasheet HTML 11Page - Sharma Electro Components,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
Voltage
100 V DC / 63 V AC
160 V DC / 90 V AC
250 V DC / 160 V AC
400 V DC / 200 V AC
630 V DC / 220 V AC
1000 V DC / 250 V AC
Cap Value
DimensionsinMillimeters
DimensionsinMillimeters
DimensionsinMillimeters
DimensionsinMillimeters
DimensionsinMillimeters
DimensionsinMillimeters
in µF
L
H
T
S
L
H
T
S
L
H
T
S
L
H
T
S
L
H
T
S
L
H
T
S
0.001
13.0
9.0
4.0
10.0
0.0015
13.0
9.0
4.0
10.0
0.0022
13.0
9.0
4.0
10.0
0.0033
13.0
9.0
4.0
10.0
0.0047
13.0
9.0
4.0
10.0
13.0
11.0
5.0
10.0
0.0068
13.0
9.0
4.0
10.0
13.0
12.0
6.0
10.0
0.01
13.0
9.0
4.0
10.0
18.0
11.0
5.0
15.0
0.015
13.0
9.0
4.0
10.0
13.0
11.0
5.0
10.0
18.0
11.0
5.0
15.0
0.022
13.0
9.0
4.0
10.0
13.0
12.0
6.0
10.0
18.0
13.5
7.5
15.0
0.033
13.0
9.0
4.0
10.0
13.0
11.0
5.0
10.0
18.0
11.0
5.0
15.0
26.5
15.0
6.0
22.5
0.047
13.0
9.0
4.0
10.0
18.0
11.0
5.0
15.0
18.0
12.0
6.0
15.0
26.5
15.0
6.0
22.5
0.068
13.0
9.0
4.0
10.0
18.0
11.0
5.0
15.0
18.0
13.5
7.5
15.0
26.5
16.0
7.0
22.5
0.1
13.0
9.0
4.0
10.0
18.0
11.0
5.0
15.0
18.0
12.0
6.0
15.0
26.5
15.0
6.0
22.5
26.5
18.5
10.0
22.5
0.15
13.0
9.0
4.0
10.0
13.0
11.0
5.0
10.0
18.0
11.0
5.0
15.0
18.0
13.5
7.5
15.0
26.5
16.0
7.0
22.5
32.0
20.0
11.0
27.5
0.22
13.0
11.0
5.0
10.0
13.0
11.0
5.0
10.0
18.0
11.0
5.0
15.0
26.5
15.0
6.0
22.5
26.5
17.0
8.5
22.5
32.0
22.0
13.0
27.5
0.33
18.0
11.0
5.0
15.0
18.0
11.0
5.0
15.0
18.0
12.0
6.0
15.0
26.5
16.0
7.0
22.5
32.0
20.0
11.0
27.5
0.47
18.0
11.0
5.0
15.0
18.0
12.0
6.0
15.0
26.5
15.0
6.0
22.5
26.5
17.0
8.5
22.5
32.0
22.0
13.0
27.5
0.68
18.0
12.0
6.0
15.0
18.0
13.5
7.5
15.0
26.5
16.0
7.0
22.5
32.0
17.0
9.0
27.5
1.0
18.0
13.5
7.5
15.0
18.0
14.5
8.5
15.0
26.5
17.0
8.5
22.5
32.0
20.0
11.0
27.5
1.5
26.5
16.0
7.0
22.5
26.5
17.0
8.5
22.5
32.0
17.0
9.0
27.5
2.2
26.5
17.0
8.5
22.5
26.5
18.5
10.0
22.5
32.0
20.0
11.0
27.5
3.3
26.5
18.5
10.0
22.5
32.0
20.0
11.0
27.5
32.0
22.0
13.0
27.5
4.7
32.0
20.0
11.0
27.5
32.0
22.0
13.0
27.5
6.8
32.0
22.0
13.0
27.5
INTRODUCTION:
The MKT 100 Series Metallized Polyester Film Capacitors cover a wide range of
values and voltages. These capacitors also have good high frequency characteristics.
In addition to some specific applications such as Blocking, By-passing and Coupling,
this series is widely used in all General Purpose applications.
FEATURES:
Wide value and Voltage range
Flame retardant case and potting
Consistent dimensions and surface finish due to molded case construction
Self healing capability
MKT 100 SERIES
F
Fo
orrm
me
errlly
y M
MK
KT
T 1
1..6
60
0 s
se
erriie
es
s
DIMENSIONS
AND
TOLERANCES:
"d" - 0.8 mm (0.032"))
"LL'' - 6.0 ± 1.0mm (0.24 ±
0.04")
Tolerance on "s" ± 0.4mm
(0.016")
GENERAL SPECIFICATIONS:
Dissipation factor:
≤ 0.0150 at 10K Hz for capacitance ≤ 1.0 µF ≤ 0.0100 at 1 K
Hz for capacitance> 1.0 µF Insulation resistance: For nominal voltage > 100 V
DC,
≥30,000 M Ohms for C≤ 0.33 µF, ≥10,000 seconds for C> 0.33 µF, For
nominal voltage
≤ 100 V DC, ≥10,000 M Ohms for C≤ 0.10 µF, ≥1,000 seconds for
C> 0.10 µF at a temperature of 25 ± 5 °C. Capacitance tolerance: ±5%(J),
±10%(K) and ±20%(M). Voltage Test: 1.6 times the rated voltage applied between
terminals for 2 seconds at a temperature of 25 ± 5 °C. Temperature range: -55 to
100 °C with derating above 85 °C. Climatic category: F M D
RATED
LEAD SPACING mm (inches)
VOLTAGE
10.0
(0.40)
15.0
(0.60)
22.5
(0.89)
27.5
(1.08)
100
6
3
2
1
160
8
5
3
2
250
11
7
4
3
400
20
10
5.5
5
630
30
15
8
7
1000
60
25
15
10
PULSE RISE TIME (dv/dt) Volts per µsec.
LIFE TEST DETAILS:
Capacitors shall withstand 125% DC rated voltage or 100% AC rated voltage applied at 85 °C for 1000 hours. After the test:
1. Capacitance change shall remain within ±5%.
2. Dissipation Factor shall be within 1.5 times the original limits.
3. Insulation Resistance shall be above 50% of the initial limits.
4. There shall be no remarkable change in the appearance and the marking shall remain legible.
Case Dimensions in Millimeters 100V • 160V• 250V• 400V• 630V• 1000V
Sharma Film Capacitors


Similar Part No. - MKT100102J500A

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
MKT100 SHARMA-MKT100 Datasheet
640Kb / 1P
   Film Capacitors
MKT100 SHARMA-MKT100 Datasheet
318Kb / 2P
   Sharma Film Capacitors
MKT100 SHARMA-MKT100_1 Datasheet
318Kb / 2P
   Sharma Film Capacitors
More results

Similar Description - MKT100102J500A

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32560 EPCOS-B32560_09 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors
B32572 EPCOS-B32572 Datasheet
282Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors
logo
Sharma Electro Componen...
MKTD04 SHARMA-MKTD04 Datasheet
493Kb / 5P
   Film Capacitors
MKT050 SHARMA-MKT050 Datasheet
327Kb / 2P
   Film Capacitors
logo
EPCOS
B32673Z5474K EPCOS-B32673Z5474K Datasheet
373Kb / 20P
   Film Capacitors
B32924D3335K EPCOS-B32924D3335K Datasheet
356Kb / 17P
   Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com