Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKT050102F500A Datasheet(PDF) 4 Page - Sharma Electro Components,Inc

Part # MKT050102F500A
Description  FILM CAPACITORS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

MKT050102F500A Datasheet(HTML) 4 Page - Sharma Electro Components,Inc

  MKT050102F500A Datasheet HTML 1Page - Sharma Electro Components,Inc MKT050102F500A Datasheet HTML 2Page - Sharma Electro Components,Inc MKT050102F500A Datasheet HTML 3Page - Sharma Electro Components,Inc MKT050102F500A Datasheet HTML 4Page - Sharma Electro Components,Inc MKT050102F500A Datasheet HTML 5Page - Sharma Electro Components,Inc MKT050102F500A Datasheet HTML 6Page - Sharma Electro Components,Inc MKT050102F500A Datasheet HTML 7Page - Sharma Electro Components,Inc MKT050102F500A Datasheet HTML 8Page - Sharma Electro Components,Inc MKT050102F500A Datasheet HTML 9Page - Sharma Electro Components,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
Figure 2.3A
Polystyrene
Dissipation Factor Vs. Temperature
2.4 FREQUENCY DEPENDENCE OF
DISSIPATION FACTOR
Dissipation factor increased with frequency. The variation
pattern is different for different dielectrics. The typical
variation pattern for different dielectrics are shown in fig.
2.4A, 2.4B and 2.4C.
2.5 TEMPERATURE DEPENDENCE OF INSULATION
RESISTANCE
The insulation resistance of the dielectric varies with
temperature. The variation pattern is different fro different
dielectric films. The typical variation pattern for different
dielectrics are shown in figure 2.5A, 2.5B and 2.5C.
ELECTRICAL - AC APPLICATIONS
When a capacitor is connected to alternating voltage its
electrodes are alternately charged positive and negative.
The charge alternates with a rhythm of double the
frequency of the alternating voltage. Thus there is
alternating current flowing in the leads of the capacitor.
3.1 ACROSS THE LINE APPLICATIONS
In this application the capacitor is connected between the
lines, ie, between the main phase and neutral line
terminals. In this type of application, failure of capacitor
due to short circuit will not result in an electric shock. The
capacitors rated for normal across the line applications
are termed class-X2 capacitors.
3.2 BETWEEN LINE AND GROUND APPLICATIONS
In this type of application the capacitors are connected
between the line and the ground, ie, between the phase
terminal and the body. In this application, failure of the
capacitor due to short circuit could possibly expose
somebody touching the appliance to an electric shock.
The capacitors rated for this application are termed class-
Y capacitors.
MECHANICAL CHARACTERISTICS
4.1 RESISTANCE TO SOLVENTS
The encapsulation technics adopted in the manufacture of
plastic film capacitors ensure resistance to a wide range
of solvents and cleaning liquids. The epoxy end sealed
boxed capacitors can stand Trichloro trifluorethane,
Methanol, Ethanol, Isopropanol and Aqueous cleaning
solvents.
4.2 SOLDERABILITY
A minimum of 3/4 of the circumferential surface of the
terminations will be covered with new solder when dipped
in molten solder bath at 230 °C
for 2
±1 sec. after
immersing
in methanol - rosin solution at room
temperature for 5 to 10 seconds.
Figure 2.3B
Figure 2.3C
Polyester
Dissipation Factor Vs. Temperature
Polypropylene
Dissipation Factor Vs. Temperature
Figure 2.4A
Figure 2.4B
Polystyrene
Dissipation Factor Vs. Frequency
Polyester
Dissipation Factor Vs. Frequency
Figure 2.4C
Polypropylene
Dissipation Factor Vs. Frequency
Figure 2.5A
Polystyrene
Insulation Resistance Vs. Temperature
Figure 2.5B
Polyester
Insulation Resistance Vs. Temperature
Figure 2.5C
Polypropylene
Insulation Resistance Vs. Temperature
4.3 TERMINAL STRENGTH
The leads are made of tinned copper wire. The terminals are capable of withstanding an axial load of
2.25 Kgs(5 lbs).
ENVIRONMENTAL
RESISTANCE TO HUMIDITY
The capacitor samples will be exposed to 93 ±2 °C for 56 days at 40 ±2 °C. After the test the
capacitance change shall be within 3% of the original value, The insulation resistance shall be within
50% of the initial limits and the dissipation factor shall remain within the initial specifications.
Sharma Film Capacitors


Similar Part No. - MKT050102F500A

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
MKT050 SHARMA-MKT050 Datasheet
327Kb / 2P
   Film Capacitors
More results

Similar Description - MKT050102F500A

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32560 EPCOS-B32560_09 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors
B32572 EPCOS-B32572 Datasheet
282Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors
logo
Sharma Electro Componen...
MKTD04 SHARMA-MKTD04 Datasheet
493Kb / 5P
   Film Capacitors
MKT050 SHARMA-MKT050 Datasheet
327Kb / 2P
   Film Capacitors
logo
EPCOS
B32673Z5474K EPCOS-B32673Z5474K Datasheet
373Kb / 20P
   Film Capacitors
B32924D3335K EPCOS-B32924D3335K Datasheet
356Kb / 17P
   Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com