Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKT050102M500A Datasheet(PDF) 11 Page - Sharma Electro Components,Inc

Part # MKT050102M500A
Description  FILM CAPACITORS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

MKT050102M500A Datasheet(HTML) 11 Page - Sharma Electro Components,Inc

Back Button MKT050102M500A Datasheet HTML 7Page - Sharma Electro Components,Inc MKT050102M500A Datasheet HTML 8Page - Sharma Electro Components,Inc MKT050102M500A Datasheet HTML 9Page - Sharma Electro Components,Inc MKT050102M500A Datasheet HTML 10Page - Sharma Electro Components,Inc MKT050102M500A Datasheet HTML 11Page - Sharma Electro Components,Inc MKT050102M500A Datasheet HTML 12Page - Sharma Electro Components,Inc MKT050102M500A Datasheet HTML 13Page - Sharma Electro Components,Inc MKT050102M500A Datasheet HTML 14Page - Sharma Electro Components,Inc MKT050102M500A Datasheet HTML 15Page - Sharma Electro Components,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
VOLTAGE
DC/AC
Capacitance
100 V DC / 63 V AC
250
V
DC
/
160
V
AC
in
µF
Dimensions in Millimeters
Dimensions in Millimeters
L
H
T
S
L
H
T
S
0.01
10.5
7.5
5.0
7.5
0.012
10.5
8.0
4.5
7.5
0.015
10.5
8.0
4.5
7.5
0.018
10.5
8.0
4.5
7.5
0.022
10.5
7.5
4.5
7.5
10.5
8.0
4.5
7.5
0.027
10.5
7.5
4.5
7.5
10.5
8.5
5.0
7.5
0.033
10.5
7.5
4.5
7.5
10.5
9.0
5.5
7.5
0.039
10.5
7.5
4.5
7.5
10.5
9.0
5.5
7.5
0.047
10.5
7.5
4.5
7.5
13.0
9.5
5.5
10.0
0.056
10.5
7.5
4.5
7.5
13.0
10.0
6.0
10.0
0.068
10.5
7.5
4.5
7.5
18.0
9.5
5.5
15.0
0.082
10.5
7.5
4.5
7.5
18.0
10.5
5.5
15.0
0.1
10.5
7.5
4.5
7.5
18.0
11.0
6.0
15.0
0.12
10.5
8.5
5.0
7.5
18.0
11.5
6.5
15.0
0.15
10.5
9.0
5.5
7.5
18.0
12.0
7.0
15.0
0.18
13.0
9.0
4.5
10.0
18.0
12.5
7.5
15.0
0.22
13.0
9.5
5.0
10.0
21.0
11.5
6.5
17.5
0.27
13.0
9.5
5.5
10.0
21.0
12.0
7.0
17.5
0.33
13.0
10.0
6.0
10.0
21.0
12.5
8.0
17.5
0.39
13.0
10.5
6.5
10.0
21.0
13.5
8.0
17.5
0.47
13.0
11.0
7.0
10.0
21.0
14.5
8.0
17.5
0.56
18.0
10.5
5.5
15.0
29.0
14.0
7.5
25.0
0.68
18.0
11.0
6.0
15.0
29.0
15.0
8.0
25.0
0.82
18.0
11.5
6.5
15.0
29.0
15.5
9.0
25.0
1.0
18.0
12.0
7.0
15.0
29.0
18.5
9.0
25.0
1.2
18.0
13.0
7.5
15.0
29.0
19.5
9.5
25.0
1.5
18.0
14.0
8.5
15.0
29.0
20.5
10.5
25.0
1.8
21.0
14.0
8.5
17.5
29.0
21.5
12.0
25.0
2.2
21.0
15.0
9.0
17.5
29.0
22.5
13.0
25.0
2.7
21.0
16.0
10.0
17.5
3.3
21.0
17.5
10.5
17.5
3.9
21.0
18.5
11.0
17.5
VOLTAGE
DC/AC
CAPACITANCE
400
V
DC
/
200
V
AC
630
V
DC
/
220
V
AC
in
µF
Dimensions in Millimeters
Dimensions in Millimeters
L
H
T
S
L
H
T
S
0.01
10.5
7.5
5.0
7.5
18.0
8.5
5.0
15.0
0.012
10.5
8.0
4.5
7.5
18.0
8.5
4.5
15.0
0.015
10.5
8.0
4.5
7.5
18.0
9.0
5.0
15.0
0.018
18.0
8.0
4.5
15.0
18.0
9.5
5.5
15.0
0.022
18.0
8.5
4.5
15.0
18.0
10.5
5.5
15.0
0.027
18.0
9.0
5.0
15.0
18.0
10.5
6.5
15.0
0.033
18.0
9.5
5.5
15.0
18.0
11.0
7.0
15.0
0.039
18.0
10.0
6.0
15.0
21.0
10.5
6.0
17.5
0.047
18.0
10.5
6.5
15.0
21.0
11.0
6.0
17.5
0.056
18.0
11.0
7.0
15.0
21.0
11.5
6.5
17.5
0.068
18.0
11.5
7.5
15.0
21.0
12.0
7.0
17.5
0.082
21.0
11.0
6.0
17.5
21.0
12.5
8.0
17.5
0.1
21.0
11.5
6.5
17.5
21.0
14.5
8.5
17.5
0.12
21.0
12.0
7.0
17.5
21.0
15.5
9.0
17.5
0.15
21.0
13.0
8.0
17.5
29.0
14.0
8.5
25.0
0.18
21.0
14.5
8.0
17.5
29.0
15.5
9.0
25.0
0.22
21.0
15.0
8.5
17.5
29.0
16.0
9.0
25.0
0.27
21.0
16.0
9.5
17.5
29.0
18.5
9.0
25.0
0.33
29.0
15.0
8.5
25.0
31.0
19.0
9.5
27.5
0.39
29.0
16.0
9.5
25.0
31.0
20.0
10.5
27.5
0.47
29.0
16.5
10.0
25.0
31.0
21.0
11.5
27.5
0.56
29.0
19.5
10.0
25.0
0.68
29.0
20.5
11.0
25.0
0.82
29.0
21.5
12.0
25.0
1.0
29.0
23.0
13.0
25.0
Case Dimensions in Millimeters 100V • 250V • 400V • 630V
VOLTAGE
DC/AC
CAPACITANCE
100 V DC / 63 V AC
250
V
DC
/
160
V
AC
in
µF
Dimensions in Inches
Dimensions in Inches
L
H
T
S
L
H
T
S
0.01
0.413
0.295
0.197
0.295
0.012
0.413
0.315
0.177
0.295
0.015
0.413
0.315
0.177
0.295
0.018
0.413
0.315
0.177
0.295
0.022
0.413
0.295
0.177
0.295
0.413
0.315
0.177
0.295
0.027
0.413
0.295
0.177
0.295
0.413
0.335
0.197
0.295
0.033
0.413
0.295
0.177
0.295
0.413
0.354
0.217
0.295
0.039
0.413
0.295
0.177
0.295
0.413
0.354
0.217
0.295
0.047
0.413
0.295
0.177
0.295
0.512
0.374
0.217
0.394
0.056
0.413
0.295
0.177
0.295
0.512
0.394
0.236
0.394
0.068
0.413
0.295
0.177
0.295
0.709
0.374
0.217
0.591
0.082
0.413
0.295
0.177
0.295
0.709
0.413
0.217
0.591
0.1
0.413
0.295
0.177
0.295
0.709
0.433
0.236
0.591
0.12
0.413
0.335
0.197
0.295
0.709
0.453
0.256
0.591
0.15
0.413
0.354
0.217
0.295
0.709
0.472
0.276
0.591
0.18
0.512
0.354
0.177
0.394
0.709
0.492
0.295
0.591
0.22
0.512
0.374
0.197
0.394
0.827
0.453
0.256
0.689
0.27
0.512
0.374
0.217
0.394
0.827
0.472
0.276
0.689
0.33
0.512
0.394
0.236
0.394
0.827
0.492
0.315
0.689
0.39
0.512
0.413
0.256
0.394
0.827
0.531
0.315
0.689
0.47
0.512
0.433
0.276
0.394
0.827
0.571
0.315
0.689
0.56
0.709
0.413
0.217
0.591
1.142
0.551
0.295
0.984
0.68
0.709
0.433
0.236
0.591
1.142
0.591
0.315
0.984
0.82
0.709
0.453
0.256
0.591
1.142
0.610
0.354
0.984
1.0
0.709
0.472
0.276
0.591
1.142
0.728
0.354
0.984
1.2
0.709
0.512
0.295
0.591
1.142
0.768
0.374
0.984
1.5
0.709
0.551
0.335
0.591
1.142
0.807
0.413
0.984
1.8
0.827
0.551
0.335
0.689
1.142
0.846
0.472
0.984
2.2
0.827
0.591
0.354
0.689
1.142
0.886
0.512
0.984
2.7
0.827
0.630
0.394
0.689
3.3
0.827
0.689
0.413
0.689
3.9
0.827
0.728
0.433
0.689
VOLTAGE
DC/AC
CAPACITANCE
400
V
DC
/
200
V
AC
630
V
DC
/
220
V
AC
in
µF
Dimensions in Inches
Dimensions in Inches
L
H
T
S
L
H
T
S
0.01
0.413
0.295
0.197
0.295
0.709
0.335
0.197
0.591
0.012
0.413
0.315
0.177
0.295
0.709
0.335
0.177
0.591
0.015
0.413
0.315
0.177
0.295
0.709
0.354
0.197
0.591
0.018
0.709
0.315
0.177
0.591
0.709
0.374
0.217
0.591
0.022
0.709
0.335
0.177
0.591
0.709
0.413
0.217
0.591
0.027
0.709
0.354
0.197
0.591
0.709
0.413
0.256
0.591
0.033
0.709
0.374
0.217
0.591
0.709
0.433
0.276
0.591
0.039
0.709
0.394
0.236
0.591
0.827
0.413
0.236
0.689
0.047
0.709
0.413
0.256
0.591
0.827
0.433
0.236
0.689
0.056
0.709
0.433
0.276
0.591
0.827
0.453
0.256
0.689
0.068
0.709
0.453
0.295
0.591
0.827
0.472
0.276
0.689
0.082
0.827
0.433
0.236
0.689
0.827
0.492
0.315
0.689
0.1
0.827
0.453
0.256
0.689
0.827
0.571
0.335
0.689
0.12
0.827
0.472
0.276
0.689
0.827
0.610
0.354
0.689
0.15
0.827
0.512
0.315
0.689
1.142
0.551
0.335
0.984
0.18
0.827
0.571
0.315
0.689
1.142
0.610
0.354
0.984
0.22
0.827
0.591
0.335
0.689
1.142
0.630
0.354
0.984
0.27
0.827
0.630
0.374
0.689
1.142
0.728
0.354
0.984
0.33
1.142
0.591
0.335
0.984
1.220
0.748
0.374
1.083
0.39
1.142
0.630
0.374
0.984
1.220
0.787
0.413
1.083
0.47
1.142
0.650
0.394
0.984
1.220
0.827
0.453
1.083
0.56
1.142
0.768
0.394
0.984
0.68
1.142
0.807
0.433
0.984
0.82
1.142
0.846
0.472
0.984
1.0
1.142
0.906
0.512
0.984
Case Dimensions in Inches 100V • 250V • 400V • 630V
MKT D02 SERIES CASE DIMENSIONS
Sharma Film Capacitors


Similar Part No. - MKT050102M500A

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
MKT050 SHARMA-MKT050 Datasheet
327Kb / 2P
   Film Capacitors
More results

Similar Description - MKT050102M500A

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32560 EPCOS-B32560_09 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors
B32572 EPCOS-B32572 Datasheet
282Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors
logo
Sharma Electro Componen...
MKTD04 SHARMA-MKTD04 Datasheet
493Kb / 5P
   Film Capacitors
MKT050 SHARMA-MKT050 Datasheet
327Kb / 2P
   Film Capacitors
logo
EPCOS
B32673Z5474K EPCOS-B32673Z5474K Datasheet
373Kb / 20P
   Film Capacitors
B32924D3335K EPCOS-B32924D3335K Datasheet
356Kb / 17P
   Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com