Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M30622M6P Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # M30622M6P
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30622M6P Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button M30622M6P Datasheet HTML 3Page - Renesas Technology Corp M30622M6P Datasheet HTML 4Page - Renesas Technology Corp M30622M6P Datasheet HTML 5Page - Renesas Technology Corp M30622M6P Datasheet HTML 6Page - Renesas Technology Corp M30622M6P Datasheet HTML 7Page - Renesas Technology Corp M30622M6P Datasheet HTML 8Page - Renesas Technology Corp M30622M6P Datasheet HTML 9Page - Renesas Technology Corp M30622M6P Datasheet HTML 10Page - Renesas Technology Corp M30622M6P Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 87 page
background image
1. Overview
M16C/62 Group (M16C/62P, M16C/62PT)
4
8
f
o
3
0
0
2
,
7
0
.
v
o
N
0
1
.
2
.
v
e
R
page 7
1.4 Product List
Tables 1.4 to 1.7 list the product list, figure 1.3 shows the type numbers, memory sizes and packages,
table 1.8 lists the product code of flash memory version and external ROM version for M16C/62P. Fig-
ure 1.4 shows the marking diagram of flash memory version and external ROM version for M16C/62P.
Please specify the mark of the mask ROM version at the time of ROM order.
Please ask separately marking of the flash memory version of M16C/62PT.
4K bytes
64K bytes
M30622M8P-XXXFP
4K bytes
48K bytes
M30622M6P-XXXFP
100P6Q-A
M30622M8P-XXXGP
M30622M6P-XXXGP
RAM capacity
ROM capacity
Package type
Remarks
Type No.
As of Nov. 2003
100P6S-A
MASK ROM version
(D): Under development
(P): Under planning
100P6Q-A
100P6S-A
(D)
(D)
(D)
(D)
5K bytes
96K bytes
M30622MAP-XXXFP
M30622MAP-XXXGP
100P6Q-A
100P6S-A
80P6S-A
M30623M6P-XXXGP
M30623M8P-XXXGP
80P6S-A
M30623MAP-XXXGP
80P6S-A
12K bytes
192K bytes
M30622MEP-XXXFP
10K bytes
128K bytes
M30620MCP-XXXFP
M30622MEP-XXXGP
M30620MCP-XXXGP
100P6Q-A
100P6S-A
100P6Q-A
100P6S-A
M30623MEP-XXXGP
128P6Q-A
M30624MGP-XXXFP
100P6S-A
20K bytes
M30624MGP-XXXGP
100P6Q-A
M30625MGP-XXXGP
128P6Q-A
M30622MGP-XXXFP
100P6S-A
12K bytes
256K bytes
M30622MGP-XXXGP
100P6Q-A
128P6Q-A
M30623MGP-XXXGP
M30626MWP-XXXFP
100P6S-A
31K bytes
M30626MWP-XXXGP
100P6Q-A
128P6Q-A
M30627MWP-XXXGP
M30624MWP-XXXFP
100P6S-A
100P6Q-A
24K bytes
320K bytes
M30624MWP-XXXGP
128P6Q-A
M30625MWP-XXXGP
M30622MWP-XXXFP
100P6S-A
16K bytes
M30622MWP-XXXGP
100P6Q-A
M30626MHP-XXXFP
100P6S-A
31K bytes
M30626MHP-XXXGP
100P6Q-A
128P6Q-A
M30623MWP-XXXGP
128P6Q-A
M30627MHP-XXXGP
100P6S-A
M30624MHP-XXXFP
100P6Q-A
24K bytes
384K bytes
M30624MHP-XXXGP
128P6Q-A
M30625MHP-XXXGP
M30622MHP-XXXFP
100P6S-A
16K bytes
M30622MHP-XXXGP
100P6Q-A
128P6Q-A
M30623MHP-XXXGP
(D)
(D)
(D)
(D)
(D)
(D)
(D)
(D)
(D)
M30621MCP-XXXGP
80P6S-A
(D)
(D)
(D)
(D)
Table 1.4 Product List (1) (M16C/62P)


Similar Part No. - M30622M6P

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M30622M6P- RENESAS-M30622M6P- Datasheet
1Mb / 103P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30622M6P-XXXFP RENESAS-M30622M6P-XXXFP Datasheet
1Mb / 101P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30622M6P-XXXGP RENESAS-M30622M6P-XXXGP Datasheet
1Mb / 101P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results

Similar Description - M30622M6P

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP922000 SONY-CXP922000 Datasheet
146Kb / 6P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M30621FCMGP MITSUBISHI-M30621FCMGP Datasheet
594Kb / 24P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Sony Corporation
CXP913040 SONY-CXP913040 Datasheet
307Kb / 26P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M32C MITSUBISHI-M32C Datasheet
5Mb / 441P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30620MCM MITSUBISHI-M30620MCM Datasheet
414Kb / 33P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37735MHB MITSUBISHI-M37735MHB Datasheet
1Mb / 90P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37733M4LXXXHP MITSUBISHI-M37733M4LXXXHP Datasheet
469Kb / 31P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
16C26 RENESAS-16C26 Datasheet
238Kb / 39P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M306V8FJFP RENESAS-M306V8FJFP Datasheet
3Mb / 365P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C30 RENESAS-M16C30_02 Datasheet
2Mb / 178P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62 RENESAS-M16C62 Datasheet
3Mb / 231P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com