Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE97632ES Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PE97632ES
Description  3.2 GHz Delta-Sigma modulated Fractional-N Frequency Synthesizer for Low Phase Noise Applications
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PE97632ES Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PE97632ES Datasheet HTML 1Page - List of Unclassifed Manufacturers PE97632ES Datasheet HTML 2Page - List of Unclassifed Manufacturers PE97632ES Datasheet HTML 3Page - List of Unclassifed Manufacturers PE97632ES Datasheet HTML 4Page - List of Unclassifed Manufacturers PE97632ES Datasheet HTML 5Page - List of Unclassifed Manufacturers PE97632ES Datasheet HTML 6Page - List of Unclassifed Manufacturers PE97632ES Datasheet HTML 7Page - List of Unclassifed Manufacturers PE97632ES Datasheet HTML 8Page - List of Unclassifed Manufacturers PE97632ES Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Document No. 70-0205-02
│ www.psemi.com
©2006 Peregrine Semiconductor Corp. All rights reserved.
Page 1 of 16
Peregrine’s PE97632 is a high performance fractional-N PLL
capable of frequency synthesis up to 3.2 GHz. The device is
designed for superior phase noise performance while providing
an order of magnitude reduction in current consumption, when
compared with the existing commercial space PLLs.
The PE97632 features a 10/11 dual modulus prescaler,
counters, a delta sigma modulator, and a phase comparator as
shown in Figure 1. Counter values are programmable through
either a serial interface or directly hard-wired.
The PE97632 is optimized for commercial space applications.
Single Event Latch up (SEL) is physically impossible and
Single Event Upset (SEU) is better than 10-9 errors per bit /
day. Fabricated in Peregrine’s patented UTSi® (Ultra Thin
Silicon) CMOS technology, the PE97632 offers excellent RF
performance and intrinsic radiation tolerance.
Advance Information
3.2 GHz Delta-Sigma modulated
Fractional-N Frequency Synthesizer
for Low Phase Noise Applications
Product Description
Figure 1. Block Diagram
PE97632
Features
3.2 GHz operation
÷10/11 dual modulus prescaler
Phase detector output
Serial or Direct mode access
Frequency selectivity: Comparison
frequency / 218
Low power — 50 mA at 3.3 V
Rad-Hard
Ultra-low phase noise
68-lead CQFJ
Auxilia-
ry
20-bit
Latch
F
in
F
in
Prescaler
10/11
Main
Counter
20
Secon-
dary
20-bit
Latch
Primary
21-bit
Latch
R Counter
f
r
Phase
Detector
6
6
13
Sdata
PD_U
PD_D
DSM
4
18
13
+
19
20
18
K
17:0
M
8:0
A
3:0
R
5:0
Pre_en
Direct


Similar Part No. - PE97632ES

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE97632 PSEMI-PE97632 Datasheet
435Kb / 15P
   3.5 GHz Delta-Sigma modulated Fractional-N Frequency Synthesizer for Low Phase Noise Applications
PE97632DIE PSEMI-PE97632DIE Datasheet
1Mb / 16P
   3.5 GHz Delta-Sigma Modulated Fractional-N Frequency Synthesizer for Low Phase Noise Applications
More results

Similar Description - PE97632ES

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE9763 PSEMI-PE9763 Datasheet
353Kb / 15P
   3.2 GHz Delta-Sigma modulated Fractional-N Frequency Synthesizer for Low Phase Noise Applications
logo
Peregrine Semiconductor...
PE9763 PEREGRINE-PE9763 Datasheet
290Kb / 15P
   3.2 GHz Delta-Sigma modulated Fractional-N Frequency Synthesizer for Low Phase Noise Applications
logo
Peregrine Semiconductor
PE97632 PSEMI-PE97632 Datasheet
435Kb / 15P
   3.5 GHz Delta-Sigma modulated Fractional-N Frequency Synthesizer for Low Phase Noise Applications
PE97632DIE PSEMI-PE97632DIE Datasheet
1Mb / 16P
   3.5 GHz Delta-Sigma Modulated Fractional-N Frequency Synthesizer for Low Phase Noise Applications
logo
Asahi Kasei Microsystem...
AK1590 AKM-AK1590 Datasheet
988Kb / 36P
   1GHz Delta-Sigma Fractional-N Frequency Synthesizer
AK1541 AKM-AK1541 Datasheet
909Kb / 36P
   20 to 600MHz Delta-Sigma Fractional -N Frequency Synthesizer
AK1541 AKM-AK1541_17 Datasheet
944Kb / 37P
   20 to 600Mhz Delta-Sigma Fractional-N Frequency Synthesizer
AK1543 AKM-AK1543 Datasheet
840Kb / 35P
   1300MHz Delta-Sigma FractionalSigma -N Frequency Synthesizer
logo
Texas Instruments
LMX2485 TI1-LMX2485_16 Datasheet
1Mb / 46P
[Old version datasheet]   3-GHz Delta-Sigma Low-Power Dual PLLatinum Frequency Synthesizer
logo
NXP Semiconductors
SA8028 PHILIPS-SA8028 Datasheet
278Kb / 28P
   2.5 GHz sigma delta fractional-N / 760 MHz IF integer frequency synthesizers
2002 Feb 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com