Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL12029IV27Z-T Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL12029IV27Z-T
Description  Real Time Clock/Calendar with EEPROM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12029IV27Z-T Datasheet(HTML) 4 Page - Intersil Corporation

  ISL12029IV27Z-T Datasheet HTML 1Page - Intersil Corporation ISL12029IV27Z-T Datasheet HTML 2Page - Intersil Corporation ISL12029IV27Z-T Datasheet HTML 3Page - Intersil Corporation ISL12029IV27Z-T Datasheet HTML 4Page - Intersil Corporation ISL12029IV27Z-T Datasheet HTML 5Page - Intersil Corporation ISL12029IV27Z-T Datasheet HTML 6Page - Intersil Corporation ISL12029IV27Z-T Datasheet HTML 7Page - Intersil Corporation ISL12029IV27Z-T Datasheet HTML 8Page - Intersil Corporation ISL12029IV27Z-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
4
FN6206.6
October 18, 2006
Absolute Maximum Ratings
Thermal Information
Voltage on VDD, VBAT, SCL, SDA, and IRQ/FOUT Pins
(respect to ground) . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 6.0V
Voltage on X1 and X2 Pins
(respect to ground) . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 2.5V
Latchup (Note 1) . . . . . . . . . . . . . . . . . . . Class II, Level B @ +85°C
ESD Rating
MIL-STD-883, Method 3014. . . . . . . . . . . . . . . . . . . . . . . . .>±2kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .>175V
Thermal Resistance (Note 2)
θ
JA (°C/W)
14 Ld SOIC Package . . . . . . . . . . . . . . . . . . . . . . . .
100
14 Ld TSSOP Package . . . . . . . . . . . . . . . . . . . . . .
110
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
Lead Temperature (Soldering, 10s) . . . . . . . . . . . . . . . . . . . . +300°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. Jedec Class II pulse conditions and failure criterion used. Level B exceptions are: Using a max positive pulse of 8.35V on all pins except X1 and
X2, Using a max positive pulse of 2.75V on X1 and X2, and using a max negative pulse of -1V for all pins.
2.
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
DC Electrical Specifications
Unless otherwise noted, VDD = +2.7V to +5.5V, TA = -40°C to +85°C, Typical values are at TA = +25°C
and VDD = 3.3V
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
NOTES
VDD
Main Power Supply
2.7
5.5
V
VBAT
Backup Power Supply
1.8
5.5
V
Electrical Specifications
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
NOTES
IDD1
Supply Current with I2C Active
VDD = 2.7V
500
µA
3, 4, 5
VDD = 5.5V
800
µA
IDD2
Supply Current for Non-Volatile
Programming
VDD = 2.7V
2.5
mA
3, 4, 5
, 3
VDD = 5.5V
3.5
mA
IDD3
Supply Current for Main
Timekeeping (Low Power Mode)
VDD = VSDA = VSCL = 2.7V
10
µA
5
VDD = VSDA = VSCL = 5.5V
20
µA
IBAT
Battery Supply Current
VBAT = 1.8V,
VDD = VSDA = VSCL= VRESET = 0V
800
1000
nA
3, 6, 7
VBAT = 3.0V,
VDD = VSDA = VSCL= VRESET = 0V
850
1200
nA
IBATLKG
Battery Input Leakage
VDD = 5.5V, VBAT = 1.8V
-100
100
nA
VTRIP
VBAT Mode Threshold
1.8
2.2
2.6
V
7
VTRIPHYS VTRIP Hysteresis
30
mV
7, 9
VBATHYS
VBAT Hysteresis
50
mV
7, 9
VDD SR-
VDD Negative Slew Rate
10
V/ms
8
IRQ/FOUT, RESET OUTPUTS
VOL
Output Low Voltage
VDD = 5.5V
IOL = 3mA
0.4
V
VDD = 2.7V
IOL = 1mA
0.4
V
ILO
Output Leakage Current
VDD = 5.5V
VOUT =5.5V
100
400
nA
ISL12029


Similar Part No. - ISL12029IV27Z-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL12029IV27Z INTERSIL-ISL12029IV27Z Datasheet
580Kb / 30P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
ISL12029IV27Z INTERSIL-ISL12029IV27Z Datasheet
580Kb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Renesas Technology Corp
ISL12029IV27Z RENESAS-ISL12029IV27Z Datasheet
1Mb / 29P
   Real Time Clock/Calendar with I2C Bus™ and EEPROM
December 16, 2010
More results

Similar Description - ISL12029IV27Z-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL12027 INTERSIL-ISL12027_10 Datasheet
390Kb / 28P
   Real Time Clock/Calendar with EEPROM
logo
Xicor Inc.
X1240 XICOR-X1240 Datasheet
74Kb / 19P
   Real Time Clock/Calendar with EEPROM
logo
Intersil Corporation
ISL12027 INTERSIL-ISL12027 Datasheet
414Kb / 28P
   Real Time Clock/Calendar with EEPROM
logo
Renesas Technology Corp
ISL12027 RENESAS-ISL12027 Datasheet
1Mb / 29P
   Real Time Clock/Calendar with EEPROM
logo
Intersil Corporation
ISL12026 INTERSIL-ISL12026 Datasheet
381Kb / 24P
   Real Time Clock/Calendar with EEPROM
logo
Xicor Inc.
X1226 XICOR-X1226 Datasheet
420Kb / 24P
   Real Time Clock/Calendar with EEPROM
logo
Intersil Corporation
ISL12028 INTERSIL-ISL12028 Datasheet
423Kb / 28P
   Real Time Clock/Calendar with EEPROM
X1226 INTERSIL-X1226_06 Datasheet
372Kb / 25P
   Real Time Clock/Calendar with EEPROM
X1226 INTERSIL-X1226 Datasheet
388Kb / 25P
   Real Time Clock/Calendar with EEPROM
X1243 INTERSIL-X1243 Datasheet
293Kb / 17P
   Real Time Clock/Calendar/Alarm with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com