Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL12028IVZ-T Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL12028IVZ-T
Description  Real Time Clock/Calendar with EEPROM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12028IVZ-T Datasheet(HTML) 1 Page - Intersil Corporation

  ISL12028IVZ-T Datasheet HTML 1Page - Intersil Corporation ISL12028IVZ-T Datasheet HTML 2Page - Intersil Corporation ISL12028IVZ-T Datasheet HTML 3Page - Intersil Corporation ISL12028IVZ-T Datasheet HTML 4Page - Intersil Corporation ISL12028IVZ-T Datasheet HTML 5Page - Intersil Corporation ISL12028IVZ-T Datasheet HTML 6Page - Intersil Corporation ISL12028IVZ-T Datasheet HTML 7Page - Intersil Corporation ISL12028IVZ-T Datasheet HTML 8Page - Intersil Corporation ISL12028IVZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1
®
ISL12028
Real Time Clock/Calendar with EEPROM
The ISL12028 device is a low power real time clock with
clock/calender, power-fail indicator, clock output and crystal
compensation, two periodic or polled alarms (CMOS output),
intelligent battery backup switching, CPU Supervisor,
integrated 512 x 8 bit EEPROM configured in 16 Byte per
page.
The oscillator uses an external, low-cost 32.768kHz crystal.
The real time clock tracks time with separate registers for
hours, minutes, and seconds. The device has calendar
registers for date, month, year and day of the week. The
calendar is accurate through 2099, with automatic leap year
correction.
Pinout
ISL12028
(14 LD TSSOP/SOIC)
TOP VIEW
Features
• Real Time Clock/Calendar
- Tracks time in Hours, Minutes, and Seconds
- Day of the Week, Day, Month, and Year
- 3 Selectable Frequency Outputs
• Two Non-Volatile Alarms
- Settable on the Second, Minute, Hour, Day of the Week,
Day, or Month
- Repeat Mode (periodic interrupts)
• Automatic Backup to Battery or SuperCap
- Power Failure Detection
- 800nA Battery Supply Current
• On-Chip Oscillator Compensation
- Internal Feedback Resistor and Compensation
Capacitors
- 64 Position Digitally Controlled Trim Capacitor
- 6 Digital Frequency Adjustment Settings to ±30ppm
• 512 x 8 Bits of EEPROM:
- 16-Byte Page Write Mode (32 total pages)
- 8 Modes of Block Lock™ Protection
- Single Byte Write Capability
- Data Retention: 50 years
- Endurance: >2,000,000 Cycles Per Byte
• CPU Supervisor Functions:
- Power On Reset, Low Voltage Sense
- Watchdog Timer (0.25, 0.75, 1.75 sec)
•I2C* Interface - 400kHz Data Transfer Rate
• 14 Ld SOIC and 14 Ld TSSOP Packages
• Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• Utility Meters
• HVAC Equipment
• Audio/Video Components
• Modems
• Network Routers, Hubs, Switches, Bridges
• Cellular Infrastructure Equipment
• Fixed Broadband Wireless Equipment
• Pagers/PDA
• POS Equipment
• Test Meters/Fixtures
• Office Automation (Copiers, Fax)
• Home Appliances
• Computer Products
• Other Industrial/Medical/Automotive
NC = No internal connection
NC
NC
X1
X2
1
2
3
4
13
14
12
11
5
6
7
10
9
8
RESET
GND
VDD
VBAT
FOUT/IRQ
NC
SCL
NC
SDA
NC
New Features
Data Sheet
FN8233.5
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
*I2C is a Trademark of Philips. Copyright Intersil Americas Inc. 2005-2006. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
October 18, 2006


Similar Part No. - ISL12028IVZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL12028IVZ INTERSIL-ISL12028IVZ Datasheet
586Kb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
ISL12028IVZ INTERSIL-ISL12028IVZ Datasheet
584Kb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Renesas Technology Corp
ISL12028IVZ RENESAS-ISL12028IVZ Datasheet
1Mb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
More results

Similar Description - ISL12028IVZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL12027 INTERSIL-ISL12027_10 Datasheet
390Kb / 28P
   Real Time Clock/Calendar with EEPROM
logo
Xicor Inc.
X1240 XICOR-X1240 Datasheet
74Kb / 19P
   Real Time Clock/Calendar with EEPROM
logo
Intersil Corporation
ISL12027 INTERSIL-ISL12027 Datasheet
414Kb / 28P
   Real Time Clock/Calendar with EEPROM
logo
Renesas Technology Corp
ISL12027 RENESAS-ISL12027 Datasheet
1Mb / 29P
   Real Time Clock/Calendar with EEPROM
logo
Intersil Corporation
ISL12026 INTERSIL-ISL12026 Datasheet
381Kb / 24P
   Real Time Clock/Calendar with EEPROM
ISL12029 INTERSIL-ISL12029 Datasheet
426Kb / 28P
   Real Time Clock/Calendar with EEPROM
logo
Xicor Inc.
X1226 XICOR-X1226 Datasheet
420Kb / 24P
   Real Time Clock/Calendar with EEPROM
logo
Intersil Corporation
X1226 INTERSIL-X1226_06 Datasheet
372Kb / 25P
   Real Time Clock/Calendar with EEPROM
X1226 INTERSIL-X1226 Datasheet
388Kb / 25P
   Real Time Clock/Calendar with EEPROM
X1243 INTERSIL-X1243 Datasheet
293Kb / 17P
   Real Time Clock/Calendar/Alarm with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com