Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PZ3032 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PZ3032
Description  32 macrocell CPLD
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PZ3032 Datasheet(HTML) 2 Page - NXP Semiconductors

  PZ3032 Datasheet HTML 1Page - NXP Semiconductors PZ3032 Datasheet HTML 2Page - NXP Semiconductors PZ3032 Datasheet HTML 3Page - NXP Semiconductors PZ3032 Datasheet HTML 4Page - NXP Semiconductors PZ3032 Datasheet HTML 5Page - NXP Semiconductors PZ3032 Datasheet HTML 6Page - NXP Semiconductors PZ3032 Datasheet HTML 7Page - NXP Semiconductors PZ3032 Datasheet HTML 8Page - NXP Semiconductors PZ3032 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Philips Semiconductors
Product specification
PZ3032
32 macrocell CPLD
2
1997 Feb 20
853–1852 17780
FEATURES
Industry’s first TotalCMOS™ PLD – both CMOS design and
process technologies
Fast Zero Power (FZP™) design technique provides ultra-low
power and very high speed
High speed pin-to-pin delays of 8ns
Ultra-low static power of less than 35µA
Dynamic power that is 70% lower at 50MHz than competing
devices
100% routable with 100% utilization while all pins and all
macrocells are fixed
Deterministic timing model that is extremely simple to use
2 clocks with programmable polarity at every macrocell
Support for complex asynchronous clocking
Innovative XPLA™ architecture combines high speed with
extreme flexibility
1000 erase/program cycles guaranteed
20 years data retention guaranteed
Logic expandable to 37 product terms
PCI compliant
Advanced 0.5µ E2CMOS process
Security bit prevents unauthorized access
Design entry and verification using industry standard and Philips
CAE tools
Reprogrammable using industry standard device programmers
Innovative Control Term structure provides either sum terms or
product terms in each logic block for:
– Programmable 3-State buffer
– Asynchronous macrocell register preset/reset
Programmable global 3-State pin facilitates ‘bed of nails’ testing
without using logic resources
Available in both PLCC and TQFP packages
Table 1. PZ3032 Features
PZ3032
Usable gates
1000
Maximum inputs
36
Maximum I/Os
32
Number of macrocells
32
I/O macrocells
32
Buried macrocells
0
Propagation delay (ns)
8.0
Packages
44-pin PLCC, 44-pin TQFP
DESCRIPTION
The PZ3032 CPLD (Complex Programmable Logic Device) is the
first in a family of Fast Zero Power (FZP
™) CPLDs from Philips
Semiconductors. These devices combine high speed and zero
power in a 32 macrocell CPLD. With the FZP
™ design technique,
the PZ3032 offers true pin-to-pin speeds of 8ns, while
simultaneously delivering power that is less than 35
µA at standby
without the need for ‘turbo bits’ or other power down schemes. By
replacing conventional sense amplifier methods for implementing
product terms (a technique that has been used in PLDs since the
bipolar era) with a cascaded chain of pure CMOS gates, the
dynamic power is also substantially lower than any competing CPLD
– 70% lower at 50MHz. These devices are the first TotalCMOS
PLDs, as they use both a CMOS process technology and the
patented full CMOS FZP
™ design technique. For 5V applications,
Philips also offers the high speed PZ5032 CPLD that offers
pin-to-pin speeds of 6ns.
The Philips FZP
™ CPLDs introduce the new patent-pending XPLA™
(eXtended Programmable Logic Array) architecture. The XPLA
architecture combines the best features of both PLA and PAL
™ type
structures to deliver high speed and flexible logic allocation that
results in superior ability to make design changes with fixed pinouts.
The XPLA
™ structure in each logic block provides a fast 8ns PAL™
path with 5 dedicated product terms per output. This PAL
™ path is
joined by an additional PLA structure that deploys a pool of 32
product terms to a fully programmable OR array that can allocate
the PLA product terms to any output in the logic block. This
combination allows logic to be allocated efficiently throughout the
logic block and supports as many as 37 product terms on an output.
The speed with which logic is allocated from the PLA array to an
output is only 2.5ns, regardless of the number of PLA product terms
used, which results in worst case tPD’s of only 10.5ns from any pin
to any other pin. In addition, logic that is common to multiple outputs
can be placed on a single PLA product term and shared across
multiple outputs via the OR array, effectively increasing design
density.
The PZ3032 CPLDs are supported by industry standard CAE tools
(Cadence, Mentor, Synopsys, Synario, Viewlogic, OrCAD), using
text (Abel, VHDL, Verilog) and/or schematic entry. Design
verification uses industry standard simulators for functional and
timing simulation. Development is supported on personal computer,
Sparc, and HP platforms. Device fitting uses either Minc or Philips
Semiconductors-developed tools.
The PZ3032 CPLD is reprogrammable using industry standard
device programmers from vendors such as Data I/O, BP
Microsystems, SMS, and others.
PAL is a registered trademark of Advanced Micro Devices, Inc.


Similar Part No. - PZ3032

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PZ3064 PHILIPS-PZ3064 Datasheet
245Kb / 20P
   64 macrocell CPLD
1997 Mar 05
PZ3064-10A44 PHILIPS-PZ3064-10A44 Datasheet
245Kb / 20P
   64 macrocell CPLD
1997 Mar 05
PZ3064-10A68 PHILIPS-PZ3064-10A68 Datasheet
245Kb / 20P
   64 macrocell CPLD
1997 Mar 05
PZ3064-10A84 PHILIPS-PZ3064-10A84 Datasheet
245Kb / 20P
   64 macrocell CPLD
1997 Mar 05
PZ3064-10BB1 PHILIPS-PZ3064-10BB1 Datasheet
245Kb / 20P
   64 macrocell CPLD
1997 Mar 05
More results

Similar Description - PZ3032

ManufacturerPart #DatasheetDescription
logo
Xilinx, Inc
XCR3032XL-5VQ44C XILINX-XCR3032XL-5VQ44C Datasheet
224Kb / 9P
   XCR3032XL 32 Macrocell CPLD
DS023 XILINX-DS023 Datasheet
77Kb / 8P
   Lowest power 32 macrocell CPLD
logo
Cypress Semiconductor
CY7C371I CYPRESS-CY7C371I Datasheet
214Kb / 12P
   UltraLogic 32-Macrocell Flash CPLD
CY7C371 CYPRESS-CY7C371 Datasheet
539Kb / 11P
   UltraLogic 32-Macrocell Flash CPLD
logo
NXP Semiconductors
PZ3064 PHILIPS-PZ3064 Datasheet
245Kb / 20P
   64 macrocell CPLD
1997 Mar 05
logo
Xilinx, Inc
XCR3128 XILINX-XCR3128 Datasheet
143Kb / 18P
   XCR3128: 128 Macrocell CPLD
XCR3064XL XILINX-XCR3064XL Datasheet
174Kb / 9P
   XCR3064XL 64 Macrocell CPLD
XCR3064XL-6VQ44C XILINX-XCR3064XL-6VQ44C Datasheet
163Kb / 10P
   XCR3064XL 64 Macrocell CPLD
logo
Cypress Semiconductor
CY7C373 CYPRESS-CY7C373 Datasheet
183Kb / 12P
   UltraLogic 64-Macrocell Flash CPLD
CY7C374I CYPRESS-CY7C374I_04 Datasheet
347Kb / 15P
   UltraLogic??128-Macrocell Flash CPLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com