Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PZ3032-10BC Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PZ3032-10BC
Description  32 macrocell CPLD
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PZ3032-10BC Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PZ3032-10BC Datasheet HTML 2Page - NXP Semiconductors PZ3032-10BC Datasheet HTML 3Page - NXP Semiconductors PZ3032-10BC Datasheet HTML 4Page - NXP Semiconductors PZ3032-10BC Datasheet HTML 5Page - NXP Semiconductors PZ3032-10BC Datasheet HTML 6Page - NXP Semiconductors PZ3032-10BC Datasheet HTML 7Page - NXP Semiconductors PZ3032-10BC Datasheet HTML 8Page - NXP Semiconductors PZ3032-10BC Datasheet HTML 9Page - NXP Semiconductors PZ3032-10BC Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Philips Semiconductors
Product specification
PZ3032
32 macrocell CPLD
1997 Feb 20
6
Simple Timing Model
Figure 4 shows the CoolRunner
™ Timing Model. The CoolRunner™
timing model looks very much like a 22V10 timing model in that
there are three main timing parameters, including tPD, tSU, and tCO.
In other competing architectures, the user may be able to fit the
design into the CPLD, but is not sure whether system timing
requirements can be met until after the design has been fit into the
device. This is because the timing models of competing
architectures are very complex and include such things as timing
dependencies on the number of parallel expanders borrowed,
sharable expanders, varying number of X and Y routing channels
used, etc. In the XPLA
™ architecture, the user knows up front
whether the design will meet system timing requirements. This is
due to the simplicity of the timing model. For example, in the
PZ3032 device, the user knows up front that if a given output uses 5
product terms or less, the tPD = 8ns, the tSU = 6.5ns, and the
tCO = 7.5ns. If an output is using 6 to 37 product terms, an additional
2.5ns must be added to the tPD and tSU timing parameters to
account for the time to propagate through the PLA array.
TotalCMOS
™ Design Technique
for Fast Zero Power
Philips is the first to offer a TotalCMOS
™ CPLD, both in process
technology and design technique. Philips employs a cascade of
CMOS gates to implement its Sum of Products instead of the
traditional sense amp approach. This CMOS gate implementation
allows Philips to offer CPLDs which are both high performance and
low power, breaking the paradigm that to have low power, you must
have low performance. Refer to Figure 5 and Table 2 showing the IDD
vs. Frequency of our PZ3032 TotalCMOS
™ CPLD.
OUTPUT PIN
INPUT PIN
SP00441
tPD_PAL = COMBINATORIAL PAL ONLY
tPD_PLA = COMBINATORIAL PAL + PLA
CLOCK
OUTPUT PIN
INPUT PIN
DQ
REGISTERED
tSU_PAL = PAL ONLY
tSU_PLA = PAL + PLA
REGISTERED
tCO
Figure 4.
CoolRunner
™ Timing Model
0
5
10
15
20
25
30
0
10
20
30
40
50
60
70
80
90
100
110
120
130
TYPICAL
IDD
(mA)
FREQUENCY (MHz)
SP00443
Figure 5.
IDD vs. Frequency @ VDD = 3.3V
Table 2. IDD vs Frequency
VDD = 3.3V
FREQ
(MHz)
0
10
20
30
40
50
60
70
80
90
100
110
120
130
Typical
IDD (mA)
0.01
2.37
4.65
6.80
9.06
11.1
13.5
15.5
17.4
20.0
22.1
24.4
26.6
28.5


Similar Part No. - PZ3032-10BC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PZ3064 PHILIPS-PZ3064 Datasheet
245Kb / 20P
   64 macrocell CPLD
1997 Mar 05
PZ3064-10A44 PHILIPS-PZ3064-10A44 Datasheet
245Kb / 20P
   64 macrocell CPLD
1997 Mar 05
PZ3064-10A68 PHILIPS-PZ3064-10A68 Datasheet
245Kb / 20P
   64 macrocell CPLD
1997 Mar 05
PZ3064-10A84 PHILIPS-PZ3064-10A84 Datasheet
245Kb / 20P
   64 macrocell CPLD
1997 Mar 05
PZ3064-10BB1 PHILIPS-PZ3064-10BB1 Datasheet
245Kb / 20P
   64 macrocell CPLD
1997 Mar 05
More results

Similar Description - PZ3032-10BC

ManufacturerPart #DatasheetDescription
logo
Xilinx, Inc
XCR3032XL-5VQ44C XILINX-XCR3032XL-5VQ44C Datasheet
224Kb / 9P
   XCR3032XL 32 Macrocell CPLD
DS023 XILINX-DS023 Datasheet
77Kb / 8P
   Lowest power 32 macrocell CPLD
logo
Cypress Semiconductor
CY7C371I CYPRESS-CY7C371I Datasheet
214Kb / 12P
   UltraLogic 32-Macrocell Flash CPLD
CY7C371 CYPRESS-CY7C371 Datasheet
539Kb / 11P
   UltraLogic 32-Macrocell Flash CPLD
logo
NXP Semiconductors
PZ3064 PHILIPS-PZ3064 Datasheet
245Kb / 20P
   64 macrocell CPLD
1997 Mar 05
logo
Xilinx, Inc
XCR3128 XILINX-XCR3128 Datasheet
143Kb / 18P
   XCR3128: 128 Macrocell CPLD
XCR3064XL XILINX-XCR3064XL Datasheet
174Kb / 9P
   XCR3064XL 64 Macrocell CPLD
XCR3064XL-6VQ44C XILINX-XCR3064XL-6VQ44C Datasheet
163Kb / 10P
   XCR3064XL 64 Macrocell CPLD
logo
Cypress Semiconductor
CY7C373 CYPRESS-CY7C373 Datasheet
183Kb / 12P
   UltraLogic 64-Macrocell Flash CPLD
CY7C374I CYPRESS-CY7C374I_04 Datasheet
347Kb / 15P
   UltraLogic??128-Macrocell Flash CPLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com