Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC1236 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC1236
Description  9.9 to 12.5 Gbps 16:1 Multiplexer with Clock Multiplier Unit and Demultiplexer with Clock Recovery Chip Set
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC1236 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC1236 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC1236 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BENEFITS:
VSC1235
Full-rate Clock output for use with Clocked Laser Drivers or in RZ Signal Generation
Extremely Low Clock-data Skew
Clock Outputs can be Disabled to Save Power
Integrated PLLs for Superior Jitter Generation and Transfer Performance
Flexible Parallel Data Clocking Using Internal PLL
VSC1236
High Sensitivity Eliminates Need for AGC/Post-amplifier
Adaptive Threshold Control Features to Optimize BER
Proven Performance with Degraded/Difficult Signals Such as:
- Poor OSNR
- Chromatic Dispersion
- Differential Group Delay
- RZ Signaling
SPECIFICA TIONS:
VSC1235
1.2W Typical Power Dissipation
330mVpp Typical Data Output Amplitude
22ps Typical Rise/Fall Time
275mVpp Typical Clock Amplitude
<-10dB Output Return Loss
<0.1UIpp Jitter Generation
5ps Typical Clock-data Skew Variation
VSC1236
1.2W Typical Power Dissipation
10mVpp Single-ended Sensitivity
3mV Maximum Uncorrected Input Referred Offset
Multi-frequency Capable with Selectable CDR VCOs
Auto-sensing /16 or /512 Reference Frequency
Common Specifications
-5 to +90
°C Case Temperature Range
APPLICA TIONS:
SONET OC-192, SDH STM-64 Systems
10GbE, G.975, G.709 and Proprietary FEC Systems
Long Haul / Ultra Long Haul Transmission Systems
Line Cards
Transponders
FEA TURES:
VSC1235
16:1 Data Multiplexer
PLL Based Clock Multiplier
Full-rate Clock Outputs
PLL Based Parallel Data Clocking
Precision Integrated Phase Detectors
Selectable Low Phase Noise VCOs
Surpasses SONET/SDH Jitter Generation/Transfer Requirements
VSC1236
1:16 Data Demultiplexer
PLL Based Clock Recovery
Highly Sensitive Front-end: 10mVpp Single-ended
Powerful Adaptive Threshold Control Features
Support of Multiple Rates with a Single Reference
Surpasses SONET/SDH Jitter Tolerance Requirements
True Loss of Signal Function
Direct Recovery of NRZ and RZ Signals
Common Features
Low Power SiGe Technology
No External Heatsink Required
10x10mm BGA Package
Single 3.3V Power Supply
9.9 to 12.5 Gbps 16:1 Multiplexer with Clock Multiplier Unit and Demultiplexer with
Clock Recovery Chip Set
TRANSPORT PRODUCTS
PB-VSC1235,36-001
VSC1235, VSC1236


Similar Part No. - VSC1236

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC1237 VITESSE-VSC1237 Datasheet
455Kb / 2P
   9.9 to 12.5 Gbps 16:1 Multiplexer with Clock Multiplier Unit and Demultiplexer with Clock Recovery Chip Set
VSC1238 VITESSE-VSC1238 Datasheet
455Kb / 2P
   9.9 to 12.5 Gbps 16:1 Multiplexer with Clock Multiplier Unit and Demultiplexer with Clock Recovery Chip Set
More results

Similar Description - VSC1236

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC1237 VITESSE-VSC1237 Datasheet
455Kb / 2P
   9.9 to 12.5 Gbps 16:1 Multiplexer with Clock Multiplier Unit and Demultiplexer with Clock Recovery Chip Set
logo
Micrel Semiconductor
SY87721L MICREL-SY87721L_08 Datasheet
169Kb / 16P
   CLOCK AND DATA RECOVERY WITH INTEGRATED CLOCK MULTIPLIER UNIT
logo
Vitesse Semiconductor C...
VSC8184 VITESSE-VSC8184 Datasheet
286Kb / 2P
   11.5-12.5Gb/s 1:16 Demultiplexer with Clock Recovery
logo
Micrel Semiconductor
SY87721L MICREL-SY87721L Datasheet
160Kb / 15P
   3.3V 28Mbps-2.7Gbps ANYRATE CLOCK AND DATA RECOVERY WITH INTEGRATED CLOCK MULTIPLIER UNIT
logo
Maxim Integrated Produc...
MAX3882A MAXIM-MAX3882A Datasheet
220Kb / 13P
   2.488Gbps 1:4 Demultiplexer with Clock and Data Recovery and Limiting Amplifier
Rev 2; 4/09
logo
Texas Instruments
CDCS504-Q1 TI1-CDCS504-Q1 Datasheet
1Mb / 18P
[Old version datasheet]   Clock Buffer and Clock Multiplier
CDCS503 TI-CDCS503 Datasheet
307Kb / 9P
[Old version datasheet]   Clock Buffer/Clock Multiplier With Optional SSC
CDCS503-Q1 TI1-CDCS503-Q1 Datasheet
527Kb / 14P
[Old version datasheet]   Clock Buffer/Clock Multiplier With Optional SSC
CDCS503 TI1-CDCS503_16 Datasheet
958Kb / 11P
[Old version datasheet]   Clock Buffer/Clock Multiplier With Optional SSC
logo
Keysight Technologies
N4982A KEYSIGHT-N4982A Datasheet
1Mb / 8P
   Clock Recovery Unit
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com